Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPS0300HR240GB Datasheet(PDF) 1 Page - Vishay Siliconix

Part # LPS0300HR240GB
Description  Power Resistor for Mounting onto a Heatsink Thick Film Technology
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LPS0300HR240GB Datasheet(HTML) 1 Page - Vishay Siliconix

  LPS0300HR240GB Datasheet HTML 1Page - Vishay Siliconix LPS0300HR240GB Datasheet HTML 2Page - Vishay Siliconix LPS0300HR240GB Datasheet HTML 3Page - Vishay Siliconix LPS0300HR240GB Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Document Number: 50052
For technical questions, contact: sfer@vishay.com
www.vishay.com
Revision: 09-Jun-10
61
LPS 300
Vishay Sfernice
Power Resistor for Mounting onto a Heatsink
Thick Film Technology
FEATURES
• 300 W at 85 °C bottom case temperature
• Wide resistance range: 0.3 Ω to 900 kΩ
E24 series
• Non inductive
• Easy mounting
• Low thermal radiation of the case
• Compliant to RoHS directive 2002/95/EC
Note
• Tolerances unless stated: ± 0.2 mm
MECHANICAL SPECIFICATIONS
Mechanical Protection
Insulated case UL 94 V-0
Resistive Element
Thick film
Substrate
Alumina
End Connections
Screws M4
Tightening Torque
- On Connections
2 Nm
- On Heatsink
2 Nm
Maximum Torque
2.5 Nm
Weight
83 g ± 10 %
ENVIRONMENTAL SPECIFICATIONS
Temperature Range
- 55 °C to 120 °C
Climatic Category
55/120/56
DIMENSIONS in millimeters
2 x M4 useful depth: 8
57
34
60
36
2 x Ø 4.2
LPS 300
6K8 5 %
V2
64.7
15.2
21.2
25.2
13.6
Ø 20
25.8 ± 1
ELECTRICAL SPECIFICATIONS
Resistance Range
0.3
Ω to 900 kΩ
Tolerances (Standard)
± 1 % to ± 10 %
Power Rating and
Thermal Resistance
300 W at + 85 °C
bottom case temperature
RTH (j - c): 0.112 °C/W
Temperature Coefficient
R
≤ 1 U: ± 500 ppm/°C
1 U < R
≤ 10 U: ± 300 ppm/°C
10 U < R
: ± 150 ppm/°C
- 55 °C/120 °C
IEC 60115-1
Standard
Limiting Element Voltage UL
5 kV
Dielectric Strength
IEC 60115-1, 1 min,
10 mA max.
7 kVRMS or 12 kVRMS
Insulation Resistance
≥ 104
Inductance
≤ 0.1 µH
Critical Resistance
83.33 k
Ω


Similar Part No. - LPS0300HR240GB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LPS001WP STMICROELECTRONICS-LPS001WP Datasheet
377Kb / 30P
   MEMS pressure sensor 300-1100 mbar absolute digital output barometer
LPS001WPTR STMICROELECTRONICS-LPS001WPTR Datasheet
377Kb / 30P
   MEMS pressure sensor 300-1100 mbar absolute digital output barometer
logo
Bourns Electronic Solut...
LPS0600AJR-S BOURNS-LPS0600AJR-S Datasheet
281Kb / 3P
   LSPxxxxAJR Series LED Shunt Protector
logo
Vishay Siliconix
LPS0800H1JB VISHAY-LPS0800H1JB Datasheet
143Kb / 4P
   Power Resistor for Mounting onto a Heatsink Thick Film Technology
Revision: 27-Oct-10
logo
Bourns Electronic Solut...
LPS0900AJR-S BOURNS-LPS0900AJR-S Datasheet
281Kb / 3P
   LSPxxxxAJR Series LED Shunt Protector
More results

Similar Description - LPS0300HR240GB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LPS300 VISHAY-LPS300_15 Datasheet
126Kb / 5P
   Power Resistor for Mounting onto a Heatsink Thick Film Technology
Revision: 24-Oct-13
LPS600 VISHAY-LPS600_15 Datasheet
128Kb / 5P
   Power Resistor for Mounting onto a Heatsink Thick Film Technology
Revision: 24-Oct-13
RCH VISHAY-RCH Datasheet
125Kb / 6P
   Power Resistor, for Mounting onto a Heatsink Thick Film Technology
Revision: 06-Jul-15
LPS1100 VISHAY-LPS1100_15 Datasheet
100Kb / 5P
   Power Resistor for Mounting onto a Heatsink Thick Film Technology
Revision: 24-Oct-13
RPS250 VISHAY-RPS250_15 Datasheet
93Kb / 4P
   Power Resistor for Mounting onto a Heatsink Thick Film Technology
Revision: 12-Dec-14
LPS600 VISHAY-LPS600 Datasheet
146Kb / 4P
   Power Resistor for Mounting onto a Heatsink Thick Film Technology
Revision: 27-Oct-10
LPS-1100 VISHAY-LPS-1100 Datasheet
111Kb / 5P
   Power Resistor for Mounting onto a Heatsink Thick Film Technology
Revision: 24-Oct-13
LPSA800 VISHAY-LPSA800_V01 Datasheet
113Kb / 6P
   Power Resistor for Mounting Onto a Heatsink Thick Film Technology
01-Jan-2022
LCH100 VISHAY-LCH100 Datasheet
136Kb / 6P
   Power Resistor, for Mounting onto a Heatsink Thick Film Technology
Revision: 05-Aug-13
RPS500 VISHAY-RPS500_15 Datasheet
91Kb / 5P
   Power Resistor for Mounting onto a Heatsink Thick Film Technology
Revision: 12-Dec-14
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com