Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKP1848610454P Datasheet(PDF) 8 Page - Vishay Siliconix

Part # MKP1848610454P
Description  Metallized Polypropylene Film Capacitors DC Capacitor MKP Type
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP1848610454P Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button MKP1848610454P Datasheet HTML 4Page - Vishay Siliconix MKP1848610454P Datasheet HTML 5Page - Vishay Siliconix MKP1848610454P Datasheet HTML 6Page - Vishay Siliconix MKP1848610454P Datasheet HTML 7Page - Vishay Siliconix MKP1848610454P Datasheet HTML 8Page - Vishay Siliconix MKP1848610454P Datasheet HTML 9Page - Vishay Siliconix MKP1848610454P Datasheet HTML 10Page - Vishay Siliconix MKP1848610454P Datasheet HTML 11Page - Vishay Siliconix MKP1848610454P Datasheet HTML 12Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
MKP 1848 DC-Link
Vishay Roederstein
Metallized Polypropylene Film Capacitors
DC Capacitor MKP Type
www.vishay.com
For technical questions, contact: dc-film@vishay.com
Document Number: 28164
288
Revision: 02-Feb-09
MAXIMUM PEAK TO PEAK RIPPLE VOLTAGE AS A FUNCTION OF FREQUENCY
10
2
10
4
10
5
f (Hz)
10
100
10
3
T
amb ≤ 85 °C, 450 Vdc
(1) Limited by maximum ripple voltage 0.1 x U
Ndc
10
100
85 °C < T
amb ≤ 105 °C, 450 Vdc
(1) Limited by maximum ripple voltage 0.1 x U
Ndc
10
2
10
4
10
5
f (Hz)
10
3
10
100
T
amb ≤ 85 °C, 700 Vdc
(1) Limited by maximum ripple voltage 0.1 x U
Ndc
10
2
10
4
10
5
f (Hz)
10
3
10
100
85 °C < T
amb ≤ 105 °C, 700 Vdc
(1) Limited by maximum ripple voltage 0.1 x U
Ndc
10
2
10
4
10
5
f (Hz)
10
3
10
100
T
amb ≤ 85 °C, 900 Vdc
(1) Limited by maximum ripple voltage 0.1 x U
Ndc
10
2
10
4
10
5
f (Hz)
10
3
10
100
85 °C < T
amb ≤ 105 °C, 900 Vdc
(1) Limited by maximum ripple voltage 0.1 x U
Ndc
10
2
10
4
10
5
f (Hz)
10
3


Similar Part No. - MKP1848610454P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1848610454P VISHAY-MKP1848610454P Datasheet
198Kb / 20P
   Metallized Polypropylene Film Capacitors
Revision: 19-Feb-16
More results

Similar Description - MKP1848610454P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1848 VISHAY-MKP1848_11 Datasheet
157Kb / 16P
   Metallized Polypropylene Film Capacitors DC Capacitor MKP Type
Revision: 27-May-11
logo
EPCOS
B32651 EPCOS-B32651_11 Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
B32794D2635K EPCOS-B32794D2635K Datasheet
303Kb / 19P
   Metallized Polypropylene Film Capacitors (MKP)
B32621A6223J EPCOS-B32621A6223J Datasheet
525Kb / 30P
   Metallized Polypropylene Film Capacitors (MKP)
logo
TDK Electronics
MKP-B3267P TDK-MKP-B3267P Datasheet
494Kb / 18P
   Metallized Polypropylene Film Capacitors (MKP)
logo
EPCOS
B32778G406K EPCOS-B32778G406K Datasheet
280Kb / 21P
   Metallized Polypropylene Film Capacitors (MKP)
B32652A3334J EPCOS-B32652A3334J Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
B32674 EPCOS-B32674_11 Datasheet
326Kb / 22P
   Metallized Polypropylene Film Capacitors (MKP)
B32654A474J EPCOS-B32654A474J Datasheet
503Kb / 18P
   Metallized Polypropylene Film Capacitors (MKP)
B32676G6106K EPCOS-B32676G6106K Datasheet
308Kb / 22P
   Metallized Polypropylene Film Capacitors (MKP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com