Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3EJT8 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 3EJT8
Description  Compact RFI Filter with IEC Connector for Higher Frequency Applications
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

3EJT8 Datasheet(HTML) 2 Page - Tyco Electronics

  3EJT8 Datasheet HTML 1Page - Tyco Electronics 3EJT8 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Compact RFI Filter with IEC Connector for Higher Frequency Applications (Continued)
Case Styles
Case Dimensions
AB
C
D
E
F
Part No.
(max) (max)
(max) (max) (max) (max)
1-15A
2.87
1.19
0.875 1.575
1.98
EJT1
72.9
30.2
22.2
40.0
50.3
1-15A
2.23
1.19
0.875 1.575
1.98
0.295
EJT8
56.6
30.2
22.2
40.0
50.3
7.5
3.8
1.350
1.18
1.654
2.087
20EJT1
96.52 34.29
29.99 42.01
53.00
20EJT8
3.2
1.350
1.18
1.654
2.087
81.28 34.29
29.99 42.01
53.00
53
Catalog 1654001
Dimensions are in inches and
Dimensions are shown for
USA Cust. Svc.: 1-800-468-2023
www.corcom.com
Revised 05-07
millimeters unless otherwise
reference purposes only.
CORCOM Prods: 1-847-680-7400
www.tycoelectronics.com
specified. Values in italics
Specifications subject
Germany:
49-89-6089-0
are metric equivalents.
to change.
EJT Series
CORCOM Product Guide
B
D
E
C
A
EJT1
A
C
D
B
E
F
F
4.0
101.6
EJT8
Part Numbers
01EJT1
01EJT8
03EJT1
03EJT8
06EJT1
06EJT8
10EJT1
10EJT8
15EJT1
15EJT8
20EJT1
20EJT8
Line Cord No.
GA400
Recommended Panel Cutout
1 to 15 Amp
20 Amp
Panel Cutout (Front Mount)
Tolerance +/- 0.005
.820
20.83
R .062
1.57
1.575
40.00
∅ .140
3.56
1.200
30.48
Tolerance ±.005 [0.13]
Panel Cutout (front mount)
1.055
26.80
Dia. (2X)
0.528
13.41
0.138
3.51
1.370
34.80
0.118
3.00
1.654
42.01
R
Tolerance ±.005 [0.13]
Panel Cutout (front mount)
Typical dimensions:
Wire Leads:
4.0 [101.6] Min. - 18 AWG
D
0.126 Dia. with
0.236 x 90° Countersink
for #4 Flat Head Screw (2X)
E
C
A
B
0.650
16.51 max.
E
Label
0.25 Terminal with
0.069 (± .003) dia. hole
(2 places)
0.25 Terminal with
0.069 x 0.155 Slot
1.035 [
26.29]
20EJT1
D
0.126 Dia. with
0.236 x 90° Countersink
for #4 Flat Head Screw (2X)
E
C
A
B
E
Label
1.035 [
26.29]
4.0
101.6 min.
Wire, #14 AWG
UL 1015 (3 places)
Brown (Line)
Green / Yellow (Ground)
Blue (Neutral)
20EJT8


Similar Part No. - 3EJT8

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3EJT8 MACOM-3EJT8 Datasheet
428Kb / 6P
   Compact RFI Filter with IEC Connector for Higher Frequency Applications
3EJT8 MACOM-3EJT8 Datasheet
336Kb / 3P
   High Performance Power Inlet Filter
logo
TE Connectivity Ltd
3EJT8 TEC-3EJT8 Datasheet
336Kb / 3P
   High Performance Power Inlet Filter
3EJT8F TEC-3EJT8F Datasheet
420Kb / 2P
   ENHANCED PERFORMANCE CORCOM EJT POWER INLET FILTER
More results

Similar Description - 3EJT8

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
EJT MACOM-EJT Datasheet
428Kb / 6P
   Compact RFI Filter with IEC Connector for Higher Frequency Applications
1EF1F MACOM-1EF1F Datasheet
69Kb / 2P
   Compact RFI Filter with IEC Connectors
1EAS1 MACOM-1EAS1 Datasheet
292Kb / 2P
   Snap-In Compact RFI Filter IEC Connector Package
1EJH1 MACOM-1EJH1 Datasheet
153Kb / 4P
   Enhanced Performance Compact Medical RFI Filter IEC Connector Package
logo
List of Unclassifed Man...
FN3258-75-34 ETC2-FN3258-75-34 Datasheet
205Kb / 4P
   Ultra-compact EMC/RFI Filter for Motor Drives Applications
logo
Schaffner International...
FN-3270 SCHAFFNER-FN-3270 Datasheet
681Kb / 4P
   Compact EMC/RFI Filter for Industrial Motor Drive Applications
logo
Tyco Electronics
1EJS1 MACOM-1EJS1 Datasheet
114Kb / 2P
   Enhanced Performance Snap-In Compact RFI Filter IEC Connector Package
1EEJ1 MACOM-1EEJ1 Datasheet
110Kb / 4P
   Enhanced Performance (1-20 Amp) Compact RFI Filter IEC Connector Package
3DAF1 MACOM-3DAF1 Datasheet
102Kb / 2P
   Compact RFI Line Filter with DC Inlet Connector
logo
List of Unclassifed Man...
PE792003 ETC2-PE792003 Datasheet
166Kb / 4P
   RFI Filter Module Combines IEC Connector, Fusing
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com