Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

155208-2300-RA-WX Datasheet(PDF) 4 Page - 3M Electronics

Part # 155208-2300-RA-WX
Description  Latch/Eject Header - 2 mm x 2 mm Straight & Right Angle, Through-Hole, Straight, Surface Mount
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

155208-2300-RA-WX Datasheet(HTML) 4 Page - 3M Electronics

  155208-2300-RA-WX Datasheet HTML 1Page - 3M Electronics 155208-2300-RA-WX Datasheet HTML 2Page - 3M Electronics 155208-2300-RA-WX Datasheet HTML 3Page - 3M Electronics 155208-2300-RA-WX Datasheet HTML 4Page - 3M Electronics 155208-2300-RA-WX Datasheet HTML 5Page - 3M Electronics 155208-2300-RA-WX Datasheet HTML 6Page - 3M Electronics 155208-2300-RA-WX Datasheet HTML 7Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
3
Electronic Solutions Division
Interconnect Solutions
http://www.3M.com/interconnects/
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3MLatch/Eject Header
2 mm x 2 mm Straight & Right Angle, Through-Hole, Straight, Surface Mount
1552 Series
TS-2199-F
Sheet 4 of 4
Contact
Quantity
Dim. "A"
Dim "B"
Dim "D"
Latch
Availability
Tape
Width
Order
Code
6
.673 [17.09]
.157 [4.00]
.333 [8.45]
2,4
44 mm WD
8
.752 [19.10]
.236 [6.00]
.411 [10.44]
2,4
44 mm WD
10
.831 [21.10]
.315 [8.00]
.490 [12.45]
2,3,4
44 mm WD
12
.910 [23.10]
.394 [10.00]
.569 [14.45]
3,4
44 mm WD
16
1.067 [27.10] .551 [14.00]
.726 [18.44]
2,4
56 mm
WE
20
1.224 [31.09] .709 [18.00]
.884 [22.45]
2,3,4
56 mm
WE
22
1.303 [33.10] .787 [20.00]
.963 [24.46]
2,4
56 mm
WE
24
1.382 [35.10] .866 [22.00] 1.041 [26.44]
2,4
56 mm
WE
26
1.461 [37.10] .945 [24.00] 1.120 [28.45]
2,3,4
72 mm
WF
30
1.618 [41.10] 1.102 [28.00] 1.278 [32.46]
2,4
72 mm
WF
34
1.774 [45.09] 1.260 [32.00] 1.435 [36.46]
2,4
72 mm
WF
40
2.012 [51.10] 1.496 [38.00] 1.671 [42.44]
2,3,4
72 mm
WF
44
2.169 [55.09] 1.654 [42.00] 1.829 [46.46]
2,3,4
88 mm WG
50
2.405 [61.09] 1.890 [48.00] 2.065 [54.45]
2,3,4
88 mm WG
Ordering Information
1552XX-2X00-XX-XX
.425
10.80
POSITION #1
ORIENTATION
TRIANGLE
DIM. "B"
.020
0.51 SQ.
.26
6.7
.15
3.8
.320 ±.010
8.13 ±0.25
DIM. "A"
.247
6.27
DIM. "D"
.079
2.00
.079
2.00
.163
4.14
Notes: 1. See straight drawings (sheet 2) for latch dimensions.
2. See Chart 1 for applicability.
3. Tape and Reel parts include tape vacuum pick-up cap
4. Tape and reel not available with SCI latch.
Inch
[Imm]
Tolerance Unless Noted
.0
.00
.000
Inch
±.1
±.01 ±.005
[ ] Dimensions for Reference Only
Surface Mount Vertical
0.366
[9.30]
0.150
[3.81]
0.079±0.003
[2.01±0.08]
DIM "B"
0.394
[10.01]
0.030
[0.76]
Note:
1. See straight drawings (pg 2) for latch dimensions.
2. Tape & reel parts always supplied with pick ‘n place
surface
3. Tray parts supplied without pick ‘n place
Latching:
2 = Latch, molded on skt with latching ear
3 = Latch, press on skt
4 = Latch, 2 mm SCI carrier only
Plating Options:
RB = 30 μ" [ 0.76 μm ] Gold
RA = 10 μ" [ 0.25 μm ] Gold
(RIA E1 & C1 apply) (both platings)
Packaging:
WX = Tape & reel (see table)
Blank = Trays
Contact Quantity
(See Table)
Chart 1
PC Board Footprint


Similar Part No. - 155208-2300-RA-WX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
15520 ETC-15520 Datasheet
183Kb / 2P
   HEYClip??Nylon Push Screws
logo
Heyco.
15520 HEYCO-15520 Datasheet
114Kb / 2P
   Nylon Push Screws – HPLP Series
logo
Molex Electronics Ltd.
155200 MOLEX11-155200 Datasheet
487Kb / 6P
   0.5 FPC CONN ZIF HSG ASSY FOR SMT RA BTM CONT
logo
HARTING Technology Grou...
15520022601333 HARTING-15520022601333 Datasheet
679Kb / 3P
   har-flex Power M str 2P SMT PL1 Sample
15520022701000 HARTING-15520022701000 Datasheet
670Kb / 3P
   har-flex Power M str 2P THR PL1 200pcs
More results

Similar Description - 155208-2300-RA-WX

ManufacturerPart #DatasheetDescription
logo
3M Electronics
151250-7422-RB 3M-151250-7422-RB Datasheet
1Mb / 5P
   2 mm 횞 2 mm Solder Tail Straight & Right Angle, Surface Mount Straight
951105-8622-AR 3M-951105-8622-AR Datasheet
659Kb / 3P
   2 mm and 2 mm x 2 mm Straight and Right Angle, Solder Tail
2951398 3M-2951398 Datasheet
749Kb / 6P
   4-WALL HEADER, ,100 X 100 LATCH/EJECT STRAIGHT & RA
logo
ILSI America LLC
38-BX0F12.5-32.768 ILSI-38-BX0F12.5-32.768 Datasheet
51Kb / 2P
   2 Lead Metal Package Crystal, 3 mm x 8 mm, 2 mm x 6 mm, 1 mm x 5 mm
logo
HK TO-GRACE TECHNOLOGY ...
AA4040VRBXZ1S-A-2A TO-GRACE-AA4040VRBXZ1S-A-2A Datasheet
1,018Kb / 6P
   4.0 x 4.0 mm Right Angle Surface Mount LED Lamp
logo
Kingbright Corporation
AA4040LZGCKT-AMT KINGBRIGHT-AA4040LZGCKT-AMT Datasheet
542Kb / 5P
   4.0 x 4.0 mm Right Angle Surface Mount LED Lamp
Rev No: V.2B Date: 03/22/2023
logo
HK TO-GRACE TECHNOLOGY ...
KA-4040CGCKT TO-GRACE-KA-4040CGCKT Datasheet
894Kb / 4P
   4.0 x 4.0 mm Right Angle Surface Mount LED Lamp
KA-4040SECKT TO-GRACE-KA-4040SECKT Datasheet
889Kb / 4P
   4.0 x 4.0 mm Right Angle Surface Mount LED Lamp
logo
Kingbright Corporation
AA4040LCGCK-AMT KINGBRIGHT-AA4040LCGCK-AMT Datasheet
545Kb / 5P
   4.0 x 4.0 mm Right Angle Surface Mount LED Lamp
Rev No: V.2B Date: 03/21/2023
AA4040LQBSD-AMT KINGBRIGHT-AA4040LQBSD-AMT Datasheet
554Kb / 5P
   4.0 x 4.0 mm Right Angle Surface Mount LED Lamp
Rev No: V.2B Date: 03/21/2023
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com