Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

155210-2300-RA-WX Datasheet(PDF) 1 Page - 3M Electronics

Part # 155210-2300-RA-WX
Description  Latch/Eject Header - 2 mm x 2 mm Straight & Right Angle, Through-Hole, Straight, Surface Mount
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

155210-2300-RA-WX Datasheet(HTML) 1 Page - 3M Electronics

  155210-2300-RA-WX Datasheet HTML 1Page - 3M Electronics 155210-2300-RA-WX Datasheet HTML 2Page - 3M Electronics 155210-2300-RA-WX Datasheet HTML 3Page - 3M Electronics 155210-2300-RA-WX Datasheet HTML 4Page - 3M Electronics 155210-2300-RA-WX Datasheet HTML 5Page - 3M Electronics 155210-2300-RA-WX Datasheet HTML 6Page - 3M Electronics 155210-2300-RA-WX Datasheet HTML 7Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
3
Electronic Solutions Division
Interconnect Solutions
http://www.3M.com/interconnects/
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3MLatch/Eject Header
2 mm x 2 mm Straight & Right Angle, Through-Hole, Straight, Surface Mount
1552 Series
14 pin counts ranging from 6 to 50 positions
Latch/eject mechanism maintains a secure
connection
Roll pins retain latches to body in shipping and high
vibration environments
Ejector helps make removal of assemblies easy
Latch design helps resist breakage during eject
High temperature insulators suitable for “lead free”
processing and meet JEDEC J-STD-020C
Robust system solution when used with 3M™ IDC
Wiremount Sockets or 3M™ Molded Cable
Assemblies
SMT latch/eject headers are available in tape and reel
with vacuum cap for automatic placement. Latch
option 2 and 3.
See Regulatory Information Appendix (RIA) for
chemical compliance information
Date Modified: September 16, 2008
TS-2199-F
Sheet 1 of 4
Physical
Insulation:
Material: Glass Filled Polyester (PCT)
Flammability: UL 94V-0
Color: Black
Contact:
Material: Copper Alloy
Plating:
Underplating: 50 μ" [ 1.27 μm ] Nickel
Wiping Area: See Ordering Information
Solder Tails: 200 μ" [ 5.0 μm ] Matte Tin
Electrical
Current Rating: 1A
Insulation Resistance: > 1 × 109
Ω at 500V
DC
Withstanding Voltage: 1,000 VRMS at Sea Level
Environmental
Temperature Rating: -55°C to +105°C
Process Rating: Maximum 260°C (per J-STD-020C)
Moisture Sensitivity Level: 1 (per J-STD-020C)


Similar Part No. - 155210-2300-RA-WX

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1552104 PHOENIX-1552104 Datasheet
611Kb / 15P
   SAC-4P-M 8MS-M 8FR SH/.../... - Sensor/actuator cable
More results

Similar Description - 155210-2300-RA-WX

ManufacturerPart #DatasheetDescription
logo
3M Electronics
151250-7422-RB 3M-151250-7422-RB Datasheet
1Mb / 5P
   2 mm 횞 2 mm Solder Tail Straight & Right Angle, Surface Mount Straight
951105-8622-AR 3M-951105-8622-AR Datasheet
659Kb / 3P
   2 mm and 2 mm x 2 mm Straight and Right Angle, Solder Tail
2951398 3M-2951398 Datasheet
749Kb / 6P
   4-WALL HEADER, ,100 X 100 LATCH/EJECT STRAIGHT & RA
logo
ILSI America LLC
38-BX0F12.5-32.768 ILSI-38-BX0F12.5-32.768 Datasheet
51Kb / 2P
   2 Lead Metal Package Crystal, 3 mm x 8 mm, 2 mm x 6 mm, 1 mm x 5 mm
logo
HK TO-GRACE TECHNOLOGY ...
AA4040VRBXZ1S-A-2A TO-GRACE-AA4040VRBXZ1S-A-2A Datasheet
1,018Kb / 6P
   4.0 x 4.0 mm Right Angle Surface Mount LED Lamp
logo
Kingbright Corporation
AA4040LZGCKT-AMT KINGBRIGHT-AA4040LZGCKT-AMT Datasheet
542Kb / 5P
   4.0 x 4.0 mm Right Angle Surface Mount LED Lamp
Rev No: V.2B Date: 03/22/2023
logo
HK TO-GRACE TECHNOLOGY ...
KA-4040CGCKT TO-GRACE-KA-4040CGCKT Datasheet
894Kb / 4P
   4.0 x 4.0 mm Right Angle Surface Mount LED Lamp
KA-4040SECKT TO-GRACE-KA-4040SECKT Datasheet
889Kb / 4P
   4.0 x 4.0 mm Right Angle Surface Mount LED Lamp
logo
Kingbright Corporation
AA4040LCGCK-AMT KINGBRIGHT-AA4040LCGCK-AMT Datasheet
545Kb / 5P
   4.0 x 4.0 mm Right Angle Surface Mount LED Lamp
Rev No: V.2B Date: 03/21/2023
AA4040LQBSD-AMT KINGBRIGHT-AA4040LQBSD-AMT Datasheet
554Kb / 5P
   4.0 x 4.0 mm Right Angle Surface Mount LED Lamp
Rev No: V.2B Date: 03/21/2023
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com