Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKP1848530704K2 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # MKP1848530704K2
Description  Metallized Polypropylene Film Capacitors DC Capacitor MKP Type
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP1848530704K2 Datasheet(HTML) 4 Page - Vishay Siliconix

  MKP1848530704K2 Datasheet HTML 1Page - Vishay Siliconix MKP1848530704K2 Datasheet HTML 2Page - Vishay Siliconix MKP1848530704K2 Datasheet HTML 3Page - Vishay Siliconix MKP1848530704K2 Datasheet HTML 4Page - Vishay Siliconix MKP1848530704K2 Datasheet HTML 5Page - Vishay Siliconix MKP1848530704K2 Datasheet HTML 6Page - Vishay Siliconix MKP1848530704K2 Datasheet HTML 7Page - Vishay Siliconix MKP1848530704K2 Datasheet HTML 8Page - Vishay Siliconix MKP1848530704K2 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
MKP 1848 DC-Link
Vishay Roederstein
Metallized Polypropylene Film Capacitors
DC Capacitor MKP Type
www.vishay.com
For technical questions, contact: dc-film@vishay.com
Document Number: 28164
284
Revision: 02-Feb-09
Notes
(1) Change the * symbol with special code for the terminals
(2) Maximum rms current at 10 kHz, + 85 °C, Cap. tol.
≤ ± 5 %
(3) Equivalent series resistance typical values at 10 kHz
(4) Standard dimension
(5) Intermediate capacitance values are available on request.
• SPQ = Standard Packing Quantity
SPECIFIC REFERENCE DATA 900 Vdc
UNdc = 900 V, UNdc70 °C = 1100 V, UNdc105 °C = 650 V
Notes
(1) Change the * symbol with special code for the terminals
(2) Maximum rms current at 10 kHz, + 85 °C, Cap. tol.
≤ ± 5 %
(3) Equivalent series resistance typical values at 10 kHz
(4) Standard dimension
(5) Intermediate capacitance values are available on request.
• SPQ = Standard Packing Quantity
CAP.
(5)
DIMENSIONS
(mm) (4)
P1
P2
Ø dt dV/dt IPEAK
IRMS
(A) (2)
ESR
(m
Ω) (3)
tan
δ
1 kHz
< (10-4)
tan
δ
10 kHz
< (10-4)
MASS SPQ
PART NUMBER (1)
(µF)
W
H
L
(mm) (mm) (mm) (V/µs)
(A)
2
pins
4
pins
2
pins
4
pins
2
pins
4
pins
2
pins
4
pins
(g)
(pcs)
45
30.0 45.0 57.5 52.5
20.3
1.2
15
675 13.5 14.5 9.0
7.5 35.0 33.0 350 320
99
45
MKP1848645704Y*
50
30.0 45.0 57.5 52.5
20.3
1.2
15
750 14.5 15.5 8.0
7.0 35.0 33.0 350 320
92
45
MKP1848650704Y*
55
35.0 50.0 57.5 52.5
20.3
1.2
15
825 16.0 17.0 7.0
6.5 35.0 33.0 350 320
117
40
MKP1848655704Y*
60
35.0 50.0 57.5 52.5
20.3
1.2
15
900 17.0 18.0 6.5
6.0 35.0 33.0 350 320
112
40
MKP1848660704Y*
65
35.0 50.0 57.5 52.5
20.3
1.2
15
975 17.5 18.5 6.0
5.5 35.0 33.0 350 320
104
40
MKP1848665704Y*
70
45.0 45.0 57.5 52.5
20.3
1.2
15
1050
-
20.0
-
5.0
-
33.0
-
320
192
30
MKP1848670704Y5
75
45.0 45.0 57.5 52.5
20.3
1.2
15
1125
-
21.0
-
4.5
-
33.0
-
320
192
30
MKP1848675704Y5
80
45.0 45.0 57.5 52.5
20.3
1.2
15
1200
-
21.5
-
4.5
-
33.0
-
320
192
30
MKP1848680704Y5
160
70.0 60.0 57.5 52.5
20.3
1.2
15
2400
-
38.0
-
2.2
-
33.0
-
320
451
20
MKP1848716704Y5
320 130.0 60.0 57.5 52.5
20.3
1.2
15
4800
-
65.0
-
1.0
-
33.0
-
320
821
10
MKP1848732704Y5
CAP.
(5)
DIMENSIONS
(mm) (4)
P1
P2
Ø dt dV/dt IPEAK
IRMS
(A) (2)
ESR
(m
Ω) (3)
tan
δ
1 kHz
< (10-4)
tan
δ
10 kHz
< (10-4)
MASS SPQ
PART NUMBER (1)
(µF)
W
H
L
(mm)
(mm)
(mm) (V/µs) (A)
2
pins
4
pins
2
pins
4
pins
2
pins
4
pins
2
pins
4
pins
(g)
(pcs)
1.0
9.0 19.0 32.0 27.5
-
0.8
80
80
2.0
-
88.0
-
8.0
-
65
-
5.9
160
MKP1848510094K2
2.0
13.0 23.0 32.0 27.5
-
0.8
80
160
2.5
-
44.0
-
8.0
-
65
-
11.3
115
MKP1848520094K2
3.0
15.0 25.0 32.0 27.5
-
0.8
80
240
3.5
-
29.5
-
8.0
-
65
-
12.1
100
MKP1848530094K2
4.0
18.0 28.0 32.0 27.5
-
0.8
80
320
4.0
-
22.0
-
8.0
-
65
-
16.7
80
MKP1848540094K2
5.0
21.0 31.0 32.0 27.5
-
0.8
80
400
5.0
-
18.0
-
8.0
-
65
-
23.3
65
MKP1848550094K2
6.0
21.0 31.0 32.0 27.5
-
0.8
80
480
5.5
-
15.0
-
8.0
-
65
-
21.4
65
MKP1848560094K2
5.0
18.5 35.5 43.0 37.5
10.2
1.0
40
200
4.0
4.5 36.5 32.0 15.0
13
140 125
37.1
105
MKP1848550094P*
6.0
18.5 35.5 43.0 37.5
10.2
1.0
40
240
4.5
5.0 30.0 27.0 15.0
13
140 125
35.6
105
MKP1848560094P*
7.0
18.5 35.5 43.0 37.5
10.2
1.0
40
280
5.0
5.5 26.0 23.5 15.0
13
140 125
34.1
105
MKP1848570094P*
8.0
18.5 35.5 43.0 37.5
10.2
1.0
40
320
5.0
5.5 22.5 20.5 15.0
13
140 125
32.5
105
MKP1848580094P*
9.0
18.5 35.5 43.0 37.5
10.2
1.0
40
360
5.5
6.0 20.0 18.5 15.0
13
140 125
30.9
105
MKP1848590094P*
10.0
21.5 38.5 43.0 37.5
10.2
1.0
40
400
6.0
6.5 18.5 16.5 15.0
13
140 125
40.7
91
MKP1848610094P*
12.0
21.5 38.5 43.0 37.5
10.2
1.0
40
480
6.5
7.0 15.0 13.5 15.0
13
140 125
37.5
91
MKP1848612094P*
15.0
24.0 44.0 42.0 37.5
10.2
1.0
40
600
8.0
8.5 12.5 11.0 15.0
13
140 125
48.9
77
MKP1848615094P*
16.0
24.0 44.0 42.0 37.5
10.2
1.0
40
640
8.0
8.5 11.5 10.5 15.0
13
140 125
47.2
77
MKP1848616094P*
20.0
30.0 45.0 42.0 37.5
10.2 /
20.3
1.0
40
800
9.5
10.0
9.5
8.5 15.0
13
140 125
60
63
MKP1848620094P*
15.0
25.0 45.0 57.5 52.5
20.3
1.2
20
300
6.5
7.5 24.5 22.0 30.0
25
275 250
83
55
MKP1848615094Y*
20.0
25.0 45.0 57.5 52.5
20.3
1.2
20
400
7.0
8.0 18.5 16.5 30.0
25
275 250
75
55
MKP1848620094Y*
22.0
25.0 45.0 57.5 52.5
20.3
1.2
20
440
7.5
8.5 16.5 15.0 30.0
25
275 250
72
55
MKP1848622094Y*
25.0
30.0 45.0 57.5 52.5
20.3
1.2
20
500
8.5
9.5 14.5 13.5 30.0
25
275 250
102
45
MKP1848625094Y*
30.0
30.0 45.0 57.5 52.5
20.3
1.2
20
600
9.5
10.5 12.5 11.0 30.0
25
275 250
92
45
MKP1848630094Y*
35.0
35.0 50.0 57.5 52.5
20.3
1.2
20
700 10.5 11.5 10.5 9.5 30.0
25
275 250
114
40
MKP1848635094Y*
40.0
35.0 50.0 57.5 52.5
20.3
1.2
20
800 12.0 13.0
9.5
8.5 30.0
25
275 250
103
40
MKP1848640094Y*
45.0
45.0 45.0 57.5 52.5
20.3
1.2
20
900
-
14.0
-
7.5
-
25
-
250
192
30
MKP1848645094Y5
50.0
45.0 45.0 57.5 52.5
20.3
1.2
20
1000
-
14.5
-
6.5
-
25
-
250
191
30
MKP1848650094Y5
100.0 70.0 60.0 57.5 52.5
20.3
1.2
20
2000
-
25.0
-
3.5
-
25
-
250
452
20
MKP1848710094Y5


Similar Part No. - MKP1848530704K2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1848530704K2 VISHAY-MKP1848530704K2 Datasheet
198Kb / 20P
   Metallized Polypropylene Film Capacitors
Revision: 19-Feb-16
More results

Similar Description - MKP1848530704K2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1848 VISHAY-MKP1848_11 Datasheet
157Kb / 16P
   Metallized Polypropylene Film Capacitors DC Capacitor MKP Type
Revision: 27-May-11
logo
EPCOS
B32651 EPCOS-B32651_11 Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
B32794D2635K EPCOS-B32794D2635K Datasheet
303Kb / 19P
   Metallized Polypropylene Film Capacitors (MKP)
B32621A6223J EPCOS-B32621A6223J Datasheet
525Kb / 30P
   Metallized Polypropylene Film Capacitors (MKP)
logo
TDK Electronics
MKP-B3267P TDK-MKP-B3267P Datasheet
494Kb / 18P
   Metallized Polypropylene Film Capacitors (MKP)
logo
EPCOS
B32778G406K EPCOS-B32778G406K Datasheet
280Kb / 21P
   Metallized Polypropylene Film Capacitors (MKP)
B32652A3334J EPCOS-B32652A3334J Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
B32674 EPCOS-B32674_11 Datasheet
326Kb / 22P
   Metallized Polypropylene Film Capacitors (MKP)
B32654A474J EPCOS-B32654A474J Datasheet
503Kb / 18P
   Metallized Polypropylene Film Capacitors (MKP)
B32676G6106K EPCOS-B32676G6106K Datasheet
308Kb / 22P
   Metallized Polypropylene Film Capacitors (MKP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com