Electronic Components Datasheet Search |
|
SR6M4110 Datasheet(PDF) 3 Page - Tyco Electronics |
|
SR6M4110 Datasheet(HTML) 3 Page - Tyco Electronics |
3 / 3 page Datasheet Rev. IJ1 Issued 2009/10 www.tycoelectronics.com www.schrackrelays.com Dimensions are in mm unless otherwise specified and are shown for reference purposes only. Product specification according to IEC 61810-1. Product data, technical para- meters, test conditions and processing information only to be used together with the 'Definitions' section in the cat- alogue or at schrackrelays.com in the ‘Schrack’ section. Specifications subject to change. General Purpose Relays 3 SCHRACK Safety Relay SR6 D/M (Continued) Product key Typical product key SR6 D 4 012 Type SR6 Safety Relay SR6 D/M Contact configuration D 2 NO + 2 NC contacts (2 form A + 2 form B) M 3 NO + 1 NC contacts (3 form A + 1 form B) Contact material 4 AgSnO2 Coil Coil code = rated coil voltage (e.g. 024=24 VDC) Other types on request Product key Type Contact configuration Contact material Coil Part number SR6D4012 4-pole 2 NO + 2 NC AgSnO2 12 VDC 1415078-1 SR6D4018 safety relay contacts 18 VDC 7-1415354-1 SR6D4021 21 VDC 8-1415353-1 SR6D4024 24 VDC 6-1415027-1 SR6D4040 40 VDC 9-1415366-1 SR6D4110 110 VDC 1415062-1 SR6M4006 3 NO + 1 NC 6 VDC 6-1415053-1 SR6M4012 contacts 12 VDC 7-1415353-1 SR6M4018 18 VDC 1415354-1 SR6M4021 21 VDC 6-1415353-1 SR6M4024 24 VDC 3-1415353-1 SR6M4110 110 VDC 1-1415354-1 |
Similar Part No. - SR6M4110 |
|
Similar Description - SR6M4110 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |