Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7WBD3126USG Datasheet(PDF) 3 Page - ON Semiconductor

Part # 7WBD3126USG
Description  2-Bit Translating Bus Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

7WBD3126USG Datasheet(HTML) 3 Page - ON Semiconductor

  7WBD3126USG Datasheet HTML 1Page - ON Semiconductor 7WBD3126USG Datasheet HTML 2Page - ON Semiconductor 7WBD3126USG Datasheet HTML 3Page - ON Semiconductor 7WBD3126USG Datasheet HTML 4Page - ON Semiconductor 7WBD3126USG Datasheet HTML 5Page - ON Semiconductor 7WBD3126USG Datasheet HTML 6Page - ON Semiconductor 7WBD3126USG Datasheet HTML 7Page - ON Semiconductor 7WBD3126USG Datasheet HTML 8Page - ON Semiconductor 7WBD3126USG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
7WBD3126
http://onsemi.com
3
MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage
−0.5 to +7.0
V
VIN
Control Pin Input Voltage
−0.5 to +7.0
V
VI/O
Switch Input / Output Voltage
−0.5 to +7.0
V
IIK
Control Pin DC Input Diode Current
VIN < GND
−50
mA
IOK
Switch I/O Port DC Diode Current
VI/O < GND
−50
mA
IO
ON−State Switch Current
$128
mA
Continuous Current Through VCC or GND
$150
mA
ICC
DC Supply Current Per Supply Pin
$150
mA
IGND
DC Ground Current per Ground Pin
$150
mA
TSTG
Storage Temperature Range
−65 to +150
°C
TL
Lead Temperature, 1 mm from Case for 10 Seconds
260
°C
TJ
Junction Temperature Under Bias
150
°C
qJA
Thermal Resistance
US8 (Note 1)
UDFN8
UQFN8
ULLGA8
Micro8
251
111
208
455
392
°C/W
PD
Power Dissipation in Still Air at 85°C
US8
UDFN8
UQFN8
ULLGA8
Micro8
498
1127
601
274
319
mW
MSL
Moisture Sensitivity
Level 1
FR
Flammability Rating Oxygen Index: 28 to 34
UL 94 V−0 @ 0.125 in
VESD
ESD Withstand Voltage
Human Body Mode (Note 2)
Machine Model (Note 3)
Charged Device Model (Note 4)
> 2000
> 200
N/A
V
ILATCHUP
Latchup Performance Above VCC and Below GND at 125°C (Note 5)
$200
mA
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. Measured with minimum pad spacing on an FR4 board, using 10 mm−by−1 inch, 2 ounce copper trace no air flow.
2. Tested to EIA / JESD22−A114−A.
3. Tested to EIA / JESD22−A115−A.
4. Tested to JESD22−C101−A.
5. Tested to EIA / JESD78.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
Positive DC Supply Voltage
4.0
5.5
V
VIN
Control Pin Input Voltage
0
5.5
V
VI/O
Switch Input / Output Voltage
0
5.5
V
TA
Operating Free−Air Temperature
−55
+125
°C
Dt/DV
Input Transition Rise or Fall Rate
Control Input
Switch I/O
0
0
5
DC
nS/V


Similar Part No. - 7WBD3126USG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
7WBD3126USG ONSEMI-7WBD3126USG Datasheet
108Kb / 12P
   2-Bit Translating Bus Switch
October, 2014 ??Rev. 2
More results

Similar Description - 7WBD3126USG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
7WBD3305 ONSEMI-7WBD3305_14 Datasheet
107Kb / 12P
   2-Bit Translating Bus Switch
October, 2014 ??Rev. 2
7WBD3306 ONSEMI-7WBD3306_14 Datasheet
119Kb / 13P
   2-Bit Translating Bus Switch
October, 2014 ??Rev. 2
7WBD3305 ONSEMI-7WBD3305 Datasheet
186Kb / 13P
   2-Bit Translating Bus Switch
February, 2010 ??Rev. 0
7WBD3125 ONSEMI-7WBD3125 Datasheet
187Kb / 13P
   2-Bit Translating Bus Switch
February, 2010 ??Rev. 0
7WBD3306 ONSEMI-7WBD3306 Datasheet
187Kb / 13P
   2-Bit Translating Bus Switch
February, 2010 ??Rev. 0
7WBD3126 ONSEMI-7WBD3126_14 Datasheet
108Kb / 12P
   2-Bit Translating Bus Switch
October, 2014 ??Rev. 2
7WBD3125 ONSEMI-7WBD3125_14 Datasheet
108Kb / 12P
   2-Bit Translating Bus Switch
October, 2014 ??Rev. 2
logo
Analog Devices
ADG3247 AD-ADG3247_V01 Datasheet
12Mb / 12P
   2.5V/3.3V, 16-Bit, 2-Port Level Translating, Bus Switch
Rev. B
ADG3245 AD-ADG3245_15 Datasheet
324Kb / 12P
   2.5V/3.3V 8 Bit 2 Port Level Translating Bus Switch
REV. B
logo
ON Semiconductor
7WBD383 ONSEMI-7WBD383_14 Datasheet
110Kb / 12P
   Translating Bus Exchange Switch
October, 2014 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com