Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7WBD383AMUTCG Datasheet(PDF) 9 Page - ON Semiconductor

Part # 7WBD383AMUTCG
Description  Translating Bus Exchange Switch
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

7WBD383AMUTCG Datasheet(HTML) 9 Page - ON Semiconductor

Back Button 7WBD383AMUTCG Datasheet HTML 5Page - ON Semiconductor 7WBD383AMUTCG Datasheet HTML 6Page - ON Semiconductor 7WBD383AMUTCG Datasheet HTML 7Page - ON Semiconductor 7WBD383AMUTCG Datasheet HTML 8Page - ON Semiconductor 7WBD383AMUTCG Datasheet HTML 9Page - ON Semiconductor 7WBD383AMUTCG Datasheet HTML 10Page - ON Semiconductor 7WBD383AMUTCG Datasheet HTML 11Page - ON Semiconductor 7WBD383AMUTCG Datasheet HTML 12Page - ON Semiconductor 7WBD383AMUTCG Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
7WBD383
http://onsemi.com
9
PACKAGE DIMENSIONS
ULLGA8 1.45x1.0, 0.35P
CASE 613AA−01
ISSUE A
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ASME Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. DIMENSION b APPLIES TO PLATED TERMINAL
AND IS MEASURED BETWEEN 0.15 AND
0.30 mm FROM THE TERMINAL TIP.
4. A MAXIMUM OF 0.05 PULL BACK OF THE
PLATED TERMINAL FROM THE EDGE OF THE
PACKAGE IS ALLOWED.
A
B
E
D
BOTTOM VIEW
b
e
8X
0.10
B
0.05
A
C
C
L
7X
NOTE 3
0.10 C
PIN ONE
REFERENCE
TOP VIEW
0.10 C
8X
A
A1
0.05 C
0.05 C
C
SEATING
PLANE
SIDE VIEW
L1
1
4
5
8
DIM MIN
MAX
MILLIMETERS
A
−−−
0.40
A1
0.00
0.05
b
0.15
0.25
D
1.45 BSC
E
1.00 BSC
e
0.35 BSC
L
0.25
0.35
L1
0.30
0.40
e/2
NOTE 4
SOLDERMASK DEFINED*
DIMENSIONS: MILLIMETERS
0.22
7X
0.48
8X
1.18
0.53
PITCH
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
0.35
1
MOUNTING FOOTPRINT
PKG
OUTLINE


Similar Part No. - 7WBD383AMUTCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
7WBD383AMUTCG ONSEMI-7WBD383AMUTCG Datasheet
110Kb / 12P
   Translating Bus Exchange Switch
October, 2014 ??Rev. 2
More results

Similar Description - 7WBD383AMUTCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
7WBD383 ONSEMI-7WBD383_14 Datasheet
110Kb / 12P
   Translating Bus Exchange Switch
October, 2014 ??Rev. 2
7WB383 ONSEMI-7WB383 Datasheet
169Kb / 12P
   Bus Exchange Switch
April, 2010 ??Rev. 0
7WB383 ONSEMI-7WB383_14 Datasheet
89Kb / 10P
   Bus Exchange Switch
October, 2014 ??Rev. 1
logo
Fairchild Semiconductor
FST16209 FAIRCHILD-FST16209 Datasheet
134Kb / 5P
   18-Bit Bus Exchange Switch
FST16213 FAIRCHILD-FST16213 Datasheet
153Kb / 6P
   24-Bit Bus Exchange Switch
logo
Integrated Device Techn...
IDT74FST163209 IDT-IDT74FST163209 Datasheet
82Kb / 6P
   9-BIT BUS EXCHANGE SWITCH
IDT74FST163212 IDT-IDT74FST163212 Datasheet
81Kb / 6P
   24-BIT BUS EXCHANGE SWITCH
logo
Toshiba Semiconductor
TC7WB383FK TOSHIBA-TC7WB383FK Datasheet
111Kb / 7P
   2-Bit Bus Exchange Switch
logo
Integrated Device Techn...
IDT74FST163383 IDT-IDT74FST163383 Datasheet
93Kb / 6P
   20-BIT BUS EXCHANGE SWITCH
IDT74FST163213 IDT-IDT74FST163213 Datasheet
82Kb / 6P
   24-BIT BUS EXCHANGE SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com