Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGIPL14K60 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STGIPL14K60
Description  IGBT intelligent power module (IPM) 14 A, 600 V, DBC isolated SDIP-38L molded
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIPL14K60 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STGIPL14K60 Datasheet HTML 6Page - STMicroelectronics STGIPL14K60 Datasheet HTML 7Page - STMicroelectronics STGIPL14K60 Datasheet HTML 8Page - STMicroelectronics STGIPL14K60 Datasheet HTML 9Page - STMicroelectronics STGIPL14K60 Datasheet HTML 10Page - STMicroelectronics STGIPL14K60 Datasheet HTML 11Page - STMicroelectronics STGIPL14K60 Datasheet HTML 12Page - STMicroelectronics STGIPL14K60 Datasheet HTML 13Page - STMicroelectronics STGIPL14K60 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Electrical characteristics
STGIPL14K60
10/21
Doc ID 15589 Rev 3
3.1
Control part
Table 8.
Low voltage power supply
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Vcc_hys
Vcc UV hysteresis
1.2
1.5
V
Vcc_thON
Vcc UV turn ON threshold
11.5
12.0
V
Vcc_thOFF
Vcc UV turn OFF threshold
10
10.5
V
Iqccu
Undervoltage quiescent
supply current
VCC = 10 V
SD/OD = 5 V; LIN = 5 V;
HIN = 0, CIN = 0
450
µA
Iqcc
Quiescent current
Vcc = 15 V
SD/OD = 5 V; LIN = 5 V
HIN = 0, CIN = 0
3.5
mA
Vref
Internal comparator (CIN)
reference voltage
0.5
0.54
0.58
mV
Table 9.
Bootstrapped voltage
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VBS_hys
VBS UV hysteresis
1.2
1.5
V
VBS_thON
VBS UV turn ON threshold
10.6
11.5
V
VBS_thOFF
VBS UV turn OFF threshold
9.0
10.0
V
IQBSU
Undervoltage VBS quiescent
current
VBS = 10 V
SD/OD = 5 V; LIN and
HIN = 5 V; CIN = 0
70
110
µA
IQBS
VBS quiescent current
VBS = 15 V
SD/OD = 5 V; LIN and
HIN = 5 V; CIN = 0
150
210
µA
RDS(on)
Bootstrap driver on resistance
LVG ON
120
Table 10.
Logic inputs
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Vil
Low logic level voltage
0.8
V
Vih
High logic level voltage
2.2
V
IHINh
HIN logic “1” input bias current
HIN = 15 V
175
260
µA
IHINl
HIN logic “0” input bias current
HIN = 0 V
1
µA
ILINl
LIN logic “0” input bias current
LIN = 0 V
6
20
µA
ILINh
LIN logic “1” input bias current
LIN = 15 V
1
µA
ISDh
SD logic “1” input bias current
SD = 15 V
120
300
µA


Similar Part No. - STGIPL14K60

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGIPL14K60 STMICROELECTRONICS-STGIPL14K60 Datasheet
883Kb / 26P
   SLLIMM™ (small low-loss intelligent molded module)IPM, 3-phase inverter, 15 A, 600 V short-circuit rugged IGBT
October 2013
STGIPL14K60-S STMICROELECTRONICS-STGIPL14K60-S Datasheet
883Kb / 26P
   SLLIMM™ (small low-loss intelligent molded module)IPM, 3-phase inverter, 15 A, 600 V short-circuit rugged IGBT
October 2013
STGIPL14K60 STMICROELECTRONICS-STGIPL14K60_V01 Datasheet
883Kb / 26P
   SLLIMM™ (small low-loss intelligent molded module)IPM, 3-phase inverter, 15 A, 600 V short-circuit rugged IGBT
October 2013
More results

Similar Description - STGIPL14K60

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGIPS14K60 STMICROELECTRONICS-STGIPS14K60 Datasheet
578Kb / 19P
   IGBT intelligent power module (IPM) 12 A, 600 V, DBC isolated, SDIP-25L molded
STGIPS20K60 STMICROELECTRONICS-STGIPS20K60 Datasheet
695Kb / 19P
   IGBT intelligent power module (IPM) 17 A, 600 V, DBC isolated SDIP-25L molded
STGIPS10K60A STMICROELECTRONICS-STGIPS10K60A Datasheet
458Kb / 17P
   IGBT intelligent power module (IPM) 10 A, 600 V, DBC isolated SDIP-25L molded
logo
ON Semiconductor
STK551U392A-E ONSEMI-STK551U392A-E Datasheet
855Kb / 16P
   Intelligent Power Module (IPM) 600 V, 15 A
December 2016 - Rev. 2
STK581U3C2D-E ONSEMI-STK581U3C2D-E Datasheet
436Kb / 15P
   Intelligent Power Module (IPM) 600 V, 30 A
September 2016 - Rev. 1
NFAQ0860L36T ONSEMI-NFAQ0860L36T Datasheet
510Kb / 14P
   Intelligent Power Module (IPM) 600 V, 8 A
January, 2020 ??Rev. 0
NFAQ1060L33T ONSEMI-NFAQ1060L33T Datasheet
588Kb / 14P
   Intelligent Power Module (IPM) 600 V, 10 A
January, 2020 ??Rev. 1
NFAQ1560R43TL ONSEMI-NFAQ1560R43TL Datasheet
610Kb / 14P
   Intelligent Power Module (IPM) 600 V, 15 A
February, 2021 ??Rev. 1
NFAQ0560R43T ONSEMI-NFAQ0560R43T Datasheet
654Kb / 15P
   Intelligent Power Module (IPM) 600 V, 5 A
February, 2021 ??Rev. 1
NFAQ1060L36TB ONSEMI-NFAQ1060L36TB Datasheet
511Kb / 14P
   Intelligent Power Module (IPM) 600 V, 10 A
March, 2021 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com