Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA4863-2 Datasheet(PDF) 15 Page - Infineon Technologies AG

Part # TDA4863-2
Description  Power-Factor Controller (PFC) IC for High Power Factor and Low THD
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TDA4863-2 Datasheet(HTML) 15 Page - Infineon Technologies AG

Back Button TDA4863-2 Datasheet HTML 11Page - Infineon Technologies AG TDA4863-2 Datasheet HTML 12Page - Infineon Technologies AG TDA4863-2 Datasheet HTML 13Page - Infineon Technologies AG TDA4863-2 Datasheet HTML 14Page - Infineon Technologies AG TDA4863-2 Datasheet HTML 15Page - Infineon Technologies AG TDA4863-2 Datasheet HTML 16Page - Infineon Technologies AG TDA4863-2 Datasheet HTML 17Page - Infineon Technologies AG TDA4863-2 Datasheet HTML 18Page - Infineon Technologies AG TDA4863-2 Datasheet HTML 19Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
TDA4863-2
Electrical Characteristics
Version 2.1
15
22 Feb 2005
Overvoltage Regulator
Threshold Current
IOVR
35
40
45
µA
Tj = 25°C ,
VVAOUT = 3.5 V
Current Comparator
Input Bias Current
IBISENSE
-1
-0.2
1
µA
VISENSE = 0 V
Input Offset Voltage
(T
j = 25 °C)
VISENSEO
25
mV
VVAOUT = 2.7 V
VMULTIN = 0 V
Max Threshold Voltage
VISENSEM 0.95
1.0
1.05
V
Threshold at OVR
VISENOVR
0.05
IOVR = 50 µA
Leading Edge Blanking
tLEB
100
200
300
ns
Shut Down Delay
tdISG
80
130
Detector
Upper Threshold Voltage
VDETINU
1.5
1.6
V
Lower Threshold Voltage
VDETINL
0.95
1.1
Hysteresis
VDETINHY 0.25
0.4
0.55
Input Current
IBDETIN
-1
-0.2
1
µA
VDETIN = 2 V
Input Clamp Voltage
High State
Low State
VDETINHC
VDETINLC
4.5
0.1
4.9
0.4
5.3
0.7
V
IDETIN = 5 mA
IDETIN = -5 mA
Multiplier
Input bias current
IBMULTIN
-1
-0.2
1
µA
VMULTIN = 0 V
Dynamic voltage range
MULTIN
VMULTIN
0 to 4
V
VVAOUT = 2.75 V
Dynamic voltage range
VAOUT
VVAOUT
VFBto
VFB +
1.5
VMULTIN = 1 V
Multiplier Gain
Klow
Khigh
0.3
0.7
VVAOUT < 3 V,
VMULTIN = 1 V
VVAOUT > 3.5V,
VMULTIN = 1 V
K = deltaV
ISENSE / deltaVVAOUT at VMULTIN = constant
3.2
Characteristics (cont’d)
Unless otherwise stated, -40°C < T
j < 150°C, VCC = 14.5 V
Parameter
Symbol
Limit Values
Unit
Test Condition
min.
typ.
max.


Similar Part No. - TDA4863-2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDA4863-2 INFINEON-TDA4863-2 Datasheet
221Kb / 27P
   Power Factor Controller IC for High Power Factor and Low THD
2004-02 V1.2
TDA4863-2G INFINEON-TDA4863-2G Datasheet
221Kb / 27P
   Power Factor Controller IC for High Power Factor and Low THD
2004-02 V1.2
More results

Similar Description - TDA4863-2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDA4863 INFINEON-TDA4863_05 Datasheet
306Kb / 27P
   Power Factor Controller IC for High Power Factor and Low THD
Rev.2, Feb. 2005
TDA4863-2 INFINEON-TDA4863-2 Datasheet
221Kb / 27P
   Power Factor Controller IC for High Power Factor and Low THD
2004-02 V1.2
ICE1PD265G INFINEON-ICE1PD265G Datasheet
79Kb / 16P
   Power Factor Controller Cool- MOS: BoostSET IC for High Power Factor and low THD
10.09.01
TDA4862 INFINEON-TDA4862 Datasheet
1Mb / 18P
   Power-Factor Controller (PFC) IC for High Power Factor and Active Harmonic Filter
2005-02-17
logo
Siemens Semiconductor G...
TDA4862 SIEMENS-TDA4862 Datasheet
194Kb / 17P
   Power-Factor Controller PFC IC for High Power Factor and Active Harmonic Filter
logo
Seoul Semiconductor
SMJQ13XXFNSX SEOUL-SMJQ13XXFNSX Datasheet
925Kb / 19P
   High Power Factor and Low THD
logo
Grenergy Opto, lnc.
GR8763 GRENERGY-GR8763 Datasheet
600Kb / 13P
   Power Factor Controller IC for High Power Factor
logo
International Rectifier
IRPLLNR2 IRF-IRPLLNR2 Datasheet
355Kb / 16P
   High Power Factor/Low THD
logo
Siemens Semiconductor G...
TDA4814 SIEMENS-TDA4814 Datasheet
312Kb / 14P
   Power Factor Controller IC for High Power Factor and Active Harmonic Filter
TDA4817 SIEMENS-TDA4817 Datasheet
369Kb / 12P
   Power Factor Controller IC for High Power Factor and Active Harmonic Filtering
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com