Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC574DTR2G Datasheet(PDF) 5 Page - ON Semiconductor

Part # 74HC574DTR2G
Description  Octal 3?뭆tate Noninverting D Flip?묯lop
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74HC574DTR2G Datasheet(HTML) 5 Page - ON Semiconductor

  74HC574DTR2G Datasheet HTML 1Page - ON Semiconductor 74HC574DTR2G Datasheet HTML 2Page - ON Semiconductor 74HC574DTR2G Datasheet HTML 3Page - ON Semiconductor 74HC574DTR2G Datasheet HTML 4Page - ON Semiconductor 74HC574DTR2G Datasheet HTML 5Page - ON Semiconductor 74HC574DTR2G Datasheet HTML 6Page - ON Semiconductor 74HC574DTR2G Datasheet HTML 7Page - ON Semiconductor 74HC574DTR2G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
74HC574
http://onsemi.com
5
AC ELECTRICAL CHARACTERISTICS (CL = 50 pF; Input tr = tf = 6.0 ns)
VCC
(V)
Guaranteed Limit
Symbol
Parameter
*55 to 25_C
v85_C
v125_C
Unit
fmax
Maximum Clock Frequency (50% Duty Cycle)
(Figures 3 and 6)
2.0
3.0
4.5
6.0
6.0
15
30
35
4.8
10
24
28
4.0
8.0
20
24
MHz
tPLH,
tPHL
Maximum Propagation Delay, Clock to Q
(Figures 3 and 6)
2.0
3.0
4.5
6.0
160
105
32
27
200
145
40
34
240
190
48
41
ns
tPLZ,
tPHZ
Maximum Propagation Delay, Output Enable to Q
(Figures 4 and 7)
2.0
3.0
4.5
6.0
150
100
30
26
190
125
38
33
225
150
45
38
ns
tPZL,
tPZH
Maximum Propagation Delay, Output Enable to Q
(Figures 4 and 7)
2.0
3.0
4.5
6 0
140
90
28
24
175
120
35
30
210
140
42
36
ns
tTLH,
tTHL
Maximum Output Transition Time, any Output
(Figures 3 and 6)
2.0
3.0
4.5
6.0
60
27
12
10
75
32
15
13
90
36
18
15
ns
Cin
Maximum Input Capacitance
10
10
10
pF
Cout
Maximum Three−State Output Capacitance, Output in High−Impedance
State
15
15
15
pF
8. For propagation delays with loads other than 50 pF, and information on typical parametric values, see the ON Semiconductor High−Speed
CMOS Data Book (DL129/D).
Typical @ 25°C, VCC = 5.0 V
CPD
Power Dissipation Capacitance (Per Enabled Output)*
24
pF
*Used to determine the no−load dynamic power consumption: PD = CPD VCC2f + ICC VCC. For load considerations, see the ON
Semiconductor High−Speed CMOS Data Book (DL129/D).
TIMING REQUIREMENTS (CL = 50 pF; Input tr = tf = 6.0 ns)
Guaranteed Limit
VCC
– 55 to 25_C
v 85_C
v 125_C
Symbol
Parameter
Figure
(V)
Min
Max
Min
Max
Min
Max
Unit
tsu
Minimum Setup Time, Data to Clock
5
2.0
3.0
4.6
6.0
50
40
10
9.0
65
50
13
11
75
60
15
13
ns
th
Minimum Hold Time, Clock to Data
5
2.0
3.0
4.5
6.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
ns
tw
Minimum Pulse Width, Clock
3
2.0
3.0
4.5
6.0
75
60
15
13
95
80
19
16
110
90
22
19
ns
tr, tf
Maximum Input Rise and Fall Times
3
2.0
3.0
4.5
6.0
1000
800
500
400
1000
800
500
400
1000
800
500
400
ns


Similar Part No. - 74HC574DTR2G

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC574D PHILIPS-74HC574D Datasheet
57Kb / 7P
   Octal D-type flip-flop; positive edge-trigger; 3-state
December 1990
logo
Toshiba Semiconductor
74HC574D TOSHIBA-74HC574D Datasheet
220Kb / 12P
   CMOS Digital Integrated Circuits Silicon Monolithic
2020-11-17 Rev.3.0
logo
Nexperia B.V. All right...
74HC574D NEXPERIA-74HC574D Datasheet
289Kb / 17P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 9 - 20 October 2022
74HC574D-Q100 NEXPERIA-74HC574D-Q100 Datasheet
785Kb / 17P
   Octal D-type flip-flop; positive edge-trigger; 3-state
More results

Similar Description - 74HC574DTR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HCT574A ONSEMI-MC74HCT574A_05 Datasheet
107Kb / 7P
   Octal 3?뭆tate Noninverting D Flip?묯lop with LSTTL?묬ompatible Inputs
September, 2005 ??Rev. 9
MC74HCT374A ONSEMI-MC74HCT374A_05 Datasheet
116Kb / 8P
   Octal 3?뭆tate Noninverting D Flip?묯lop with LSTTL?묬ompatible Inputs
June, 2005 ??Rev. 10
MC74HC574A ONSEMI-MC74HC574A_05 Datasheet
122Kb / 10P
   Octal 3?뭆tate Noninverting D Flip?묯lop High?뭁erformance Silicon?묰ate CMOS
July, 2005 ??Rev. 10
MC74AC574 ONSEMI-MC74AC574_06 Datasheet
115Kb / 10P
   Octal D Flip?묯lop with 3?뭆tate Outputs
December, 2006 ??Rev. 8
74HC374 ONSEMI-74HC374 Datasheet
130Kb / 9P
   Octal 3?뭆tate Non?묲nverting D Flip?묯lop
March, 2007 ??Rev. 0
MC74VHC374 ONSEMI-MC74VHC374 Datasheet
180Kb / 8P
   Octal D?뭈ype Flip?묯lop with 3?뭆tate Output
March, 2006 ??Rev. 5
MC74VHCT574A ONSEMI-MC74VHCT574A_06 Datasheet
98Kb / 7P
   Octal D?뭈ype Flip?묯lop with 3?뭆tate Output
January, 2006 ??Rev. 4
MC74VHC574 ONSEMI-MC74VHC574 Datasheet
168Kb / 8P
   Octal D?뭈ype Flip?묯lop with 3?뭆tate Output
March, 2006 ??Rev. 5
MC74ACT564 ONSEMI-MC74ACT564 Datasheet
81Kb / 8P
   Octal D?뭈ype Flip?묯lop with 3?뭆tate Outputs
December, 2006 ??Rev. 3
MC74AC374 ONSEMI-MC74AC374 Datasheet
115Kb / 10P
   Octal D?뭈ype Flip?묯lop with 3?뭆tate Outputs
November, 2006 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com