Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKP1848530094K2 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # MKP1848530094K2
Description  Metallized Polypropylene Film Capacitors DC Capacitor MKP Type
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP1848530094K2 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button MKP1848530094K2 Datasheet HTML 2Page - Vishay Siliconix MKP1848530094K2 Datasheet HTML 3Page - Vishay Siliconix MKP1848530094K2 Datasheet HTML 4Page - Vishay Siliconix MKP1848530094K2 Datasheet HTML 5Page - Vishay Siliconix MKP1848530094K2 Datasheet HTML 6Page - Vishay Siliconix MKP1848530094K2 Datasheet HTML 7Page - Vishay Siliconix MKP1848530094K2 Datasheet HTML 8Page - Vishay Siliconix MKP1848530094K2 Datasheet HTML 9Page - Vishay Siliconix MKP1848530094K2 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
MKP 1848 DC-Link
Vishay Roederstein
Metallized Polypropylene Film Capacitors
DC Capacitor MKP Type
www.vishay.com
For technical questions, contact: dc-film@vishay.com
Document Number: 28164
286
Revision: 02-Feb-09
Notes
(1) Change the * symbol with special code for the terminals
(2) Maximum rms current at 10 kHz, + 85 °C, Cap. tol.
≤ ± 5 %
(3) Equivalent series resistance typical values at 10 kHz
(4) Standard dimension
(5) Intermediate capacitance values are available on request.
• SPQ = Standard Packing Quantity
CONSTRUCTION
Description
Low inductive wound cell elements of metallised polypropylene film, potted with resin in a flame retardant case.
MOUNTING
The capacitors unit is designed for mounting on PCB. The capacitors shall be mechanically fixed by the leads and body must be
clamped to withstand vibration and shock.
Space Requirements on Printed-Circuit Board
The maximum length and width of film capacitors is shown in the figure:
• Eccentricity as in figure. The maximum eccentricity is smaller than or equal to the lead diameter of the product concerned
• Product height with seating plane as given by “IEC 60717” as reference: h
max. ≤ h + 0.5 mm
Storage temperature
• Storage temperature: T
stg = - 25 °C to + 40 °C with RH maximum 80 % without condensation
Ratings and Characteristics Reference Conditions
Unless otherwise specified, all electrical values apply to an ambient free temperature of 23 °C ± 1 °C, an atmospheric pressure
of 86 kPa to 106 kPa and a relative humidity of 50 % ± 2 %.
For reference testing, a conditioning period shall be applied over 96 h ± 4 h by heating the products in a circulating air oven at
the rated temperature and a relative humidity not exceeding 20 %.
CAP.
(5)
DIMENSIONS
(mm) (4)
P1
P2
Ø dt dV/dt IPEAK
IRMS (A)
ESR
(m
Ω) (3)
tan
δ
1 kHz
< (10-4)
tan
δ
10 kHz
< (10-4)
MASS SPQ
PART NUMBER (1)
(µF)
W
H
L
(mm) (mm) (mm) (V/µs)
(A)
2
pins
4
pins
2
pins
4
pins
2
pins
4
pins
2
pins
4
pins
(g)
(pcs)
15
25.0 45.0 57.5 52.5
20.3
1.2
24
360
9.5
10.5 16.5 14.5 23.0 21.0 220 200
69
55
MKP1848615924Y*
20
35.0 50.0 57.5 52.5
20.3
1.2
24
480
12.5 13.5 12.5 11.0 23.0 21.0 220 200
119
40
MKP1848620924Y*
22
35.0 50.0 57.5 52.5
20.3
1.2
24
528
13.0 14.0 11.0 10.0 23.0 21.0 220 200
114
40
MKP1848622924Y*
25
35.0 50.0 57.5 52.5
20.3
1.2
24
600
14.0 15.0 10.0 9.0 23.0 21.0 220 200
104
40
MKP1848625924Y*
30
45.0 45.0 57.5 52.5
20.3
1.2
24
750
-
17.0
-
7.0
-
21.0
-
200
191
30
MKP1848630924Y5
60
70.0 60.0 57.5 52.5
20.3
1.2
24
1560
-
28.5
-
3.5
-
21.0
-
200
450
15
MKP1848660924Y5
Eccentricity
Imax. = I + 0.5 mm
bmax. = b + 0.5 mm


Similar Part No. - MKP1848530094K2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1848530094K2 VISHAY-MKP1848530094K2 Datasheet
198Kb / 20P
   Metallized Polypropylene Film Capacitors
Revision: 19-Feb-16
More results

Similar Description - MKP1848530094K2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1848 VISHAY-MKP1848_11 Datasheet
157Kb / 16P
   Metallized Polypropylene Film Capacitors DC Capacitor MKP Type
Revision: 27-May-11
logo
EPCOS
B32651 EPCOS-B32651_11 Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
B32794D2635K EPCOS-B32794D2635K Datasheet
303Kb / 19P
   Metallized Polypropylene Film Capacitors (MKP)
B32621A6223J EPCOS-B32621A6223J Datasheet
525Kb / 30P
   Metallized Polypropylene Film Capacitors (MKP)
logo
TDK Electronics
MKP-B3267P TDK-MKP-B3267P Datasheet
494Kb / 18P
   Metallized Polypropylene Film Capacitors (MKP)
logo
EPCOS
B32778G406K EPCOS-B32778G406K Datasheet
280Kb / 21P
   Metallized Polypropylene Film Capacitors (MKP)
B32652A3334J EPCOS-B32652A3334J Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
B32674 EPCOS-B32674_11 Datasheet
326Kb / 22P
   Metallized Polypropylene Film Capacitors (MKP)
B32654A474J EPCOS-B32654A474J Datasheet
503Kb / 18P
   Metallized Polypropylene Film Capacitors (MKP)
B32676G6106K EPCOS-B32676G6106K Datasheet
308Kb / 22P
   Metallized Polypropylene Film Capacitors (MKP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com