Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKP338668133 Datasheet(PDF) 11 Page - Vishay Siliconix

Part # MKP338668133
Description  Interference Suppression Film Capacitors MKP Radial Potted Type
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP338668133 Datasheet(HTML) 11 Page - Vishay Siliconix

Back Button MKP338668133 Datasheet HTML 7Page - Vishay Siliconix MKP338668133 Datasheet HTML 8Page - Vishay Siliconix MKP338668133 Datasheet HTML 9Page - Vishay Siliconix MKP338668133 Datasheet HTML 10Page - Vishay Siliconix MKP338668133 Datasheet HTML 11Page - Vishay Siliconix MKP338668133 Datasheet HTML 12Page - Vishay Siliconix MKP338668133 Datasheet HTML 13Page - Vishay Siliconix MKP338668133 Datasheet HTML 14Page - Vishay Siliconix MKP338668133 Datasheet HTML 15Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
MKP 338 6 Y2
Vishay BCcomponents Interference Suppression Film Capacitors
MKP Radial Potted Type
www.vishay.com
For technical questions, contact: RFI@vishay.com
Document Number: 28114
374
Revision: 01-Jul-10
Bent back pitch = 7.5 mm
Notes
(1) Reel diameter = 356 mm is available on request
(2) Weight for short lead product only
• SPQ = Standard Packing Quantity
C
(µF)
DIMENSIONS
w x h x l
(mm)
MASS
(g) (1)
CATALOG NUMBER BFC2 338 6X XXX AND PACKAGING
LOOSE IN BOX
AMMOPACK
REEL
Short leads
Long leads
lt = 3.5 mm
+ 1 mm/
- 0.5 mm
lt =
5.0 mm
± 1.0 mm
SPQ
lt =
25.0 mm
± 2.0 mm
SPQ
H= 16 mm;
P0 =15mm
SPQ
REEL:
Ø = 500 mm
H = 16 mm;
P0 = 15 mm
SPQ
Original pitch = 10.0 mm; bent back pitch = 7.5 mm ± 0.4 mm; dt = 0.60 mm ± 0.06 mm
0.001
4.0 x 12.0 x 12.5
0.6
68553
1300
68516
2000
0.0012
68554
68517
0.0015
68555
68518
0.0018
68556
68519
0.0022
68557
68521
0.0027
68558
68522
0.0033
68559
68523
0.0039
68561
68524
0.0047
5.0 x 13.0 x 12.5
0.82
68562
1000
68363
1900
0.0056
68563
68364
Original pitch = 15.0 mm; bent back pitch = 7.5 mm ± 0.4 mm; dt = 0.60 mm ± 0.06 mm
0.0068
5.0 x 13.0 x 17.5
1.1
68368
950
0.0082
68369
0.01
68371
0.012
6.0 x 14.0 x 17.5
1.4
68372
800
0.015
68373
Original pitch = 15.0 mm; bent back pitch = 7.5 mm ± 0.4 mm; dt = 0.80 mm ± 0.08 mm
0.018
7.0 x 15.5 x 17.5
1.8
68374
700
0.022
68375
0.027
8.5 x 17.0 x 17.5
2.4
68376
550
0.033
68377
0.039
10.0 x 18.5 x 17.5
3
68378
500


Similar Part No. - MKP338668133

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MKP3386Y2 ETC1-MKP3386Y2 Datasheet
522Kb / 17P
   Interference suppression film capacitors
logo
Vishay Siliconix
MKP3386Y2 VISHAY-MKP3386Y2 Datasheet
180Kb / 20P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 10-Oct-08
More results

Similar Description - MKP338668133

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP339X2 VISHAY-MKP339X2 Datasheet
191Kb / 18P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 13-May-13
BFC233610224 VISHAY-BFC233610224 Datasheet
148Kb / 11P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 06-Aug-12
MKP3384X2 VISHAY-MKP3384X2 Datasheet
464Kb / 8P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 01-Aug-07
BFC233620223 VISHAY-BFC233620223 Datasheet
221Kb / 17P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 08-Oct-08
BFC233820224 VISHAY-BFC233820224 Datasheet
225Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 16-Jul-09
MKP3382X2 VISHAY-MKP3382X2 Datasheet
293Kb / 8P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 21-Nov-05
MKP3381X1 VISHAY-MKP3381X1 Datasheet
132Kb / 5P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 07-Oct-03
BFC233922105 VISHAY-BFC233922105 Datasheet
194Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 13-May-13
BFC233620104 VISHAY-BFC233620104 Datasheet
185Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 18-Dec-12
F17102101000 VISHAY-F17102101000 Datasheet
136Kb / 11P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 12-Jun-13
BFC233820683 VISHAY-BFC233820683 Datasheet
225Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 04-Jul-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com