Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFC237076154 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # BFC237076154
Description  DC Film Capacitors MKT Radial Potted Type
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BFC237076154 Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button BFC237076154 Datasheet HTML 3Page - Vishay Siliconix BFC237076154 Datasheet HTML 4Page - Vishay Siliconix BFC237076154 Datasheet HTML 5Page - Vishay Siliconix BFC237076154 Datasheet HTML 6Page - Vishay Siliconix BFC237076154 Datasheet HTML 7Page - Vishay Siliconix BFC237076154 Datasheet HTML 8Page - Vishay Siliconix BFC237076154 Datasheet HTML 9Page - Vishay Siliconix BFC237076154 Datasheet HTML 10Page - Vishay Siliconix BFC237076154 Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Document Number: 28108
For technical questions, contact: dc-film@vishay.com
www.vishay.com
Revision: 04-Aug-09
83
MKT 370
DC Film Capacitors
MKT Radial Potted Type
Vishay BCcomponents
URdc = 400 V; URac = 160 V (compact size)
Notes
(1) Weight for short lead product only
• SPQ = Standard Packing Quantity
URdc = 630 V; URac = 220 V (compact size)
Notes
(1) Weight for short lead product only
• SPQ = Standard Packing Quantity
C
(µF)
DIMENSIONS
w x h x l
(mm)
MASS
(g) (1)
CATALOG NUMBER BFC2 370 XXYYY AND PACKAGING
AMMOPACK
LOOSE IN BOX
REEL
C-VALUE
H = 18.5 mm;
P0 = 12.7 mm
Short leads
Long leads
C-tol. =
± 10 %
C-tol. =
± 5 %
C-tol. =
± 10 %
C-tol. =
± 5 %
C-tol. =
± 10 %
C-tol. =
± 5 %
C-tol. =
± 10 %
C-tol. =
± 5 %
XX
(SPQ)
XX
(SPQ)
XX
(SPQ)
XX
(SPQ)
XX
(SPQ)
XX
(SPQ)
XX
(SPQ)
XX
(SPQ)
..YYY
Pitch = 5.08 mm ± 0.30 mm; dt = 0.50 mm ± 0.05 mm
0.01
2.5 x 6.5 x 7.2
0.18
FB...
(2000)
FC...
(2000)
FE...
(2000)
FF...
(2000)
FH...
(1000)
FI...
(1000)
FL...
(2000)
FM...
(2000)
103
0.012
123
0.015
153
0.018
183
0.022
3.5 x 8.0 x 7.2
0.30
FB...
(1500)
FC...
(1500)
FE...
(2000)
FF...
(2000)
FH...
(1000)
FI...
(1000)
FL...
(1500)
FM...
(1500)
223
0.027
273
0.033
333
0.039
393
0.047
4.5 x 9.0 x 7.2
0.42
FB...
(1000)
FC...
(1000)
FE...
(2000)
FF...
(2000)
FH...
(1000)
FI...
(1000)
FL...
(1000)
FM...
(1000)
473
0.056
563
0.068
6.0 x 11.0 x 7.2
0.64
FB...
(750)
FC...
(750)
FE...
(2000)
FF...
(2000)
FH...
(1000)
FI...
(1000)
FL...
(1000)
FM...
(1000)
683
0.082
823
0.10
104
C
(µF)
DIMENSIONS
w x h x l
(mm)
MASS
(g) (1)
CATALOG NUMBER BFC2 370 XXYYY AND PACKAGING
AMMOPACK
LOOSE IN BOX
REEL
C-VALUE
H = 18.5 mm;
P0 = 12.7 mm
Short leads
Long leads
C-tol. =
± 10 %
C-tol. =
± 5 %
C-tol. =
± 10 %
C-tol. =
± 5 %
C-tol. =
± 10 %
C-tol. =
± 5 %
C-tol. =
± 10 %
C-tol. =
± 5 %
XX
(SPQ)
XX
(SPQ)
XX
(SPQ)
XX
(SPQ)
XX
(SPQ)
XX
(SPQ)
XX
(SPQ)
XX
(SPQ)
..YYY
Pitch = 5.08 mm ± 0.30 mm; dt = 0.50 mm ± 0.05 mm
0.00068
3.5 x 8.0 x 7.2
0.35
GB...
(1500)
GC...
(1500)
GE...
(2000)
GF...
(2000)
GH...
(1000)
GI...
(1000)
GL...
(1500)
GM...
(1500)
681
0.00082
821
0.001
102
0.0012
122
0.0015
152
0.0018
182
0.002
202
0.0022
222
0.0024
242
0.0027
272
0.0033
332
0.0039
392
0.0047
472
0.0056
562
0.0068
682
0.0082
822
0.01
103
0.012
4.5 x 9.0 x 7.2
0.45
GB...
(1000)
GC...
(1000)
GE...
(2000)
GF...
(2000)
GH...
(1000)
GI...
(1000)
GL...
(1000)
GM...
(1000)
123
0.015
153
0.018
6.0 x 11.0 x 7.2
0.65
GB...
(750)
GC...
(750)
GE...
(2000)
GF...
(2000)
GH...
(1000)
GI...
(1000)
GL...
(1000)
GM...
(1000)
183
0.022
223
0.027
273
0.033
333


Similar Part No. - BFC237076154

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BFC237021473 VISHAY-BFC237021473 Datasheet
196Kb / 18P
   DC Film Capacitors MKT Radial Potted Type
Revision: 17-May-13
More results

Similar Description - BFC237076154

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BFC237021473 VISHAY-BFC237021473 Datasheet
196Kb / 18P
   DC Film Capacitors MKT Radial Potted Type
Revision: 17-May-13
MKT373M VISHAY-MKT373M Datasheet
158Kb / 14P
   DC Film Capacitors MKT Radial Potted Type
222237353105 VISHAY-222237353105 Datasheet
162Kb / 14P
   DC Film Capacitors MKT Radial Potted Type
Revision: 21-Nov-12
BFC237321335 VISHAY-BFC237321335 Datasheet
172Kb / 14P
   DC Film Capacitors MKT Radial Potted Type
Revision: 21-Nov-12
BFC237353104 VISHAY-BFC237353104 Datasheet
187Kb / 18P
   DC Film Capacitors MKT Radial Potted Type
Revision: 21-Nov-12
MKT371 VISHAY-MKT371 Datasheet
258Kb / 28P
   DC Film Capacitor MKT Radial Potted Type
Revision: 23-Oct-08
MKT1820 VISHAY-MKT1820_08 Datasheet
130Kb / 12P
   DC Film Capacitor MKT Radial Potted Type
Revision: 23-Oct-08
MKT370 VISHAY-MKT370 Datasheet
188Kb / 18P
   DC Film Capacitor MKT Radial Potted Type
Revision: 17-Nov-08
MKT372 VISHAY-MKT372 Datasheet
302Kb / 7P
   Metallized Polyester Film Capacitors MKT Radial Potted Type
Revision: 21-Nov-05
F17723222000 VISHAY-F17723222000 Datasheet
136Kb / 12P
   Interference Suppression Film Capacitors MKT Radial Potted Type
Revision: 17-Apr-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com