Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IM43TS Datasheet(PDF) 5 Page - Tyco Electronics

Part # IM43TS
Description  IM Series Signal Relays
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

IM43TS Datasheet(HTML) 5 Page - Tyco Electronics

  IM43TS Datasheet HTML 1Page - Tyco Electronics IM43TS Datasheet HTML 2Page - Tyco Electronics IM43TS Datasheet HTML 3Page - Tyco Electronics IM43TS Datasheet HTML 4Page - Tyco Electronics IM43TS Datasheet HTML 5Page - Tyco Electronics IM43TS Datasheet HTML 6Page - Tyco Electronics IM43TS Datasheet HTML 7Page - Tyco Electronics IM43TS Datasheet HTML 8Page - Tyco Electronics IM43TS Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
108-98001 Rev. M
All specifications subject to change. Consult Tyco Electronics for latest specifications.
5 of 28
AXICOM Signal Relays
IM Relay 2 Pole Changeover / 2 Form C / DPDT
Dimensions
Dimensions in mm
THT Version
Mounting Hole Layout
View onto the component side of the PCB (top view)
Non-Latching Type
not energized condition
Latching Type, 1 Coil
reset condition
IM THT
Standard
IM THT
Narrow
IM SMT
Gull Wings
IM SMT
J-Legs
mm
inch
mm
inch
mm
inch
mm
inch
L
W
H
10.00 ± 0.08
6.00 ± 0.08
5.65 – 0.20
0.393 ± 0.003
0.236 ± 0.003
0.222 – 0.008
10.00 ± 0.08
5.70 ± 0.30
5.80 ± 0.08
0.393 ± 0.003
0.224 ± 0.012
0.230 ± 0.003
10.00 ± 0.08
6.00 ± 0.08
5.65 – 0.20
0.393 ± 0.003
0.236 ± 0.003
0.222 – 0.008
10.00 ± 0.08
6.00 ± 0.08
5.65 – 0.02
0.393 ± 0.003
0.236 ± 0.003
0.222 – 0.008
SMT Version
Standard Version
Narrow Version
Solder Pad Layout
View onto the component side of the PCB (top view)
Gull Wings
J-Legs
Standard Version
Narrow Version
Gull Wings
Ø min. 0.75
Ø min. 0.75
Terminal Assignment
Relay – top view
Contacts in reset position. Contact
position might change during trans-
portation and must be reset before
use.
Coplanarity ≤ 0.1mm
Coplanarity ≤ 0.1mm
T
T1
T2
D1
D2
Tw
S
3.2
N/A
5.08 ± 0.10
3.20 ± 0.15
2.20 ± 0.15
0.40
0.75
0.125
N/A
0.200 ± 0.004
0.126 ± 0.006
0.087 ± 0.006
0.015
0.029
3.2
N/A
3.20 ± 0.10
3.20 ± 0.15
2.20 ± 0.15
0.4
0.30 ± 0.05
0.125
N/A
0.126 ± 0.004
0.126 ± 0.006
0.087 ± 0.006
0.015
0.011 ± 0.002
N/A
7.50 ± 0.30
5.08 ± 0.10
3.20 ± 0.15
2.20 ± 0.15
0.4
N/A
N/A
0.295 ± 0.011
0.200 ± 0.004
0.126 ± 0.006
0.087 ± 0.006
0.015
N/A
N/A
2.80 ± 0.20
5.08 ± 0.10
3.20 ± 0.15
2.20 ± 0.15
0.4
N/A
N/A
0.110 ± 0.007
0.200 ± 0.004
0.126 ± 0.006
0.087 ± 0.006
0.015
N/A


Similar Part No. - IM43TS

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
IM43TS MACOM-IM43TS Datasheet
795Kb / 11P
   The Best Relaytion
More results

Similar Description - IM43TS

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
9-1462038-9 MACOM-9-1462038-9 Datasheet
3Mb / 7P
   Signal Relays
V23079A1005B301 MACOM-V23079A1005B301 Datasheet
2Mb / 8P
   Signal Relays
logo
TE Connectivity Ltd
IM-B TEC-IM-B Datasheet
2Mb / 4P
   Signal Relays
logo
List of Unclassifed Man...
HRA ETC1-HRA Datasheet
400Kb / 3P
   Signal Relays
29/06/20
logo
Tyco Electronics
4-1393789-5 MACOM-4-1393789-5 Datasheet
1Mb / 8P
   Signal Relays
1-1462051-2 MACOM-1-1462051-2 Datasheet
645Kb / 6P
   RF Signal Relays
logo
Kemet Corporation
EC2-5NU KEMET-EC2-5NU Datasheet
86Kb / 1P
   Relays, Signal, EC2
EC2-24SNU KEMET-EC2-24SNU Datasheet
86Kb / 1P
   Relays, Signal, EC2
logo
List of Unclassifed Man...
ADT-2593-MF-SMA-02 ETC2-ADT-2593-MF-SMA-02 Datasheet
45Kb / 1P
   Im-Series Adapters
logo
Kemet Corporation
EC2-5TNU KEMET-EC2-5TNU Datasheet
107Kb / 1P
   Relays, Signal, EC2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com