Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFC233824153 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # BFC233824153
Description  Interference Suppression Film Capacitors MKP Radial Potted Type
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BFC233824153 Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button BFC233824153 Datasheet HTML 4Page - Vishay Siliconix BFC233824153 Datasheet HTML 5Page - Vishay Siliconix BFC233824153 Datasheet HTML 6Page - Vishay Siliconix BFC233824153 Datasheet HTML 7Page - Vishay Siliconix BFC233824153 Datasheet HTML 8Page - Vishay Siliconix BFC233824153 Datasheet HTML 9Page - Vishay Siliconix BFC233824153 Datasheet HTML 10Page - Vishay Siliconix BFC233824153 Datasheet HTML 11Page - Vishay Siliconix BFC233824153 Datasheet HTML 12Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Document Number: 28119
For technical questions, contact: rfi@vishay.com
www.vishay.com
Revision: 16-Jul-09
152
MKP 338 2 X2
Interference Suppression Film Capacitors
MKP Radial Potted Type
Vishay BCcomponents
Notes
(1)
H = In-tape height, P0 = Sprocket hole distance; for detailed specifications refer to packaging information
(2)
Reel diameter = 356 mm is available on request
(3)
Weight for short lead product only
Notes
(1)
H = In-tape height, P0 = Sprocket hole distance; for detailed specifications refer to packaging information
(2)
Reel diameter = 356 mm is available on request
(3)
Weight for short lead product only
0.047
1.0
29085
29105
1000
29125
1000
29158
1100
0.056
21563
23563
25563
29161
0.068
21683
23683
25683
29163
0.082
21823
23823
25823
29165
0.1
21104
23104
25104
29166
0.12
20124
22124
1000
24124
1000
27124
900
0.15
6.0 x 12.0 x 17.5
1.4
20154
22154
750
24154
500
27154
800
0.18
20184
22184
24184
27184
Pitch = 15 mm ± 0.4 mm; dt = 0.80 mm ± 0.08 mm
0.22
7.0 x 13.5 x 17.5
1.8
20224
22224
750
24224
500
27224
650
0.27
8.5 x 15.0 x 17.5
2.4
20274
22274
750
24274
500
27274
650
0.33
20334
22334
500
24334
450
27334
600
Pitch: 15.0 mm; C-tol. = ± 20 %
C
(µF)
DIMENSIONS
w x h x l
(mm)
MASS
(g) (3)
CATALOG NUMBER BFC2 338 ..... AND PACKAGING
LOOSE IN BOX
REEL (500 mm) (1) (2)
Short leads
Long leads
H = 18.5 mm
P0 = 12.7 mm
lt = 3.5 mm
± 0.3 mm
lt = 5.0 mm
± 1.0 mm
SPQ
lt = 25.0 mm
± 2.0 mm
SPQ
SPQ
Pitch: 15.0 mm; C-tol. = ± 10 %
C
(µF)
DIMENSIONS
w x h x l
(mm)
MASS
(g) (3)
CATALOG NUMBER BFC2 338 ..... AND PACKAGING
LOOSE IN BOX
REEL (500 mm) (1) (2)
Short leads
Long leads
H = 18.5 mm
P0 = 12.7 mm
lt = 3.5 mm
+ 1 mm/- 0.3 mm
lt = 5.0 mm
± 1.0 mm
SPQ
lt = 25.0 mm
± 2.0 mm
SPQ
SPQ
Pitch = 15 mm ± 0.4 mm; dt = 0.60 mm ± 0.06 mm
0.01
5.0 x 11.0 x 17.5
1.0
29066
29086
1000
29106
1000
29139
1100
0.012
29067
29087
29107
29142
0.015
29068
29088
29108
29144
0.018
29069
29089
29109
29146
0.022
29071
29091
29111
29148
0.027
29072
29092
29112
29151
0.033
29073
29093
29113
29153
0.039
29074
29094
29114
29155
0.047
29075
29095
29115
29157
0.056
29126
29131
29135
29159
0.068
29127
29132
29136
29162
0.082
29128
29133
29137
29164
0.1
28127
28327
1000
28527
1000
28927
900
0.12
6.0 x 12.0 x 17.5
1.4
28128
28328
750
28528
500
28928
800
0.15
28129
28329
28529
28929
Pitch = 15 mm ± 0.4 mm; dt = 0.80 mm ± 0.08 mm
0.18
7.0 x 13.5 x 17.5
1.8
28131
28331
750
28531
500
28931
650
0.22
28132
28332
28532
28932
0.27
8.5 x 15.0 x 17.5
2.4
28133
28333
500
28533
450
28933
600
0.33
29129
29134
29138
29167


Similar Part No. - BFC233824153

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BFC233824104 VISHAY-BFC233824104 Datasheet
115Kb / 5P
   High Frequency (up to 20 GHz) Resistor, Thin Film Surface Mount Chip
Revision: 26-Jun-12
More results

Similar Description - BFC233824153

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP339X2 VISHAY-MKP339X2 Datasheet
191Kb / 18P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 13-May-13
BFC233610224 VISHAY-BFC233610224 Datasheet
148Kb / 11P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 06-Aug-12
MKP3384X2 VISHAY-MKP3384X2 Datasheet
464Kb / 8P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 01-Aug-07
BFC233620223 VISHAY-BFC233620223 Datasheet
221Kb / 17P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 08-Oct-08
BFC233820224 VISHAY-BFC233820224 Datasheet
225Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 16-Jul-09
MKP3382X2 VISHAY-MKP3382X2 Datasheet
293Kb / 8P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 21-Nov-05
MKP3381X1 VISHAY-MKP3381X1 Datasheet
132Kb / 5P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 07-Oct-03
BFC233922105 VISHAY-BFC233922105 Datasheet
194Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 13-May-13
BFC233620104 VISHAY-BFC233620104 Datasheet
185Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 18-Dec-12
F17102101000 VISHAY-F17102101000 Datasheet
136Kb / 11P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 12-Jun-13
BFC233820683 VISHAY-BFC233820683 Datasheet
225Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 04-Jul-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com