Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM1032ARZ-REEL7 Datasheet(PDF) 1 Page - ON Semiconductor

Part # ADM1032ARZ-REEL7
Description  짹1??Remote and Local System Temperature Monitor
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADM1032ARZ-REEL7 Datasheet(HTML) 1 Page - ON Semiconductor

  ADM1032ARZ-REEL7 Datasheet HTML 1Page - ON Semiconductor ADM1032ARZ-REEL7 Datasheet HTML 2Page - ON Semiconductor ADM1032ARZ-REEL7 Datasheet HTML 3Page - ON Semiconductor ADM1032ARZ-REEL7 Datasheet HTML 4Page - ON Semiconductor ADM1032ARZ-REEL7 Datasheet HTML 5Page - ON Semiconductor ADM1032ARZ-REEL7 Datasheet HTML 6Page - ON Semiconductor ADM1032ARZ-REEL7 Datasheet HTML 7Page - ON Semiconductor ADM1032ARZ-REEL7 Datasheet HTML 8Page - ON Semiconductor ADM1032ARZ-REEL7 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
© Semiconductor Components Industries, LLC, 2009
December, 2009 − Rev. 11
1
Publication Order Number:
ADM1032/D
ADM1032
+15C Remote and Local
System Temperature Monitor
The ADM1032 is a dual−channel digital thermometer and
under/overtemperature alarm intended for use in PCs and thermal
management systems. The device can measure the temperature of a
remote thermal diode, which can be located on the processor die or can
be a discrete device (2N3904/06), accurate to 1
°C. A novel
measurement technique cancels out the absolute value of the
transistor’s base emitter voltage so that no calibration is required. The
ADM1032 also measures its ambient temperature.
The ADM1032 communicates over a 2−wire serial interface
compatible with System Management Bus (SMBus) standards.
Under/overtemperature limits can be programmed into the device over
the SMBus, and an ALERT output signals when the on−chip or remote
temperature measurement is out of range. This output can be used as
an interrupt or as a SMBus alert. The THERM output is a comparator
output that allows CPU clock throttling or on/off control of a cooling
fan. An ADM1032−1 and ADM1032−2 are available. The difference
between the ADM1032 and the ADM1032−1 is the default value of
the external THERM limit. The ADM1032−2 has a different SMBus
address. The SMBus address of the ADM1032−2 is 0x4D.
Features
On−Chip and Remote Temperature Sensing
Offset Registers for System Calibration
0.125°C Resolution/1°C Accuracy on Remote Channel
1°C Resolution/3°C Accuracy on Local Channel
Fast (Up to 64 Measurements Per Second)
2−Wire SMBus Serial Interface
Supports SMBus Alert
Programmable Under/Overtemperature Limits
Programmable Fault Queue
Overtemperature Fail−Safe THERM Output
Programmable THERM Limits
Programmable THERM Hysteresis
170 mA Operating Current
5.5 mA Standby Current
3.0 V to 5.5 V Supply
Small 8−Lead SOIC and MSOP Packages
These are Pb−Free Devices
Applications
Desktop and Notebook Computers
Smart Batteries
Industrial Controllers
Telecommunications Equipment
Instrumentation
Embedded Systems
MARKING
DIAGRAMS
http://onsemi.com
PIN ASSIGNMENT
VDD
D+
D–
GND
ALERT
THERM
1
2
3
4
8
7
6
5
(Top View)
SCLK
SDATA
See detailed ordering and shipping information in the package
dimensions section on page 16 of this data sheet.
ORDERING INFORMATION
MSOP−8
CASE 846AB
1
SOIC−8
CASE 751
1032AR
#YWW
XXXX
1
8
T1x = Refer to Order Info Table
A
= Assembly Location
Y
= Year
W
= Work Week
G
= Pb−Free Package
1
T1x
AYWG
G
1
8
1032AR
01
#YWW
1
8
Marking #2
Marking #1
#
= Pb−Free Package
Y
= Year
W
= Work Week
XX = Assembly Lot
(Note: Microdot may be in either location)


Similar Part No. - ADM1032ARZ-REEL7

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADM1032ARZ-REEL ONSEMI-ADM1032ARZ-REEL Datasheet
214Kb / 18P
   Local System Temperature Monitor
October, 2013 ??Rev. 13
More results

Similar Description - ADM1032ARZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1032 AD-ADM1032 Datasheet
167Kb / 12P
   -1C Remote and Local System Temperature Monitor
REV. 0
logo
ON Semiconductor
ADM1032ARMZ-1 ONSEMI-ADM1032ARMZ-1 Datasheet
203Kb / 18P
   1C Remote and Local System Temperature Monitor
October, 2013 ??Rev. 13
ADM1032ARM-REEL ONSEMI-ADM1032ARM-REEL Datasheet
203Kb / 18P
   1C Remote and Local System Temperature Monitor
October, 2013 ??Rev. 13
ADM1032 ONSEMI-ADM1032_12 Datasheet
237Kb / 18P
   1C Remote and Local System Temperature Monitor Supports SMBus Alert
April, 2012 ??Rev. 12
ADM1032ARZ-1RL7 ONSEMI-ADM1032ARZ-1RL7 Datasheet
214Kb / 18P
   Local System Temperature Monitor
October, 2013 ??Rev. 13
logo
Texas Instruments
THMC10 TI1-THMC10_08 Datasheet
374Kb / 22P
[Old version datasheet]   REMOTE/LOCAL TEMPERATURE MONITOR WITH SMBus INTERFACE
THMC10 TI-THMC10 Datasheet
269Kb / 20P
[Old version datasheet]   REMOTE/LOCAL TEMPERATURE MONITOR WITH SMBus INTERFACE
THMC50 TI-THMC50 Datasheet
437Kb / 32P
[Old version datasheet]   REMOTE/LOCAL TEMPERATURE MONITOR AND FAN CONTROLLER WITH SMBus INTERFACE
TMP421-Q1 TI1-TMP421-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   Remote and Local Temperature Sensor
THMC50 TI1-THMC50_08 Datasheet
537Kb / 34P
[Old version datasheet]   REMOTE/LOCAL TEMPERATURE MONITOR AND FAN CONTROLLER WITH SMBus INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com