Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U86-D1627-30121 Datasheet(PDF) 3 Page - Amphenol Corporation

Part # U86-D1627-30121
Description  2X1 SFP ULTRA-PORT COMBO WITH LIGHT PIPE (SPRING FINGER GASKET)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

U86-D1627-30121 Datasheet(HTML) 3 Page - Amphenol Corporation

  U86-D1627-30121 Datasheet HTML 1Page - Amphenol Corporation U86-D1627-30121 Datasheet HTML 2Page - Amphenol Corporation U86-D1627-30121 Datasheet HTML 3Page - Amphenol Corporation U86-D1627-30121 Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
(4.55)
20.00
DETAIL D
SCALE 3 : 1
0.15±0.10
(BEZEL CUTOUT
BELOW PCB)
D
SECTION C-C
26.00±0.10
3.50±0.30
1.70±0.90
2.36
15.45±0.10
C
C
B
C
D
12
A
3
2
1
4
B
A
56
C
P-U86-D1627-X0XX1
X
X
X
FEB23/09
FEB23/09
X
X
X
J.SI
J.SI
03554
CODE IDENT. NO.
A
3:2
TITLE
3 OF 4
DESIGNED
N/A
MATERIAL AND FINISH
X.XX 0.15
X.X 0.25
1
DECIMALS
ANGLES
UNLESS OTHERWISE SPECIFIED
DIMENSIONS ARE IN MILLIMETERS
TOLERANCES ARE:
DWG APP'D
IE APP'D
QA APPD
CHECKED
DRAWN
APPROVALS
DATE
2X1 SFP+ ULTRA-PORT COMBO
WITH LIGHT PIPE
(SPRING FINGER GASKET)
REV.
SHEET
A4
DWG. NO.
PROJECT
SIZE
SCALE
REF.
Amphenol Canada Corp.
THIS DOCUMENT CONTAINS PROPRIETARY INFORMATION AND SUCH INFORMATION MAY NOT BE DISCLOSED
TO OTHERS FOR ANY PURPOSE OR USED FOR MANUFACTURING PURPOSES WITHOUT PERMISSION FROM
AMPHENOL CANADA CORP.
DO NOT SCALE DRAWING
3
X
REVISIONS
REV
DESCRIPTION
DATE
APPRD
A
PROPOSAL DRAWING
JUN18/09


Similar Part No. - U86-D1627-30121

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
U86-D2427-10111 AMPHENOL-U86-D2427-10111 Datasheet
390Kb / 6P
   2XN SFP EXPRESSPORT??COMBO WITH LIGHT PIPE (ELASTOMERIC GASKET)
U86-D2427-10121 AMPHENOL-U86-D2427-10121 Datasheet
390Kb / 6P
   2XN SFP EXPRESSPORT??COMBO WITH LIGHT PIPE (ELASTOMERIC GASKET)
U86-D2427-10411 AMPHENOL-U86-D2427-10411 Datasheet
390Kb / 6P
   2XN SFP EXPRESSPORT??COMBO WITH LIGHT PIPE (ELASTOMERIC GASKET)
U86-D2427-10421 AMPHENOL-U86-D2427-10421 Datasheet
390Kb / 6P
   2XN SFP EXPRESSPORT??COMBO WITH LIGHT PIPE (ELASTOMERIC GASKET)
U86-D2427-20111 AMPHENOL-U86-D2427-20111 Datasheet
390Kb / 6P
   2XN SFP EXPRESSPORT??COMBO WITH LIGHT PIPE (ELASTOMERIC GASKET)
More results

Similar Description - U86-D1627-30121

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
P-U86-D1427-X0XX1 AMPHENOL-P-U86-D1427-X0XX1 Datasheet
165Kb / 4P
   2X1 SFP ULTRA-PORT COMBO WITH LIGHT PIPE (ELASTOMERIC EMI GASKET)
P-U86-DX627-X0XX1 AMPHENOL-P-U86-DX627-X0XX1 Datasheet
466Kb / 6P
   2XN SFP EXPRESSPORT COMBO WITH LIGHT PIPE (SPRING FINGER GASKET)
P-U86-DX427-X0XX1 AMPHENOL-P-U86-DX427-X0XX1 Datasheet
390Kb / 6P
   2XN SFP EXPRESSPORT??COMBO WITH LIGHT PIPE (ELASTOMERIC GASKET)
P-U77-AX61M-X081 AMPHENOL-P-U77-AX61M-X081 Datasheet
422Kb / 6P
   1XN SFP GAGE ASSY WITH SPRING FINGER GASKET
P-U77-CX41M-X081 AMPHENOL-P-U77-CX41M-X081 Datasheet
673Kb / 11P
   1XN SFP CAGE ELASTOMER EMI GASKET, WITH LIGHT PIPE
logo
Molex Electronics Ltd.
0747540103 MOLEX1-0747540103 Datasheet
43Kb / 1P
   SFP Cage, Single Port, Spring Finger Bezel Gasket, 3.38mm Solder Post Pins
0747540101 MOLEX1-0747540101 Datasheet
43Kb / 1P
   SFP Cage, Single Port, Spring Finger Bezel Gasket, 3.05mm Press Fit Pins
74754-0101 MOLEX-74754-0101 Datasheet
50Kb / 3P
   SFP Plus (SFP) Cage, Single Port, Spring Finger Bezel Gasket, 3.05mm Press Fit Pins
0747540106 MOLEX1-0747540106 Datasheet
42Kb / 1P
   SFP Cage, Single Port, Spring Finger Bezel Gasket 3.60mm Solder Post Pins For PCI
0747540104 MOLEX1-0747540104 Datasheet
42Kb / 1P
   SFP Cage, Single Port, Spring Finger Bezel Gasket, 3.05mm Press Fit Pins for PCI
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com