Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1675 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1675
Description  4MSPS, 24-Bit Analog-to-Digital Converter
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1675 Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS1675 Datasheet HTML 3Page - Texas Instruments ADS1675 Datasheet HTML 4Page - Texas Instruments ADS1675 Datasheet HTML 5Page - Texas Instruments ADS1675 Datasheet HTML 6Page - Texas Instruments ADS1675 Datasheet HTML 7Page - Texas Instruments ADS1675 Datasheet HTML 8Page - Texas Instruments ADS1675 Datasheet HTML 9Page - Texas Instruments ADS1675 Datasheet HTML 10Page - Texas Instruments ADS1675 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
t
LSCLKDC
DRDY
MSB
LSB
MSB
D UT
O
S LK
C
t
LSCLKDR
t
LDOPD
t
LDRPW
t
LSCLK
CLK
SCLK
START
DRDY
t
STCLK
t
LSCLKDR
t
LSCLK
t
LCLKSCLK
t
SETTLE
t
LPLLSTL
t
CLK
t
SETTLE
ADS1675
www.ti.com ..................................................................................................................................... SBAS416C – DECEMBER 2008 – REVISED SEPTEMBER 2009
TIMING CHARACTERISTICS
(1) High-speed LVDS valid only for DRATE = 100 and DRATE = 101.
Figure 1. High-Speed LVDS Data Retrieval Timing
TIMING REQUIREMENTS: High-Speed LVDS
At TA = –40°C to +85°C, and DVDD = 2.85V to 3.15V.
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNIT
tLDRPW
DRDY pulse width
2
4
tLSCLKs
tLSCLKDR
SCLK to DRDY delay
2
3
ns
tLDOPD
Valid data delay time from serial shift clock
1.5
2.5
ns
tLSCLK
Period of LVDS serial shift clock (SCLK)
0.33
tCLKs
tLSCLKDC
Shift clock duty cycle
47
53
%
tCLK
CLK period (1/fCLK)
31.25
ns
tLCLKSCLK
Delay from rising edge of CLK to rising edge of SCLK
13
20
ns
tLPLLSTL
PLL settling time
80
μs
tSTCLK
Setup time, rising edge of START to falling edge of CLK
–3
3
ns
tSETTLE
Digital filter settling time
See Table 5 and Table 6
Figure 2. PLL Timing
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): ADS1675


Similar Part No. - ADS1675

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1675 TI-ADS1675 Datasheet
796Kb / 36P
[Old version datasheet]   4MSPS, 24-Bit Analog-to-Digital Converter
ADS1675 TI-ADS1675 Datasheet
690Kb / 36P
[Old version datasheet]   4MSPS, 24-Bit Analog-to-Digital Converter
ADS1675 TI1-ADS1675 Datasheet
902Kb / 38P
[Old version datasheet]   4MSPS, 24-Bit Analog-to-Digital Converter
ADS1675IPAG TI-ADS1675IPAG Datasheet
796Kb / 36P
[Old version datasheet]   4MSPS, 24-Bit Analog-to-Digital Converter
ADS1675IPAG TI-ADS1675IPAG Datasheet
690Kb / 36P
[Old version datasheet]   4MSPS, 24-Bit Analog-to-Digital Converter
More results

Similar Description - ADS1675

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1675 TI-ADS1675 Datasheet
796Kb / 36P
[Old version datasheet]   4MSPS, 24-Bit Analog-to-Digital Converter
ADS1675 TI1-ADS1675_14 Datasheet
902Kb / 38P
[Old version datasheet]   4MSPS, 24-Bit Analog-to-Digital Converter
ADS1675 TI-ADS1675_2 Datasheet
690Kb / 36P
[Old version datasheet]   4MSPS, 24-Bit Analog-to-Digital Converter
ADS1242 TI-ADS1242 Datasheet
410Kb / 25P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
List of Unclassifed Man...
AL1101 ETC2-AL1101 Datasheet
173Kb / 8P
   24-Bit Analog-to-Digital Converter
logo
Texas Instruments
ADS1240 TI-ADS1240 Datasheet
416Kb / 23P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1210 BURR-BROWN-ADS1210 Datasheet
557Kb / 41P
   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1210 TI1-ADS1210_15 Datasheet
1Mb / 50P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1240 TI1-ADS1240_14 Datasheet
1Mb / 31P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1243SJD TI1-ADS1243SJD Datasheet
514Kb / 40P
[Old version datasheet]   24-BIT ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com