Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24079T Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24079T
Description  1.5A USB-Friendly Li-Ion Battery Charger and Power-Path Management IC
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24079T Datasheet(HTML) 2 Page - Texas Instruments

  BQ24079T Datasheet HTML 1Page - Texas Instruments BQ24079T Datasheet HTML 2Page - Texas Instruments BQ24079T Datasheet HTML 3Page - Texas Instruments BQ24079T Datasheet HTML 4Page - Texas Instruments BQ24079T Datasheet HTML 5Page - Texas Instruments BQ24079T Datasheet HTML 6Page - Texas Instruments BQ24079T Datasheet HTML 7Page - Texas Instruments BQ24079T Datasheet HTML 8Page - Texas Instruments BQ24079T Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
bq24072T
bq24075T, bq24079T
SLUS937A – DECEMBER 2009 – REVISED APRIL 2010
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
DESCRIPTION (CONTINUED)
The bq2407xT features dynamic power path management (DPPM) that powers the system while simultaneously
and independently charging the battery. The DPPM circuit reduces the charge current when the input current
limit causes the system output to fall to the DPPM threshold; thus, supplying the system load at all times while
monitoring the charge current separately. This feature reduces the number of charge and discharge cycles on
the battery, allows for proper charge termination and enables the system to run with a defective or absent battery
pack.
Additionally, the regulated system input enables instant system turn-on when plugged in even with a totally
discharged battery. The power-path management architecture also permits the battery to supplement the system
current requirements when the adapter cannot deliver the peak system currents, enabling the use of a smaller
adapter.
The battery is charged in three phases: conditioning, constant current, and constant voltage. In all charge
phases, an internal control loop monitors the IC junction temperature and reduces the charge current if the
internal temperature threshold is exceeded. The charger power stage and charge current sense functions are
fully integrated. The charger function has high accuracy current and voltage regulation loops, charge status
display, and charge termination. The input current limit and charge current are programmable using external
resistors.
ORDERING INFORMATION
OPTIONAL
PART NO.(1) (2)
VOVP
VBAT(REG)
VOUT(REG)
VDPPM
MARKING
FUNCTION
bq24072TRGTR
6.6V
4.2 V
VBAT + 225 mV
VOREG –100 mV
TD
PAP
bq24072TRGTT
6.6V
4.2 V
VBAT + 225 mV
VOREG –100 mV
TD
PAP
bq24075TRGTR
6.6 V
4.2 V
5.5 V
4.3 V
SYSOFF
OEC
bq24075TRGTT
6.6 V
4.2 V
5.5 V
4.3 V
SYSOFF
OEC
bq24079TRGTR
6.6 V
4.1 V
5.5 V
4.3 V
SYSOFF
OED
bq24079TRGTT
6.6 V
4.1 V
5.5 V
4.3 V
SYSOFF
OED
(1)
The RGT package is available in the following options:
R – taped and reeled in quantities of 3,000 devices per reel.
T – taped and reeled in quantities of 250 devices per reel.
(2)
This product is RoHS compatible, including a lead concentration that does not exceed 0.1% of total product weight and is suitable for
use in specified lead-free soldering processes. In addition, this product uses package materials that do not contain halogens, including
bromine (BR) or antimony (Sb) above 0.1% of total product weight.
2
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s): bq24072T bq24075T bq24079T


Similar Part No. - BQ24079T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
bq24079T TI-bq24079T Datasheet
2Mb / 29P
[Old version datasheet]   1.5A USB-Friendly Li-Ion Battery Charger and Power-Path Management IC
bq24079T TI-bq24079T Datasheet
2Mb / 33P
[Old version datasheet]   1.5A USB-Friendly Li-Ion Battery Charger and Power-Path Management IC
BQ24079T TI-BQ24079T Datasheet
2Mb / 36P
[Old version datasheet]   1.5A USB-Friendly Li-Ion Battery Charger and Power-Path Management IC
bq24079TRGTR TI-bq24079TRGTR Datasheet
2Mb / 29P
[Old version datasheet]   1.5A USB-Friendly Li-Ion Battery Charger and Power-Path Management IC
bq24079TRGTR TI-bq24079TRGTR Datasheet
2Mb / 33P
[Old version datasheet]   1.5A USB-Friendly Li-Ion Battery Charger and Power-Path Management IC
More results

Similar Description - BQ24079T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24072T TI-BQ24072T_2 Datasheet
2Mb / 36P
[Old version datasheet]   1.5A USB-Friendly Li-Ion Battery Charger and Power-Path Management IC
BQ24072 TI-BQ24072_10 Datasheet
2Mb / 42P
[Old version datasheet]   1.5A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24072T TI-BQ24072T Datasheet
2Mb / 33P
[Old version datasheet]   1.5A USB-Friendly Li-Ion Battery Charger and Power-Path Management IC
BQ24072 TI-BQ24072 Datasheet
2Mb / 38P
[Old version datasheet]   1.5A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24075T TI-BQ24075T Datasheet
2Mb / 29P
[Old version datasheet]   1.5A USB-Friendly Li-Ion Battery Charger and Power-Path Management IC
BQ24079 TI-BQ24079 Datasheet
2Mb / 39P
[Old version datasheet]   1.5A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24075-Q1 TI1-BQ24075-Q1 Datasheet
2Mb / 36P
[Old version datasheet]   1.5A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24072 TI-BQ24072 Datasheet
1Mb / 31P
[Old version datasheet]   1.2A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24230 TI-BQ24230 Datasheet
1Mb / 33P
[Old version datasheet]   USB-FRIENDLY LITHIUM-ION BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24232H TI1-BQ24232H Datasheet
1Mb / 37P
[Old version datasheet]   USB-Friendly Lithium-Ion Battery Charger and Power-Path Management IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com