Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24072TRGTR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24072TRGTR
Description  1.5A USB-Friendly Li-Ion Battery Charger and Power-Path Management IC
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24072TRGTR Datasheet(HTML) 8 Page - Texas Instruments

Back Button BQ24072TRGTR Datasheet HTML 4Page - Texas Instruments BQ24072TRGTR Datasheet HTML 5Page - Texas Instruments BQ24072TRGTR Datasheet HTML 6Page - Texas Instruments BQ24072TRGTR Datasheet HTML 7Page - Texas Instruments BQ24072TRGTR Datasheet HTML 8Page - Texas Instruments BQ24072TRGTR Datasheet HTML 9Page - Texas Instruments BQ24072TRGTR Datasheet HTML 10Page - Texas Instruments BQ24072TRGTR Datasheet HTML 11Page - Texas Instruments BQ24072TRGTR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
bq24072T
bq24075T, bq24079T
SLUS937A – DECEMBER 2009 – REVISED APRIL 2010
www.ti.com
TERMINAL FUNCTIONS (continued)
PIN
NUMBER
NAME
I/O
bq24072T
bq24075T
DESCRIPTION
bq24079T
IN
13
13
I
Input Power Connection. Connect IN to the external DC supply (AC adapter or USB port).
The input operating range is 4.35V to 6.6V. The input accepts voltages up to 26V without
damage, but operation is suspended. Bypass IN to VS with a 1mF to 10mF ceramic
capacitor.
TMR
14
14
I
Timer Programming Input. TMR controls the pre-charge and fast-charge safety timers.
Connect TMR to VSS to disable all safety timers. Connect a 18k
Ω to 72kΩ resistor between
TMR and VSS to program the timers to a desired length. Leave TMR unconnected to set
the timers to the default values.
SYSOFF
15
I
System Enable Input. Connect SYSOFF high to turn off the FET connecting the battery to
the system output. When an adapter is connected, charge is also disabled. Connect
SYSOFF low for normal operation. SYSOFF is internally pulled up to VBAT through a large
resistor (~5M
Ω). Do not leave SYSOFF unconnected to ensure proper operation.
TD
15
I
Termination Disable Input. Connect TD high to disable charger termination. Connect TD to
VSS to enable charger termination. TD is checked during startup only and cannot be
changed during operation. See the TD section in this datasheet for a description of the
behavior when termination is disabled. TD is internally pulled down to VSS with ~285 k
Ω.
Do not leave TD unconnected to ensure proper operation.
ISET
16
16
I/O
Fast Charge Current Programming Input. Connect a 590
Ω to 3 kΩ resistor from ISET to
VSS to program the fast charge current level. Charging is disabled if ISET is left
unconnected. While charging, the voltage ISET reflects the actual charging current and can
be used to monitor charge current. See the Charge Current Translator section of this
datasheet for more details.
Thermal
--
There is an internal electrical connection between the exposed thermal pad and the VSS
Pad
pin of the device. The thermal pad must be connected to the same potential as the VSS pin
on the printed circuit board. Do not use the thermal pad as the primary ground input for the
device. VSS must be connected to ground at all times.
Table 1. EN1/EN2 Settings
EN2
EN1
MAXIMUM INPUT CURRENT INTO IN
0
0
100 mA. USB100 mode
0
1
500 mA. USB500 mode
1
0
Set by external resistor from ILIM to VSS
1
1
Standby (USB suspend mode)
8
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s): bq24072T bq24075T bq24079T


Similar Part No. - BQ24072TRGTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
bq24072TRGTR TI-bq24072TRGTR Datasheet
2Mb / 33P
[Old version datasheet]   1.5A USB-Friendly Li-Ion Battery Charger and Power-Path Management IC
BQ24072TRGTR TI-BQ24072TRGTR Datasheet
2Mb / 36P
[Old version datasheet]   1.5A USB-Friendly Li-Ion Battery Charger and Power-Path Management IC
More results

Similar Description - BQ24072TRGTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24072T TI-BQ24072T_2 Datasheet
2Mb / 36P
[Old version datasheet]   1.5A USB-Friendly Li-Ion Battery Charger and Power-Path Management IC
BQ24072 TI-BQ24072_10 Datasheet
2Mb / 42P
[Old version datasheet]   1.5A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24072T TI-BQ24072T Datasheet
2Mb / 33P
[Old version datasheet]   1.5A USB-Friendly Li-Ion Battery Charger and Power-Path Management IC
BQ24072 TI-BQ24072 Datasheet
2Mb / 38P
[Old version datasheet]   1.5A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24075T TI-BQ24075T Datasheet
2Mb / 29P
[Old version datasheet]   1.5A USB-Friendly Li-Ion Battery Charger and Power-Path Management IC
BQ24079 TI-BQ24079 Datasheet
2Mb / 39P
[Old version datasheet]   1.5A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24075-Q1 TI1-BQ24075-Q1 Datasheet
2Mb / 36P
[Old version datasheet]   1.5A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24072 TI-BQ24072 Datasheet
1Mb / 31P
[Old version datasheet]   1.2A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24230 TI-BQ24230 Datasheet
1Mb / 33P
[Old version datasheet]   USB-FRIENDLY LITHIUM-ION BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24232H TI1-BQ24232H Datasheet
1Mb / 37P
[Old version datasheet]   USB-Friendly Lithium-Ion Battery Charger and Power-Path Management IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com