Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCF51MM256CLL Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MCF51MM256CLL
Description  low-cost, low-power, high-performance ColdFire짰 V1 family of 32-bit microcontrollers (MCUs) designed for handheld metering devices.
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF51MM256CLL Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MCF51MM256CLL Datasheet HTML 7Page - Freescale Semiconductor, Inc MCF51MM256CLL Datasheet HTML 8Page - Freescale Semiconductor, Inc MCF51MM256CLL Datasheet HTML 9Page - Freescale Semiconductor, Inc MCF51MM256CLL Datasheet HTML 10Page - Freescale Semiconductor, Inc MCF51MM256CLL Datasheet HTML 11Page - Freescale Semiconductor, Inc MCF51MM256CLL Datasheet HTML 12Page - Freescale Semiconductor, Inc MCF51MM256CLL Datasheet HTML 13Page - Freescale Semiconductor, Inc MCF51MM256CLL Datasheet HTML 14Page - Freescale Semiconductor, Inc MCF51MM256CLL Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
Pinouts and Pin Assignments
Freescale Semiconductor
11
2.5
Pin Assignments
Table 3. Package Pin Assignments
Package
Default
Function
Alternate
1
Alternate
2
Alternate
3
Composite Pin Name
B2
1
B2
1
PTA0
FB_D2
SS1
PTA0/FB_D2/SS1
C1
2
A1
2
IRO
IRO
C6
3
PTG5
FB_RW
PTG5/FB_RW
C5
4
PTG6
FB_AD19
PTG6/FB_AD19
C7
5
PTG7
FB_AD18
PTG7/FB_AD18
B7
6
PTH0
FB_OE
PTH0/FB_OE
C8
7
PTH1
FB_D0
PTH1/FB_D0
D9
8
C4
3
PTA1
KBI1P0
TX1
FB_D1
PTA1/KBI1P0/TX1/FB_D1
E9
9
D5
4
PTA2
KBI1P1
RX1
ADP4
PTA2/KBI1P1/RX1/ADP4
H3
10
D6
5
PTA3
KBI1P2
FB_D6
ADP5
PTA3/KBI1P2/FB_D6/ADP5
D2
11
C1
6
PTA4
INP1+
PTA4/INP1+
D1
12
C2
7
PTA5
PTA5
C3
13
C3
8
PTA6
PTA6
E2
14
D2
9
PTA7
INP2+
PTA7/INP2+
E3
15
D3
10
PTB0
PTB0
D3
16
D4
11
PTB1
BLMS
PTB1/BLMS
E1
17
J1
12
VSSA
VSSA
F1
18
J2
13
VREFL
VREFL
F2
19
D1
14
INP1-
INP1-
G2
20
E1
15
OUT1
OUT1
G1
21
F2
16
DADP2
TRIOUT1
DADP2/TRIOUT1
H1
22
F1
17
VINP1
VINP1
H2
23
E2
18
DADM2
VINN1
DADM2/VINN1
F3
24
F3
19
INP2-
INP2-
G3
25
E3
20
OUT2
OUT2
L2
26
G2
21
DACO
DACO
L1
27
G3
22
DADP3
TRIOUT2
DADP3/TRIOUT2
K1
28
H4
23
VINP2
VINP2
K2
29
G4
24
DADM3
VINN2
DADM3/VINN2
Non-Disclosure Agreement Required
Preliminary — Subject to Change


Similar Part No. - MCF51MM256CLL

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF51AC128A FREESCALE-MCF51AC128A Datasheet
1,013Kb / 46P
   MCF51AC256 ColdFire Microcontroller
MCF51AC128A FREESCALE-MCF51AC128A Datasheet
1Mb / 46P
   ColdFire Microcontroller
MCF51AC128ACFUE FREESCALE-MCF51AC128ACFUE Datasheet
1Mb / 46P
   ColdFire Microcontroller
MCF51AC128ACLKE FREESCALE-MCF51AC128ACLKE Datasheet
1Mb / 46P
   ColdFire Microcontroller
MCF51AC128ACPUE FREESCALE-MCF51AC128ACPUE Datasheet
1Mb / 46P
   ColdFire Microcontroller
More results

Similar Description - MCF51MM256CLL

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB9BF504RPMC FUJITSU-MB9BF504RPMC Datasheet
784Kb / 4P
   Family of 32-bit MCUs
logo
NXP Semiconductors
68HC05J5A NXP-68HC05J5A Datasheet
2Mb / 106P
   The MC68HC05J5A is a member of the low-cost high-performance M68HC05 Family of 8-bit microcontroller units (MCUs).
July 16, 1999 REV 2.1
68HC05JB3 NXP-68HC05JB3 Datasheet
1Mb / 134P
   The MC68HC05JB3 is a member of the low-cost, high-performance M68HC05 Family of 8-bit microcontroller units (MCUs).
REV 1 November 5, 1998
68HC708KL8 NXP-68HC708KL8 Datasheet
3Mb / 246P
   The MC68HC708KL8 is a member of the low-cost, high-performance M68HC08 Family of 8-bit microcontroller units (MCUs).
Rev. 2.1
68HC908MR24 NXP-68HC908MR24 Datasheet
3Mb / 418P
   The MC68HC908MR24 is a member of the low-cost, high-performance M68HC08 Family of 8-bit microcontroller units (MCUs).
Rev. 1.0
logo
Freescale Semiconductor...
MC68HC908EY16A FREESCALE-MC68HC908EY16A Datasheet
3Mb / 292P
   a member of the low-cost, high-performance M68HC08 Family of 8-bit
logo
Siemens Semiconductor G...
C165 SIEMENS-C165 Datasheet
720Kb / 49P
   C16x-Family of High-Performance CMOS 16-Bit Microcontrollers
SAB80C166W SIEMENS-SAB80C166W Datasheet
878Kb / 67P
   C16x-Family of High-Performance CMOS 16-Bit Microcontrollers
WP4312RJ SIEMENS-WP4312RJ Datasheet
140Kb / 2P
   Siemens Low Voltages Multi-Family Metering Line of PAK Metering
3/13/2023
logo
ATMEL Corporation
ATUC256L3U ATMEL-ATUC256L3U_14 Datasheet
441Kb / 45P
   High-performance, Low-power 32-bit Atmel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com