Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKP338668423 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # MKP338668423
Description  Interference Suppression Film Capacitors MKP Radial Potted Type
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP338668423 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button MKP338668423 Datasheet HTML 2Page - Vishay Siliconix MKP338668423 Datasheet HTML 3Page - Vishay Siliconix MKP338668423 Datasheet HTML 4Page - Vishay Siliconix MKP338668423 Datasheet HTML 5Page - Vishay Siliconix MKP338668423 Datasheet HTML 6Page - Vishay Siliconix MKP338668423 Datasheet HTML 7Page - Vishay Siliconix MKP338668423 Datasheet HTML 8Page - Vishay Siliconix MKP338668423 Datasheet HTML 9Page - Vishay Siliconix MKP338668423 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Document Number: 28114
For technical questions, contact: RFI@vishay.com
www.vishay.com
Revision: 01-Jul-10
369
MKP 338 6 Y2
Interference Suppression Film Capacitors
MKP Radial Potted Type
Vishay BCcomponents
URac = 300 V; C-Tol = 10 % (URdc = 1000 V)
Note
(1) Weight for short lead product only
• SPQ = Standard Packing Quantity
C
(µF)
DIMENSIONS
w x h x l
(mm)
MASS
(g) (1)
CATALOG NUMBER BFC2 338 6X XXX AND PACKAGING
LOOSE IN BOX
AMMOPACK
REEL
Short leads
Long leads
lt = 3.5 mm
+ 1 mm/
- 0.5 mm
lt = 5.0 mm
± 1.0 mm
SPQ
lt =
25.0 mm
± 2.0 mm
SPQ
H= 18.5 mm;
P0 = 12.7 mm
SPQ
REEL:
Ø = 500 mm
H = 18.5 mm;
P0 = 12.7 mm
SPQ
Pitch = 7.5 mm ± 0.4 mm; dt = 0.50 mm ± 0.05 mm
0.001
4.0 x 9.0 x 10.0
0.4
61102
63102
1500
65102
1000
67102
67122
67152
67182
67222
67272
1250
68179
68181
68182
68183
68184
68185
2500
0.0012
61122
63122
65122
0.0015
61152
63152
65152
0.0018
61182
63182
65182
0.0022
61222
63222
65222
0.0027
61272
63272
65272
0.0033
5.0 x 10.5 x 10.0
0.4
61332
63332
1000
65332
1250
67332
67392
1000
68186
68187
2000
0.0039
61392
63392
65392
0.0047
6.0 x 11.5 x 10.0
0.8
61472
61562
63472
63562
750
65472
1000
67472
67562
750
68188
68189
1900
0.0056
65562
Pitch = 10.0 mm ± 0.4 mm; dt = 0.60 mm ± 0.06 mm
0.001
4.0 x 10.0 x 12.5
0.6
68436
68445
1000
68454
1250
68463
1400
0.0012
68437
68446
68455
68464
0.0015
68438
68447
68456
68465
0.0018
68439
68448
68457
68466
0.0022
68441
68449
68458
68467
0.0027
68442
68451
68459
68468
0.0033
68443
68452
68461
68469
0.0039
68444
68453
68462
68471
0.0047
5.0 x 11.0 x 12.5
0.82
68159
68164
1000
68168
1000
68191
1100
0.0056
68161
68165
68169
68193
0.0068
6.0 x 12.0 x 12.5
1.1
68162
68166
750
68171
750
68193
900
0.0082
68163
68167
68172
68194


Similar Part No. - MKP338668423

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MKP3386Y2 ETC1-MKP3386Y2 Datasheet
522Kb / 17P
   Interference suppression film capacitors
logo
Vishay Siliconix
MKP3386Y2 VISHAY-MKP3386Y2 Datasheet
180Kb / 20P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 10-Oct-08
More results

Similar Description - MKP338668423

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP339X2 VISHAY-MKP339X2 Datasheet
191Kb / 18P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 13-May-13
BFC233610224 VISHAY-BFC233610224 Datasheet
148Kb / 11P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 06-Aug-12
MKP3384X2 VISHAY-MKP3384X2 Datasheet
464Kb / 8P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 01-Aug-07
BFC233620223 VISHAY-BFC233620223 Datasheet
221Kb / 17P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 08-Oct-08
BFC233820224 VISHAY-BFC233820224 Datasheet
225Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 16-Jul-09
MKP3382X2 VISHAY-MKP3382X2 Datasheet
293Kb / 8P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 21-Nov-05
MKP3381X1 VISHAY-MKP3381X1 Datasheet
132Kb / 5P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 07-Oct-03
BFC233922105 VISHAY-BFC233922105 Datasheet
194Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 13-May-13
BFC233620104 VISHAY-BFC233620104 Datasheet
185Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 18-Dec-12
F17102101000 VISHAY-F17102101000 Datasheet
136Kb / 11P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 12-Jun-13
BFC233820683 VISHAY-BFC233820683 Datasheet
225Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 04-Jul-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com