Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VJ6040 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VJ6040
Description  VJ 6040 UHF Chip Antenna for Mobile Devices
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VJ6040 Datasheet(HTML) 1 Page - Vishay Siliconix

  VJ6040 Datasheet HTML 1Page - Vishay Siliconix VJ6040 Datasheet HTML 2Page - Vishay Siliconix VJ6040 Datasheet HTML 3Page - Vishay Siliconix VJ6040 Datasheet HTML 4Page - Vishay Siliconix VJ6040 Datasheet HTML 5Page - Vishay Siliconix VJ6040 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Document Number: 45157
For technical questions, contact: mlcc@vishay.com
www.vishay.com
Revision: 15-Jun-10
1
VJ 6040 UHF Chip Antenna for Mobile Devices
VJ 6040
Vishay Vitramon
The company’s products are covered by one or more of the
following:
WO2008250262 (A1), US2008303720 (A1),
US2008305750 (A1), WO2008154173 (A1).
Other patents pending.
DESCRIPTION
The VJ 6040 multi-layer ceramic chip antenna is a small
form-factor, high-performance, chip-antenna designed for
TV reception in mobile devices in the UHF band. It allows
mobile TV device manufacturers to design high quality
products that do not bear the penalty of a large external
antenna.
Utilizing
Vishay's
unique
materials
and
manufacturing technologies, this product complies with the
MBRAI standard while maintaining a small outline.
Focusing on consumer applications, the antenna is designed
to be assembled onto a PC board in the standard reflow
process.
Target customers of the VJ 6040 are mobile phone makers,
portable multimedia device makers, notebook OEMs and
ODMs, and accessory card OEMs and ODMs.
The VJ 6040 is the first of a family of products developed by
Vishay, a world leader in manufacturing of discrete and
passive components.
FEATURES
• Small outline (10.5 mm x 15.5 mm x 1.2 mm)
• Omni-directional, linear polarization
• Complies with MBRAI standard
• Complete UHF band coverage (470 MHz to 860 MHz) up
to 1.1 GHz
• Requires a tuning circuit and ground plane for optimal
performance
• Standard SMT assembly
•50
Ω unbalanced interface
• Operating temperature range (- 40 °C to + 85 °C)
• Reference design and evaluation boards available upon
request
• Compliant to RoHS directive 2002/95/EC
APPLICATIONS
• Mobile UHF TV receivers including DVB-T, DVB-H,
ISDB-T, CMMB, ATSC, and MediaFLO devices
ANTENNA PERFORMANCE
Peak gain
The antenna radiation characteristics are influenced by
several factors including ground plane dimensions and
impedance matching network.
The
antenna
parameters
presented
hereafter
were
measured according to the configuration suggested by the
VJ 6040 evaluation board, utilizing its four channel active
digital tuning circuit. The evaluation board ground plane is
40 mm by 80 mm large.
Figure 1 shows peak gain over frequency throughout the
UHF band, compared with the MBRAI requirements.
Fig. 1 - Peak gain vs. Frequency
- 12
- 10
- 8
- 6
- 4
- 2
0
450
500
550
600
650 700 750
800
850 900
Frequency (MHz)
Standard
Measured
Simulated


Similar Part No. - VJ6040

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ6040 VISHAY-VJ6040 Datasheet
166Kb / 6P
   VJ 6040 UHF Chip Antenna for Mobile Devices
Revision: 02-Jul-09
VJ6040 VISHAY-VJ6040 Datasheet
155Kb / 6P
   VJ 6040 UHF Chip Antenna for Mobile Devices
Revision: 15-Jun-10
VJ6040M011SXISRA0 VISHAY-VJ6040M011SXISRA0 Datasheet
155Kb / 6P
   VJ 6040 UHF Chip Antenna for Mobile Devices
Revision: 15-Jun-10
VJ6040M011SXISRA0 VISHAY-VJ6040M011SXISRA0 Datasheet
291Kb / 6P
   VJ 6040 UHF Chip Antenna for Mobile Devices
Revision: 03-Mar-15
More results

Similar Description - VJ6040

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1442112 VISHAY-1442112 Datasheet
155Kb / 6P
   VJ 6040 UHF Chip Antenna for Mobile Devices
Revision: 15-Jun-10
VJ6040 VISHAY-VJ6040 Datasheet
166Kb / 6P
   VJ 6040 UHF Chip Antenna for Mobile Devices
Revision: 02-Jul-09
VJ6040M011SXISRA0 VISHAY-VJ6040M011SXISRA0 Datasheet
155Kb / 6P
   VJ 6040 UHF Chip Antenna for Mobile Devices
Revision: 15-Jun-10
VJ-6040 VISHAY-VJ-6040 Datasheet
291Kb / 6P
   VJ 6040 UHF Chip Antenna for Mobile Devices
Revision: 03-Mar-15
VJ3505 VISHAY-VJ3505_10 Datasheet
138Kb / 5P
   VJ 3505 UHF Chip Antenna for Mobile Devices
Revision: 15-Jun-10
VJ3505 VISHAY-VJ3505 Datasheet
181Kb / 5P
   VJ 3505 UHF Chip Antenna for Mobile Devices
Revision: 02-Jul-09
VJ3505_1008 VISHAY-VJ3505_1008 Datasheet
155Kb / 6P
   VJ 3505 UHF Chip Antenna for Mobile Devices
Revision: 26-Aug-10
VJ-3505 VISHAY-VJ-3505 Datasheet
295Kb / 6P
   VJ 3505 UHF Chip Antenna for Mobile Devices
Revision: 03-Mar-15
logo
RF Micro Devices
RF5840 RFMD-RF5840 Datasheet
564Kb / 9P
   Mobile Devices
logo
Mitsumi Electronics, Co...
DCA-PXXX MITSUMI-DCA-PXXX Datasheet
47Kb / 2P
   Internal TV Antenna for Mobile Equipment
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com