Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NRH2410TR68NN4 Datasheet(PDF) 6 Page - Taiyo Yuden (U.S.A.), Inc

Part # NRH2410TR68NN4
Description  SMD INDUCTORS SMALL AND LARGE CURRENT TYPE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

NRH2410TR68NN4 Datasheet(HTML) 6 Page - Taiyo Yuden (U.S.A.), Inc

Back Button NRH2410TR68NN4 Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc NRH2410TR68NN4 Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc NRH2410TR68NN4 Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc NRH2410TR68NN4 Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc NRH2410TR68NN4 Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc NRH2410TR68NN4 Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc NRH2410TR68NN4 Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc NRH2410TR68NN4 Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc NRH2410TR68NN4 Datasheet HTML 10Page - Taiyo Yuden (U.S.A.), Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
1
wound0405_pack-P1
wound0405_pack_e-01
PACKAGING
*This catalog contains the typical specification only due to the limitation of space. When you consider purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) or CD catalogs.
Embossed tape 8mm wide (0.315 inches wide)
①Minimum Quantity
CHIP cavity
φ1.5
(0.059
1.75±0.1
(0.069±0.004)
4.0±0.1
(0.157±0.004)
2.0±0.05
(0.079±0.002)
K
T
F
A
+0.1
ー0
+0.004
ー0
Electrode(bottom view)
②Tape Material
③Taping dimensions
④Leader and Blank portion
Type
Chip cavity
Insertion pitch
Tape thickness
A
B
F
T
K
NR 8040
8.3±0.1
8.3±0.1
12.0±0.1
0.5±0.1
4.5±0.1
(0.327±0.004) (0.327±0.004) (0.472±0.004) (0.020±0.004) (0.177±0.004)
Unit : mm (inch)
Embossed tape 12mm wide (0.47 inches wide)
Embossed tape 16mm wide (0.63 inches wide)
CHIP cavity
Electrode(bottom view)
φ1.5
(0.059
1.75±0.1
(0.069±0.004)
4.0±0.1
(0.157±0.004)
2.0±0.1
(0.079±0.004)
K
T
F
A
+0.1
ー0
+0.004
ー0
Electrode(bottom view)
K
T
CHIP cavity
F
A
2.0±0.1
(0.079±0.004)
φ1.5±0.1
(0.059±0.004)
4.0±0.1
(0.157±0.004)
1.75±0.1
(0.069±0.004)
7.5±0.1
(0.295±0.004)
100mm or more
(3.94 inches or more)
400mm or more
(15.8 inches or more)
Blank portions
Blank portions
Chip cavity
Leader
Direction of tape feed
160mm or more
(6.3 inches or more)
NR, NRH, NRS, NRG, NRV
Type
Standard Quantity [pcs]
Tape & Reel
NRH 2410
2500
NR 3010/NRH 3010
2000
NR 3012/NRH3012/NRV3012
2000
NR 3015
2000
NR 4010
5000
NR 4012
4500
NR 4018
3500
NRG4026
2000
NRS5012
1000
NRS5014
1000
NRS5020
800
NR 5040
1500
NRS6010
1000
NR 6012
1000
NR 6020
2500
NR 6028
2000
NR 6045
1500
NR 8040
1000
Type
Chip cavity
Insertion pitch
Tape thickness
A
B
F
T
K
NRH 2410
2.6±0.1
2.6±0.1
4.0±0.1
(0.157±0.004)
0.25±0.05
1.3±0.1
(0.102±0.004)(0.102±0.004)
(0.009±0.002)(0.051±0.004)
NR 3010
NRH 3010
3.2±0.1
(0.126±0.004)
3.2±0.1
(0.126±0.004)
0.3±0.05
(0.012±0.002)
1.4±0.1
(0.055±0.004)
NR 3012
NRH 3012
NRV3012
1.6±0.1
(0.063±0.004)
NR 3015
1.9±0.1
(0.075±0.004)
Unit : mm (inch)
Type
Chip cavity
Insertion pitch
Tape thickness
A
B
F
T
K
NR 4010
4.3±0.1
(0.169±0.004)
4.3±0.1
(0.169±0.004)
8.0±0.1
(0.315±0.004)
0.3±0.05
(0.012±0.002)
1.4±0.1
(0.055±0.004)
NR 4012
1.6±0.1
(0.063±0.004)
NR 4018
2.1±0.1
(0.083±0.004)
NRG 4026
3.1±0.1
(0.122±0.004)
NRS 5012
5.25±0.1
(0.207±0.004)
5.25±0.1
(0.207±0.004)
1.4±0.1
(0.055±0.004)
NRS 5014
1.6±0.1
(0.063±0.004)
NRS 5020
2.3±0.1
(0.091±0.004)
NR 5040
5.15±0.1
(0.203±0.004)
5.15±0.1
(0.203±0.004)
0.4±0.1
(0.016±0.004)
4.2±0.1
(0.165±0.004)
NRS 6010
6.3±0.1
(0.248±0.004)
6.3±0.1
(0.248±0.004)
1.4±0.1
(0.055±0.004)
NR 6012
1.6±0.1
(0.063±0.004)
NR 6020
2.3±0.1
(0.090±0.004)
NR 6028
3.1±0.1
(0.122±0.004)
NR 6045
4.7±0.1
(0.185±0.004)
Unit : mm (inch)


Similar Part No. - NRH2410TR68NN4

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
NRH2410TR68NN4 TAIYO-YUDEN-NRH2410TR68NN4 Datasheet
293Kb / 3P
   SMD Power Inductors (NR series H type)
NRH2410TR68NN4 TAIYO-YUDEN-NRH2410TR68NN4 Datasheet
373Kb / 3P
   Wire-wound Ferrite Power Inductors LSXB/LSXN/LSXP series for General Electronic Equipment
2021/8/4
NRH2410TR68NN48 TAIYO-YUDEN-NRH2410TR68NN48 Datasheet
302Kb / 3P
   SMD Power Inductors for Telecommunications Infrastructure and Industrial Equipment / Medical Devices (NR series H type)
NRH2410TR68NN4V TAIYO-YUDEN-NRH2410TR68NN4V Datasheet
147Kb / 1P
   SMD Power Inductors for Automotive
NRH2410TR68NN4 TAIYO-YUDEN-NRH2410TR68NN4_16 Datasheet
293Kb / 3P
   SMD Power Inductors (NR series H type)
More results

Similar Description - NRH2410TR68NN4

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
MPLCH0740L1R0 KEMET-MPLCH0740L1R0 Datasheet
398Kb / 5P
   Large-Current Power Inductors MPLCH
logo
Panasonic Semiconductor
ELL6SH1R0M PANASONIC-ELL6SH1R0M Datasheet
96Kb / 3P
   Power Inductors / Wire Wound type Large current capability RoHS compliant
logo
Murata Manufacturing Co...
NFM21PC474R1C3D MURATA-NFM21PC474R1C3D Datasheet
50Kb / 2P
   Single Circuit Type for Large Current
LQH55DN4R7M03L MURATA-LQH55DN4R7M03L Datasheet
50Kb / 2P
   Chip Coils for Choke Large Current Type
NFM31PC276B0J3L MURATA-NFM31PC276B0J3L Datasheet
54Kb / 1P
   EMIFILr (Capacitor type) Single Circuit Type for Large Current
5141 MURATA-5141 Datasheet
49Kb / 2P
   Chip Coils for Choke Large Current Type
logo
Sumida Corporation
CDEP105 SUMIDA-CDEP105 Datasheet
253Kb / 1P
   POWER INDUCTORS (SMD Type)
CDEP134 SUMIDA-CDEP134 Datasheet
249Kb / 1P
   POWER INDUCTORS (SMD Type)
CDRH4D14 SUMIDA-CDRH4D14 Datasheet
118Kb / 2P
   POWER INDUCTORS
CDRH4D22 SUMIDA-CDRH4D22 Datasheet
238Kb / 1P
   POWER INDUCTORS (SMD Type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com