Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD24D Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD24D
Description  Extended Common-Mode RS-485 Transceivers
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD24D Datasheet(HTML) 4 Page - Texas Instruments

  SN65HVD24D Datasheet HTML 1Page - Texas Instruments SN65HVD24D Datasheet HTML 2Page - Texas Instruments SN65HVD24D Datasheet HTML 3Page - Texas Instruments SN65HVD24D Datasheet HTML 4Page - Texas Instruments SN65HVD24D Datasheet HTML 5Page - Texas Instruments SN65HVD24D Datasheet HTML 6Page - Texas Instruments SN65HVD24D Datasheet HTML 7Page - Texas Instruments SN65HVD24D Datasheet HTML 8Page - Texas Instruments SN65HVD24D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
SN65HVD20, SN65HVD21
SN65HVD22, SN65HVD23, SN65HVD24
SLLS552E – DECEMBER 2002 – REVISED MAY 2010
www.ti.com
RECOMMENDED OPERATING CONDITIONS
MIN
NOM
MAX
UNIT
Supply voltage, VCC
4.5
5
5.5
V
Voltage at any bus I/O terminal
A, B
−20
25
V
High-level input voltage, VIH
2
VCC
D, DE, RE
V
Low-level input voltage, VIL
0
0.8
Differential input voltage, VID
A with respect to B
−25
25
V
Driver
−110
110
Output current
mA
Receiver
−8
8
Operating free-air temperature, TA
(1)
−40
85
°C
Junction temperature, TJ
−40
130
°C
(1)
Maximum free-air temperature operation is allowed as long as the device recommended junction temperature is not exceeded.
DRIVER ELECTRICAL CHARACTERISTICS
over recommended operating conditions
TYP(1
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
)
VIK
Input clamp voltage
II = −18 mA
–1.5
0.75
V
VO
Open-circuit output voltage
A or B, No load
0
VCC
V
No load (open circuit)
3.3
4.2
VCC
|VOD(SS)|
Steady-state differential output voltage
RL = 54 Ω, See Figure 1
1.8
2.5
V
With common-mode loading, See Figure 2
1.8
Change in steady-state differential
Δ|VOD(SS)|
See Figure 1 and Figure 3
–0.1
0.1
V
output voltage between logic states
Steady-state common-mode output
VOC(SS)
See Figure 1
2.1
2.5
2.9
V
voltage
Change in steady-state common-mode
∆VOC(SS)
See Figure 1 and Figure 4
–0.1
0.1
V
output voltage, VOC(H) – VOC(L)
Peak-to-peak common-mode output
VOC(PP)
RL = 54 Ω, CL = 50 pF, See Figure 1 and Figure 4
0.35
V
voltage, VOC(MAX) – VOC(MIN)
Differential output voltage over and
VOD(RING)
RL = 54 Ω, CL = 50 pF, See Figure 5
10%
under shoot
II
Input current
D, DE
–100
100
µA
HVD20, HVD23
-400
500
VO < = -7 V to 12 V, Other input = 0 V
HVD21, HVD22, HVD24
-100
125
Output current with power off.
IO
µA
High impedance state output current.
HVD20, HVD23
-800
1000
VO < = -20 V to 25 V, Other input = 0 V
HVD21, HVD22, HVD24
-200
250
IOS
Short-circuit output current
VO = –20 V to 25 V, See Figure 9
–250
250
mA
COD
Differential output capacitance
20
pF
(1)
All typical values are at VCC = 5 V and 25°C.
4
Submit Documentation Feedback
Copyright © 2002–2010, Texas Instruments Incorporated
Product Folder Link(s): SN65HVD20 SN65HVD21 SN65HVD22 SN65HVD23 SN65HVD24


Similar Part No. - SN65HVD24D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD24D TI-SN65HVD24D Datasheet
527Kb / 25P
[Old version datasheet]   EXTENDED COMMON-MODE RS-485 TRANSCEIVERS
SN65HVD24D TI-SN65HVD24D Datasheet
581Kb / 28P
[Old version datasheet]   EXTENDED COMMON-MODE RS-485 TRANSCEIVERS
SN65HVD24D TI-SN65HVD24D Datasheet
517Kb / 24P
[Old version datasheet]   Extended Common-Mode RS-485 Transceivers
SN65HVD24DG4 TI-SN65HVD24DG4 Datasheet
581Kb / 28P
[Old version datasheet]   EXTENDED COMMON-MODE RS-485 TRANSCEIVERS
SN65HVD24DR TI-SN65HVD24DR Datasheet
527Kb / 25P
[Old version datasheet]   EXTENDED COMMON-MODE RS-485 TRANSCEIVERS
More results

Similar Description - SN65HVD24D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD23 TI-SN65HVD23_10 Datasheet
517Kb / 24P
[Old version datasheet]   Extended Common-Mode RS-485 Transceivers
SN65HVD21M-EP TI1-SN65HVD21M-EP Datasheet
617Kb / 21P
[Old version datasheet]   EXTENDED COMMON-MODE RS-485 TRANSCEIVERS
SN65HVD20 TI-SN65HVD20_07 Datasheet
581Kb / 28P
[Old version datasheet]   EXTENDED COMMON-MODE RS-485 TRANSCEIVERS
SN65HVD20 TI-SN65HVD20 Datasheet
527Kb / 25P
[Old version datasheet]   EXTENDED COMMON-MODE RS-485 TRANSCEIVERS
logo
Intersil Corporation
ISL32470E INTERSIL-ISL32470E Datasheet
1Mb / 19P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
ISL31470E INTERSIL-ISL31470E_10 Datasheet
570Kb / 21P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL31470E RENESAS-ISL31470E Datasheet
1Mb / 21P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
logo
Texas Instruments
SN65HVD1785_101 TI-SN65HVD1785_101 Datasheet
768Kb / 26P
[Old version datasheet]   Fault-Protected RS-485 Transceivers With Extended Common-Mode Range
SN65HVD1785 TI-SN65HVD1785_10 Datasheet
656Kb / 24P
[Old version datasheet]   Fault-Protected RS-485 Transceivers With Extended Common-Mode Range
logo
FutureWafer Tech Co.,Lt...
FM712 FUTUREWAFER-FM712 Datasheet
946Kb / 5P
   For extended common-mode RS-485
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com