Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TXS0206 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TXS0206
Description  MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER WITH ESD PROTECTION AND EMI FILTERING
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TXS0206 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TXS0206 Datasheet HTML 5Page - Texas Instruments TXS0206 Datasheet HTML 6Page - Texas Instruments TXS0206 Datasheet HTML 7Page - Texas Instruments TXS0206 Datasheet HTML 8Page - Texas Instruments TXS0206 Datasheet HTML 9Page - Texas Instruments TXS0206 Datasheet HTML 10Page - Texas Instruments TXS0206 Datasheet HTML 11Page - Texas Instruments TXS0206 Datasheet HTML 12Page - Texas Instruments TXS0206 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
TXS0206
www.ti.com
SCES697C – AUGUST 2009 – REVISED JANUARY 2010
RECOMMENDED OPERATING CONDITIONS
(1)
Level Translator
VCCA
VCCB
MIN
MAX
UNIT
VCCA
Supply voltage
1.1
3.6
V
VCCB
Supply voltage
1.1
3.6
V
A-Port CMD and
1.1 V to 1.95 V
1.1 V to 1.95 V
DATA I/Os
VCCI – 0.2
VCCI
High-level input
B-Port CMD and
VIH
1.95 V to 3.6 V
1.95 V to 3.6 V
V
voltage
DATA I/Os
EN and CLKA
1.1 V to 3.6 V
1.1 V to 3.6 V
VCCI x 0.65
VCCI
A-Port CMD and
1.1 V to 1.95 V
1.1 V to 1.95 V
DATA I/Os
0
0.15
Low-level input
B-Port CMD and
VIL
1.95 V to 3.6 V
1.95 V to 3.6 V
V
voltage
DATA I/Os
EN and CLKA
1.1 V to 3.6 V
1.1 V to 3.6 V
0
VCCI x 0.35
Active state
0
VCCO
VO
Output voltage
V
3-state
0
3.6
1.1 V to 3.6 V
–100
μA
1.1 V to 1.3 V
–0.5
1.4 V to 1.6 V
–1
IOH
High-level output current (CLK-f output)
1.1 V to 3.6 V
1.65 V to 1.95 V
–2
mA
2.3 V to 2.7 V
–4
3 V to 3.6 V
–8
1.1 V to 3.6 V
100
μA
1.1 V to 1.3 V
0.5
1.4 V to 1.6 V
1
IOL
Low-level output current (CLK-f output)
1.1 V to 3.6 V
1.65 V to 1.95 V
2
mA
2.3 V to 2.7 V
4
3 V to 3.6 V
8
1.1 V to 3.6 V
–100
μA
1.1 V to 1.3 V
–0.5
1.4 V to 1.6 V
–1
IOH
High-level output current (CLK output)
1.1 V to 3.6 V
1.65 V to 1.95 V
–2
mA
2.3 V to 2.7 V
–4
3 V to 3.6 V
–8
1.1 V to 3.6 V
100
μA
1.1 V to 1.3 V
0.5
1.4 V to 1.6 V
1
IOL
Low-level output current (CLK output)
1.1 V to 3.6 V
1.65 V to 1.95 V
2
mA
2.3 V to 2.7 V
4
3 V to 3.6 V
8
Δt/Δv
Input transition rise or fall rate
5
ns/V
TA
Operating free-air temperature
–40
85
°C
(1)
All unused data inputs of the device must be held at VCCI or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TXS0206


Similar Part No. - TXS0206

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXS0206 TI-TXS0206 Datasheet
583Kb / 27P
[Old version datasheet]   MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER WITH ESD PROTECTION AND EMI FILTERING
TXS0206-29 TI-TXS0206-29 Datasheet
419Kb / 23P
[Old version datasheet]   MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER AND LDO VOLTAGE REGULATOR WITH ESD PROTECTION AND EMI FILTERING
TXS0206-29 TI-TXS0206-29 Datasheet
398Kb / 23P
[Old version datasheet]   MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER AND LDO VOLTAGE REGULATOR WITH ESD PROTECTION AND EMI FILTERING
TXS0206-29 TI-TXS0206-29 Datasheet
574Kb / 25P
[Old version datasheet]   MMC, SD CARD, Memory Stick VOLTAGE-TRANSLATION TRANSCEIVER AND LDO VOLTAGE REGULATOR WITH ESD PROTECTION AND EMI FILTERING
TXS0206-29 TI1-TXS0206-29 Datasheet
504Kb / 27P
[Old version datasheet]   MMC, SD CARD, Memory Stick VOLTAGE-TRANSLATION TRANSCEIVER AND LDO
More results

Similar Description - TXS0206

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXS0206 TI-TXS0206 Datasheet
583Kb / 27P
[Old version datasheet]   MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER WITH ESD PROTECTION AND EMI FILTERING
TXS0206-29 TI-TXS0206-29 Datasheet
419Kb / 23P
[Old version datasheet]   MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER AND LDO VOLTAGE REGULATOR WITH ESD PROTECTION AND EMI FILTERING
TXS0206-29_1007 TI-TXS0206-29_1007 Datasheet
574Kb / 25P
[Old version datasheet]   MMC, SD CARD, Memory Stick VOLTAGE-TRANSLATION TRANSCEIVER AND LDO VOLTAGE REGULATOR WITH ESD PROTECTION AND EMI FILTERING
TXS0206-29_0912 TI-TXS0206-29_0912 Datasheet
398Kb / 23P
[Old version datasheet]   MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER AND LDO VOLTAGE REGULATOR WITH ESD PROTECTION AND EMI FILTERING
SN74AVCA406L TI-SN74AVCA406L_1 Datasheet
563Kb / 22P
[Old version datasheet]   MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER
SN74AVCA406L TI-SN74AVCA406L Datasheet
376Kb / 20P
[Old version datasheet]   MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER
TXS0206-29 TI1-TXS0206-29_16 Datasheet
504Kb / 27P
[Old version datasheet]   MMC, SD CARD, Memory Stick VOLTAGE-TRANSLATION TRANSCEIVER AND LDO
SN74AVCA406 TI-SN74AVCA406 Datasheet
1Mb / 51P
[Old version datasheet]   MMC SD CARD MEMORY STICK SMARTMEDIA AND XD PICTURE CARD 15KV ESD PROTECTED VOLTAGE TRANSLATION TRANSCEIVER
SN74AVCA406 TI-SN74AVCA406_10 Datasheet
2Mb / 45P
[Old version datasheet]   MMC, SD CARD, Memory Stick, SmartMedia, AND xD-Picture Card 짹15-kV ESD-PROTECTED VOLTAGE-TRANSLATION TRANSCEIVER
AVCE6467T TI1-AVCE6467T Datasheet
2Mb / 44P
[Old version datasheet]   MMC, SD CARD, Memory Stick, SmartMedia, AND xD-Picture Card 짹15-kV ESD-PROTECTED VOLTAGE-TRANSLATION TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com