Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IM22TS Datasheet(PDF) 2 Page - Tyco Electronics

Part # IM22TS
Description  IM Series Signal Relays
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

IM22TS Datasheet(HTML) 2 Page - Tyco Electronics

  IM22TS Datasheet HTML 1Page - Tyco Electronics IM22TS Datasheet HTML 2Page - Tyco Electronics IM22TS Datasheet HTML 3Page - Tyco Electronics IM22TS Datasheet HTML 4Page - Tyco Electronics IM22TS Datasheet HTML 5Page - Tyco Electronics IM22TS Datasheet HTML 6Page - Tyco Electronics IM22TS Datasheet HTML 7Page - Tyco Electronics IM22TS Datasheet HTML 8Page - Tyco Electronics IM22TS Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
108-98001 Rev. M
All specifications subject to change. Consult Tyco Electronics for latest specifications.
2 of 28
AXICOM Signal Relays
IM Relay
Index
Description
3
Selection Guide / Relay Code
4
Coil Data and Ordering Information
- IM
5
- IM-A
10
- IM-B
12
- IM-C
14
- IM-D
16
- IM-E
18
Contact Data
20
Insulation
22
General Data
23
Coil Operating Range
24
Soldering Condition
25
Packing
26
UL 508
File No. E 111441
UL 60950
IEC/EN60950 IEC Ref. Cert. No. 3270
Disclaimer
While Tyco Electronics and its affiliates referenced herein
have made every reasonable effort to ensure the accuracy
of the information contained in this catalog, Tyco Elec-
tronics cannot assure that this information is error free.
For this reason, Tyco Electronics does not make any re-
presentation or offer any guarantee that such information
is accurate, correct, reliable or current. Tyco Electronics
reserves the right to make any adjustments to the infor-
mation at any time. Tyco Electronics expressly disclaims
any implied warranty regarding the information contained
herein, including, but not limited to, the implied warran-
ties of merchantability or fitness for a particular purpose.
Tyco Electronics‘ only obligations are those stated in Tyco
Electronics’ Standard Terms and Conditions of Sale. Tyco
Electronics will in no case be liable for any incidental, in-
direct or consequential damages arising from or in con-
nection with, including, but not limited to, the sale, resale,
use or misuse of its products. Users should rely on their
own judgment to evaluate the suitability of a product for
a certain purpose and test each product for its intended
application.
In case of any potential ambiguities or questions, please
don’t hesitate to contact us for clarification.


Similar Part No. - IM22TS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IM2000S ETC-IM2000S Datasheet
142Kb / 16P
   HIGH PERFORMANCE MICROSTEPPING STEP MOTOR CONTROLLER
logo
VBsemi Electronics Co.,...
IM2132 VBSEMI-IM2132 Datasheet
1Mb / 9P
   P-Channel 20-V (D-S) MOSFET
logo
Infineon Technologies A...
IM231-L6S1B INFINEON-IM231-L6S1B Datasheet
1Mb / 24P
   600V 3-phase inverter including gate drivers
Revision 2.1 2019-07-15
IM231-L6T2B INFINEON-IM231-L6T2B Datasheet
1Mb / 24P
   600V 3-phase inverter including gate drivers
Revision 2.1 2019-07-15
IM231-M6S1B INFINEON-IM231-M6S1B Datasheet
1Mb / 24P
   600V 3-phase inverter including gate drivers
Revision 2.1 2019-07-15
More results

Similar Description - IM22TS

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
9-1462038-9 MACOM-9-1462038-9 Datasheet
3Mb / 7P
   Signal Relays
V23079A1005B301 MACOM-V23079A1005B301 Datasheet
2Mb / 8P
   Signal Relays
logo
TE Connectivity Ltd
IM-B TEC-IM-B Datasheet
2Mb / 4P
   Signal Relays
logo
List of Unclassifed Man...
HRA ETC1-HRA Datasheet
400Kb / 3P
   Signal Relays
29/06/20
logo
Tyco Electronics
4-1393789-5 MACOM-4-1393789-5 Datasheet
1Mb / 8P
   Signal Relays
1-1462051-2 MACOM-1-1462051-2 Datasheet
645Kb / 6P
   RF Signal Relays
logo
Kemet Corporation
EC2-5NU KEMET-EC2-5NU Datasheet
86Kb / 1P
   Relays, Signal, EC2
EC2-24SNU KEMET-EC2-24SNU Datasheet
86Kb / 1P
   Relays, Signal, EC2
logo
List of Unclassifed Man...
ADT-2593-MF-SMA-02 ETC2-ADT-2593-MF-SMA-02 Datasheet
45Kb / 1P
   Im-Series Adapters
logo
Kemet Corporation
EC2-5TNU KEMET-EC2-5TNU Datasheet
107Kb / 1P
   Relays, Signal, EC2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com