Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL494CPWG4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TL494CPWG4
Description  PULSE-WIDTH-MODULATION CONTROL CIRCUITS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL494CPWG4 Datasheet(HTML) 1 Page - Texas Instruments

  TL494CPWG4 Datasheet HTML 1Page - Texas Instruments TL494CPWG4 Datasheet HTML 2Page - Texas Instruments TL494CPWG4 Datasheet HTML 3Page - Texas Instruments TL494CPWG4 Datasheet HTML 4Page - Texas Instruments TL494CPWG4 Datasheet HTML 5Page - Texas Instruments TL494CPWG4 Datasheet HTML 6Page - Texas Instruments TL494CPWG4 Datasheet HTML 7Page - Texas Instruments TL494CPWG4 Datasheet HTML 8Page - Texas Instruments TL494CPWG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
www.ti.com
FEATURES
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1IN+
1IN−
FEEDBACK
DTC
CT
RT
GND
C1
2IN+
2IN−
REF
OUTPUT CTRL
VCC
C2
E2
E1
D, DB, N, NS, OR PW PACKAGE
(TOP VIEW)
DESCRIPTION
TL494
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
SLVS074E – JANUARY 1983 – REVISED FEBRUARY 2005
Complete PWM Power-Control Circuitry
Uncommitted Outputs for 200-mA Sink or
Source Current
Output Control Selects Single-Ended or
Push-Pull Operation
Internal Circuitry Prohibits Double Pulse at
Either Output
Variable Dead Time Provides Control Over
Total Range
Internal Regulator Provides a Stable 5-V
Reference Supply With 5% Tolerance
Circuit Architecture Allows Easy
Synchronization
The TL494 incorporates all the functions required in the construction of a pulse-width-modulation (PWM) control
circuit on a single chip. Designed primarily for power-supply control, this device offers the flexibility to tailor the
power-supply control circuitry to a specific application.
The TL494 contains two error amplifiers, an on-chip adjustable oscillator, a dead-time control (DTC) comparator,
a pulse-steering control flip-flop, a 5-V, 5%-precision regulator, and output-control circuits.
The error amplifiers exhibit a common-mode voltage range from –0.3 V to VCC – 2 V. The dead-time control
comparator has a fixed offset that provides approximately 5% dead time. The on-chip oscillator can be bypassed
by terminating RT to the reference output and providing a sawtooth input to CT, or it can drive the common
circuits in synchronous multiple-rail power supplies.
The uncommitted output transistors provide either common-emitter or emitter-follower output capability. The
TL494 provides for push-pull or single-ended output operation, which can be selected through the output-control
function. The architecture of this device prohibits the possibility of either output being pulsed twice during
push-pull operation.
The TL494C is characterized for operation from 0
°C to 70°C. The TL494I is characterized for operation from
–40
°C to 85°C.
AVAILABLE OPTIONS
PACKAGED DEVICES(1)
SHRINK SMALL
THIN SHRINK
TA
SMALL OUTLINE
PLASTIC DIP
SMALL OUTLINE
OUTLINE
SMALL OUTLINE
(D)
(N)
(NS)
(DB)
(PW)
0
°C to 70°C
TL494CD
TL494CN
TL494CNS
TL494CDB
TL494CPW
–40
°C to 85°C
TL494ID
TL494IN
(1)
The D, DB, NS, and PW packages are available taped and reeled. Add the suffix R to device type (e.g., TL494CDR).
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 1983–2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TL494CPWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL494CPWG4 TI-TL494CPWG4 Datasheet
449Kb / 17P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL494CPWG4 TI-TL494CPWG4 Datasheet
590Kb / 19P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL494CPWG4 TI-TL494CPWG4 Datasheet
614Kb / 19P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
More results

Similar Description - TL494CPWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL5001 TI-TL5001_08 Datasheet
704Kb / 32P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
BCD Semiconductor Manuf...
AZ7500E BCDSEMI-AZ7500E Datasheet
327Kb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Texas Instruments
TL494 TI-TL494_07 Datasheet
590Kb / 19P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
BCD Semiconductor Manuf...
AZ494A,C BCDSEMI-AZ494A,C_09 Datasheet
1Mb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ7500B BCDSEMI-AZ7500B_10 Datasheet
799Kb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ7500E BCDSEMI-AZ7500E_09 Datasheet
1Mb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ494A BCDSEMI-AZ494A Datasheet
52Kb / 2P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Texas Instruments
TL594I TI-TL594I Datasheet
504Kb / 9P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL5001 TI-TL5001 Datasheet
348Kb / 23P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
BCD Semiconductor Manuf...
AZ494B BCDSEMI-AZ494B Datasheet
52Kb / 2P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com