Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U86-D2427-20421 Datasheet(PDF) 5 Page - Amphenol Corporation

Part # U86-D2427-20421
Description  2XN SFP EXPRESSPORT??COMBO WITH LIGHT PIPE (ELASTOMERIC GASKET)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

U86-D2427-20421 Datasheet(HTML) 5 Page - Amphenol Corporation

  U86-D2427-20421 Datasheet HTML 1Page - Amphenol Corporation U86-D2427-20421 Datasheet HTML 2Page - Amphenol Corporation U86-D2427-20421 Datasheet HTML 3Page - Amphenol Corporation U86-D2427-20421 Datasheet HTML 4Page - Amphenol Corporation U86-D2427-20421 Datasheet HTML 5Page - Amphenol Corporation U86-D2427-20421 Datasheet HTML 6Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
0
8.00
16.00
24.00
32.00
42.10
51.63
49.60
4.50
(SEE NOTE 1)
BSC
T19
SCALE 3 : 1
DETAIL G
PIPE (TOP)
INNER LIGHT
PIPE (BOTTOM)
OUTER LIGHT
PIPE (TOP)
OUTER LIGHT
PIPE (BOTTOM)
B12
B11
B20
B19
B1
B2
B9
B10
T10
T9
T11
T12
T2
T1
INNER LIGHT
T20
B
C
D
12
A
3
2
1
4
B
A
56
C
P-U86-DX427-X0XX1
X
X
X
FEB23/09
FEB23/09
X
X
X
J.SI
J.SI
03554
CODE IDENT. NO.
H
2:1
TITLE
5 OF 6
DESIGNED
N/A
MATERIAL AND FINISH
X.XX 0.15
X.X 0.25
1
DECIMALS
ANGLES
UNLESS OTHERWISE SPECIFIED
DIMENSIONS ARE IN MILLIMETERS
TOLERANCES ARE:
DWG APP'D
IE APP'D
QA APPD
CHECKED
DRAWN
APPROVALS
DATE
2XN SFP+ EXPRESSPORT™ COMBO
WITH LIGHT PIPE
(ELASTOMERIC GASKET)
REV.
SHEET
A4
DWG. NO.
PROJECT
SIZE
SCALE
REF.
Amphenol Canada Corp.
THIS DOCUMENT CONTAINS PROPRIETARY INFORMATION AND SUCH INFORMATION MAY NOT BE DISCLOSED
TO OTHERS FOR ANY PURPOSE OR USED FOR MANUFACTURING PURPOSES WITHOUT PERMISSION FROM
AMPHENOL CANADA CORP.
DO NOT SCALE DRAWING
3
X
NOTES:
1. DATUM AND BASIC DIMENSIONS
ESTABLISHED BY CUSTOMER.
2. 1.05 mm DIAMETER HOLES ARE
CHASSIS GROUND (37 HOLES).
REVISIONS
REV
DESCRIPTION
DATE
APPRD
G
LIGHT PIPE CONFIGURATION ADDED
MAY21/09
H
PART NUMBERS UPDATED
JUL27/09
0.05 S
X Y
-Z-
0.05 M Z S X Y
-D-
0.05 M D M E M
0.05 M D M X
-E-
0.05 S Z S X Y
G
Y
X
1.05±0.05
1.85±0.05
1.85±0.05 (TYP.)
0.46±0.05 (TYP.)
1.05±0.05 (TYP.)


Similar Part No. - U86-D2427-20421

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
U86-D2627-10121 AMPHENOL-U86-D2627-10121 Datasheet
466Kb / 6P
   2XN SFP EXPRESSPORT COMBO WITH LIGHT PIPE (SPRING FINGER GASKET)
U86-D2627-10421 AMPHENOL-U86-D2627-10421 Datasheet
466Kb / 6P
   2XN SFP EXPRESSPORT COMBO WITH LIGHT PIPE (SPRING FINGER GASKET)
U86-D2627-20121 AMPHENOL-U86-D2627-20121 Datasheet
466Kb / 6P
   2XN SFP EXPRESSPORT COMBO WITH LIGHT PIPE (SPRING FINGER GASKET)
U86-D2627-20421 AMPHENOL-U86-D2627-20421 Datasheet
466Kb / 6P
   2XN SFP EXPRESSPORT COMBO WITH LIGHT PIPE (SPRING FINGER GASKET)
U86-D2627-30121 AMPHENOL-U86-D2627-30121 Datasheet
466Kb / 6P
   2XN SFP EXPRESSPORT COMBO WITH LIGHT PIPE (SPRING FINGER GASKET)
More results

Similar Description - U86-D2427-20421

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
P-U86-DX627-X0XX1 AMPHENOL-P-U86-DX627-X0XX1 Datasheet
466Kb / 6P
   2XN SFP EXPRESSPORT COMBO WITH LIGHT PIPE (SPRING FINGER GASKET)
P-U86-D1427-X0XX1 AMPHENOL-P-U86-D1427-X0XX1 Datasheet
165Kb / 4P
   2X1 SFP ULTRA-PORT COMBO WITH LIGHT PIPE (ELASTOMERIC EMI GASKET)
P-U86-D1627-X0XX1 AMPHENOL-P-U86-D1627-X0XX1 Datasheet
185Kb / 4P
   2X1 SFP ULTRA-PORT COMBO WITH LIGHT PIPE (SPRING FINGER GASKET)
P-U77-CX41M-X081 AMPHENOL-P-U77-CX41M-X081 Datasheet
673Kb / 11P
   1XN SFP CAGE ELASTOMER EMI GASKET, WITH LIGHT PIPE
P-U77-AX41M-X081 AMPHENOL-P-U77-AX41M-X081 Datasheet
240Kb / 6P
   1XN SFP CAGE ASSEMBLY WITH ELASTOMERIC GASKET
logo
Molex Electronics Ltd.
1700718011 MOLEX11-1700718011 Datasheet
480Kb / 4P
   ZSFP STACKED ASSY WITH LIGHT PIPES AND ELASTOMERIC GASKET
0747280416 MOLEX1-0747280416 Datasheet
28Kb / 1P
   1-by-4 SFP Ganged Cage, Elastomeric Gasket, Press-fit, Without Light Pipes
logo
Amphenol Corporation
P-U77-CX61M-X081 AMPHENOL-P-U77-CX61M-X081 Datasheet
734Kb / 11P
   1XN SFP CAGE SPRINGFINGER EMI, WITH LIGHT PIPE
logo
Molex Electronics Ltd.
1700718013 MOLEX1-1700718013 Datasheet
41Kb / 2P
   Stacked Ganged Assembly with Elastomeric Gasket
1700711011 MOLEX1-1700711011 Datasheet
41Kb / 2P
   zSFP Stacked Ganged Assembly with Elastomeric Gasket, 2-by-1 With 4 Light Pipes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com