Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFC237019684 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # BFC237019684
Description  DC Film Capacitors MKT Radial Potted Type
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BFC237019684 Datasheet(HTML) 3 Page - Vishay Siliconix

  BFC237019684 Datasheet HTML 1Page - Vishay Siliconix BFC237019684 Datasheet HTML 2Page - Vishay Siliconix BFC237019684 Datasheet HTML 3Page - Vishay Siliconix BFC237019684 Datasheet HTML 4Page - Vishay Siliconix BFC237019684 Datasheet HTML 5Page - Vishay Siliconix BFC237019684 Datasheet HTML 6Page - Vishay Siliconix BFC237019684 Datasheet HTML 7Page - Vishay Siliconix BFC237019684 Datasheet HTML 8Page - Vishay Siliconix BFC237019684 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Document Number: 28108
For technical questions, contact: dc-film@vishay.com
www.vishay.com
Revision: 04-Aug-09
79
MKT 370
DC Film Capacitors
MKT Radial Potted Type
Vishay BCcomponents
SPECIFIC REFERENCE DATA (COMPACT SIZE)
URdc = 63 V; URac = 40 V
Notes
(1) Weight for short lead products only
(2) For C = 1.2 µF and C = 1.5 µF: URdc = 50 V and URac = 32 V
• SPQ = Standard Packing Quantity
DESCRIPTION
VALUE
Tangent of loss angle:
at 1 kHz
at 10 kHz
at 100 kHz
C
≤ 0.1 µF
≤ 75 x 10-4
≤ 130 x 10-4
≤ 220 x 10-4
0.1 µF < C
≤ 0.47 µF
≤ 75 x 10-4
≤ 130 x 10-4
≤ 300 x 10-4
C > 0.47 µF
≤ 75 x 10-4
≤ 130 x 10-4
-
Rated voltage pulse slope (dU/dt)R at
100 Vdc
250 Vdc
400 Vdc
630 Vdc
37 V/µs
44 V/µs
200 V/µs
540 V/µs
R between leads, for C
≤ 0.33 µF
at 100 V; 1 min
> 15 000 M
Ω
> 30 000 M
Ω
> 30 000 M
Ω
> 30 000 M
Ω
RC between leads
C > 0.33 µF at 100 V; 1 min
> 5000 s
R between interconnecting leads and case (foil method)
> 30 000 M
Ω
> 30 000 M
Ω
> 30 000 M
Ω
> 30 000 M
Ω
Withstanding (DC) voltage (cut off current 10 mA);
160 V; 1 min
400 V; 1 min
640 V; 1 min
1008 V; 1 min
Withstanding (DC) voltage between leads and case
200 V; 1 min
500 V; 1 min
800 V; 1 min
1260 V; 1 min
Maximum application temperature
100 °C
105 °C
C
(µF)
DIMENSIONS
w x h x l
(mm)
MASS
(g) (1)
CATALOG NUMBER BFC2 370 XXYYY AND PACKAGING
AMMOPACK
LOOSE IN BOX
REEL
C-VALUE
H = 18.5 mm;
P0 = 12.7 mm
Short leads
Long leads
C-tol. =
± 10 %
C-tol. =
± 5 %
C-tol. =
± 10 %
C-tol. =
± 5 %
C-tol. =
± 10 %
C-tol. =
± 5 %
C-tol. =
± 10 %
C-tol. =
± 5 %
XX
(SPQ)
XX
(SPQ)
XX
(SPQ)
XX
(SPQ)
XX
(SPQ)
XX
(SPQ)
XX
(SPQ)
XX
(SPQ)
..YYY
Pitch = 5.08 ± 0.30 mm; dt = 0.50 ± 0.05 mm
0.056
2.5 x 6.5 x 7.2
0.18
75…
(2000)
76…
(2000)
11…
(2000)
12…
(2000)
15…
(1000)
16…
(1000)
18…
(2000)
19…
(2000)
563
0.068
683
0.082
823
0.1
104
0.12
124
0.15
154
0.18
184
0.22
3.5 x 8.0 x 7.2
0.3
75…
(1500)
76…
(1500)
11…
(2000)
12…
(2000)
15…
(1000)
16…
(1000)
18…
(1500)
19…
(1500)
224
0.27
274
0.33
334
0.39
394
0.47
474
0.56
4.5 x 9.0 x 7.2
0.42
75…
(1000)
76…
(1000)
11…
(2000)
12…
(2000)
15…
(1000)
16…
(1000)
18…
(1000)
19…
(1000)
564
0.68
684
0.82
6.0 x 11.0 x 7.2
0.64
75…
(750)
76…
(750)
11…
(2000)
12…
(2000)
15…
(1000)
16…
(1000)
18…
(1000)
19…
(1000)
824
1.0
105
1.2 (2)
125
1.5 (2)
155


Similar Part No. - BFC237019684

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BFC237021473 VISHAY-BFC237021473 Datasheet
196Kb / 18P
   DC Film Capacitors MKT Radial Potted Type
Revision: 17-May-13
More results

Similar Description - BFC237019684

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BFC237021473 VISHAY-BFC237021473 Datasheet
196Kb / 18P
   DC Film Capacitors MKT Radial Potted Type
Revision: 17-May-13
MKT373M VISHAY-MKT373M Datasheet
158Kb / 14P
   DC Film Capacitors MKT Radial Potted Type
222237353105 VISHAY-222237353105 Datasheet
162Kb / 14P
   DC Film Capacitors MKT Radial Potted Type
Revision: 21-Nov-12
BFC237321335 VISHAY-BFC237321335 Datasheet
172Kb / 14P
   DC Film Capacitors MKT Radial Potted Type
Revision: 21-Nov-12
BFC237353104 VISHAY-BFC237353104 Datasheet
187Kb / 18P
   DC Film Capacitors MKT Radial Potted Type
Revision: 21-Nov-12
MKT371 VISHAY-MKT371 Datasheet
258Kb / 28P
   DC Film Capacitor MKT Radial Potted Type
Revision: 23-Oct-08
MKT1820 VISHAY-MKT1820_08 Datasheet
130Kb / 12P
   DC Film Capacitor MKT Radial Potted Type
Revision: 23-Oct-08
MKT370 VISHAY-MKT370 Datasheet
188Kb / 18P
   DC Film Capacitor MKT Radial Potted Type
Revision: 17-Nov-08
MKT372 VISHAY-MKT372 Datasheet
302Kb / 7P
   Metallized Polyester Film Capacitors MKT Radial Potted Type
Revision: 21-Nov-05
F17723222000 VISHAY-F17723222000 Datasheet
136Kb / 12P
   Interference Suppression Film Capacitors MKT Radial Potted Type
Revision: 17-Apr-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com