Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP3218AMNR2G Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCP3218AMNR2G
Description  7-Bit, Programmable, 3-Phase, Mobile CPU Synchronous Buck Controller
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP3218AMNR2G Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCP3218AMNR2G Datasheet HTML 4Page - ON Semiconductor NCP3218AMNR2G Datasheet HTML 5Page - ON Semiconductor NCP3218AMNR2G Datasheet HTML 6Page - ON Semiconductor NCP3218AMNR2G Datasheet HTML 7Page - ON Semiconductor NCP3218AMNR2G Datasheet HTML 8Page - ON Semiconductor NCP3218AMNR2G Datasheet HTML 9Page - ON Semiconductor NCP3218AMNR2G Datasheet HTML 10Page - ON Semiconductor NCP3218AMNR2G Datasheet HTML 11Page - ON Semiconductor NCP3218AMNR2G Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
ADP3212A, NCP3218A
http://onsemi.com
8
ELECTRICAL CHARACTERISTICS
VCC = PVCC = 5.0 V, FBRTN = PGND = GND = 0 V, H = 5.0 V, L = 0 V, EN = VARFREQ = H, DPRSLP = L, PSI = 1.05 V,
VVID = VDAC = 1.2000 V, TA = −40°C to 100°C, unless otherwise noted. (Note 1) Current entering a pin (sink current) has a positive sign.
Parameter
Units
Max
Typ
Min
Conditions
Symbol
SYSTEM I/O BUFFERS
VID[6:0], DPRSLP, PSI INPUTS
Input Voltage
Refers to driving signal level
Logic low
Logic high
2.0
0.3
V
Input Current
V = 0.2 V, VID[6:0], DPRSLP
(active pulldown to GND)
PSI (active pullup to VCC)
1.0
−2.0
mA
VID Delay Time (Note 2)
Any VID edge to FB change 10%
200
ns
VARFREQ
Input Voltage
Refers to driving signal level
Logic low
Logic high
4.0
0.7
V
Input Current
1.0
mA
EN INPUT
Input Voltage
Refers to driving signal level
Logic low
Logic high
1.7
0.5
V
Input Current
EN = L or EN = H (static)
0.8 V < EN < 1.6 V (during transition)
10
−70
nA
mA
PH1, PH0 INPUTS
Input Voltage
Refers to driving signal level
Logic low
Logic high
2.0
0.5
V
Input Current
1.0
mA
CLKEN OUTPUT
Output Low Voltage
Logic low, Isink = 4 mA
60
200
mV
Output High, Leakage Current
Logic high, VCLKEN = VCC
0.1
mA
PWM3, OD3 OUTPUTS
Output Voltage
Logic low, ISINK = 400 mA
Logic high, ISOURCE = −400 mA
4.0
10
5.0
500
mV
V
THERMAL MONITORING and PROTECTION
TTSNS Voltage Range (Note 2)
0
5.0
V
TTSNS Threshold
VCC = 5.0 V, TTSNS is falling
2.45
2.5
2.55
V
TTSNS Hysteresis
50
95
mV
TTSNS Bias Current
TTSNS = 2.6 V
−2.0
2.0
mA
VRTT Output Voltage
VVRTT
Logic low, IVRTT(SINK) = 400 mA
Logic high, IVRTT(SOURCE) = −400 mA
4.5
10
5.0
500
mV
V
SUPPLY
Supply Voltage Range
VCC
4.5
5.5
V
Supply Current
EN = high
EN = 0 V
7
10
10
50
mA
mA
VCC OK Threshold
VCCOK
VCC is rising
4.4
4.5
V
VCC UVLO Threshold
VCCUVLO
VCC is falling
4.0
4.15
V
VCC Hysteresis (Note 2)
250
mV
HIGH−SIDE MOSFET DRIVER
Pullup Resistance, Sourcing
Current (Note 3)
BST = PVCC
1.25
3.3
W
1. All limits at temperature extremes are guaranteed via correlation using standard statistical quality control (SQC).
2. Guaranteed by design or bench characterization, not production tested.
3. Based on bench characterization data.
4. Timing is referenced to the 90% and 10% points, unless otherwise noted.


Similar Part No. - NCP3218AMNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3218 ONSEMI-NCP3218 Datasheet
1Mb / 43P
   7-Bit Programmable, 3-Phase, Mobile CPU Synchronous Buck Controller
Rev. SpA
NCP3218 ONSEMI-NCP3218 Datasheet
474Kb / 35P
   7-Bit, Programmable, 3-Phase, Mobile CPU Synchronous Buck Controller
August, 2012 ??Rev. 4
NCP3218G ONSEMI-NCP3218G Datasheet
474Kb / 35P
   7-Bit, Programmable, 3-Phase, Mobile CPU Synchronous Buck Controller
August, 2012 ??Rev. 4
NCP3218GMNR2G ONSEMI-NCP3218GMNR2G Datasheet
474Kb / 35P
   7-Bit, Programmable, 3-Phase, Mobile CPU Synchronous Buck Controller
August, 2012 ??Rev. 4
NCP3218MNR2G ONSEMI-NCP3218MNR2G Datasheet
1Mb / 43P
   7-Bit Programmable, 3-Phase, Mobile CPU Synchronous Buck Controller
Rev. SpA
More results

Similar Description - NCP3218AMNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADP3212 ONSEMI-ADP3212 Datasheet
1Mb / 43P
   7-Bit Programmable, 3-Phase, Mobile CPU Synchronous Buck Controller
Rev. SpA
NCP3218GMNR2G ONSEMI-NCP3218GMNR2G Datasheet
474Kb / 35P
   7-Bit, Programmable, 3-Phase, Mobile CPU Synchronous Buck Controller
August, 2012 ??Rev. 4
ADP3207C ONSEMI-ADP3207C Datasheet
531Kb / 32P
   7-Bit Programmable, Multi-Phase Mobile, CPU Synchronous Buck Controller
December, 2009 ??Rev. 0
ADP3208C ONSEMI-ADP3208C Datasheet
1Mb / 41P
   7-Bit,Programmable,Dual- Phase,Mobile,CPU,Synchronous Buck Controller
May 2008??Rev. 1
ADP3208D ONSEMI-ADP3208D Datasheet
823Kb / 37P
   7-Bit, Programmable, Dual-Phase, Mobile, CPU, Synchronous Buck Controller
February, 2010 ??Rev. 0
logo
Analog Devices
ADP3208AJCPZ-RL AD-ADP3208AJCPZ-RL Datasheet
784Kb / 38P
   7-Bit, Programmable, Dual-Phase, Mobile, CPU, Synchronous Buck Controller
January 2008 ??Rev. 2
logo
ON Semiconductor
ADP3207DJCPZ-RL ONSEMI-ADP3207DJCPZ-RL Datasheet
494Kb / 32P
   7-Bit Programmable, Multi-Phase Mobile, CPU Synchronous Buck
December, 2009 ??Rev. 0
ADP3210 ONSEMI-ADP3210 Datasheet
822Kb / 38P
   7-Bit Programmable Multiphase Mobile CPU Synchronous
Rev. 0.3
ADP3211NMNR2G ONSEMI-ADP3211NMNR2G Datasheet
524Kb / 32P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Controller
November, 2009 ??Rev. 2
ADP3211 ONSEMI-ADP3211 Datasheet
519Kb / 32P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Controller
April, 2009 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com