Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NRS5012T100M Datasheet(PDF) 10 Page - Taiyo Yuden (U.S.A.), Inc

Part # NRS5012T100M
Description  SMD INDUCTORS SMALL AND LARGE CURRENT TYPE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

NRS5012T100M Datasheet(HTML) 10 Page - Taiyo Yuden (U.S.A.), Inc

Back Button NRS5012T100M Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc NRS5012T100M Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc NRS5012T100M Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc NRS5012T100M Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc NRS5012T100M Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc NRS5012T100M Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc NRS5012T100M Datasheet HTML 10Page - Taiyo Yuden (U.S.A.), Inc NRS5012T100M Datasheet HTML 11Page - Taiyo Yuden (U.S.A.), Inc NRS5012T100M Datasheet HTML 12Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
1
wound0407_reli-RP3
wound0407_reli_e-01
RELIABILITY DATA
*This catalog contains the typical specification only due to the limitation of space. When you consider purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) or CD catalogs.
15. Resistance to soldering heat
BRC1608, BRL2012, BRC2016, BRC2518,
BRFL2518, BRL2518, BRL3225 Type
Inductance change : Within ±10%
No significant abnormality in appearance.
NR30/40/50/60/80, NRV30, NRG40,
NRH24/30, NRS50/60 Type
NR10050 Type
【Test Method and Remarks】
BRC1608, BRL2012, BRC2016, BRC2518, BRFL2518, BRL2518, BRL3225 Type :
3 times of reflow oven at 230℃ MIN. for 40sec. with peak temperature at 260+0
ー5 ℃ for 5sec.
NR30/40/50/60/80, NRV30, NRG40, NRH24/30, NRS50/60 Type, NR10050 Type
:
The test sample shall be exposed to reflow oven at 230±5℃ for 40 seconds, with peak temperature at 260±5℃ for 5 seconds, 2 times.
NR6020 Type :
The test sample shall be exposed to reflow oven at 230±5℃ for 40 seconds, with peak temperature at 250+0
ー5 ℃ for 5 seconds, 2 times.
Test board thickness : 1.0mm
Test board material : glass epoxy-resin
16. Thermal shock
BRC1608, BRL2012, BRC2016, BRC2518,
BRFL2518, BRL2518, BRL3225 Type
Inductance change : Within ±10%
No significant abnormality in appearance.
NR30/40/50/60/80, NRV30, NRG40,
NRH24/30, NRS50/60 Type
NR10050 Type
【Test Method and Remarks】
BRC1608, BRL2012, BRC2016, BRC2518, BRFL2518, BRL2518, BRL3225 Type, NR30/40/50/60/80, NRV30, NRG40, NRH24/30, NRS50/60 Type, NR10050 Type :
The test samples shall be soldered to the test board by the reflow. The test samples shall be placed at specified temperature for specified time by step 1 to step 4 as shown
in below table in sequence. The temperature cycle shall be repeated 100 cycles.
Conditions of 1 cycle
Step
Temperature (℃)
Duration (min)
1
ー40±3
30±3
2
Room temperature
Within 3
3
+85±2
30±3
4
Room temperature
Within 3
17. Damp heat
BRC1608, BRL2012, BRC2016, BRC2518,
BRFL2518, BRL2518, BRL3225 Type
Inductance change : Within ±10%
No significant abnormality in appearance.
NR30/40/50/60/80, NRV30, NRG40,
NRH24/30, NRS50/60 Type
NR10050 Type
【Test Method and Remarks】
BRC1608, BRL2012, BRC2016, BRC2518, BRFL2518, BRL2518, BRL3225 Type :
Temperature
60±2℃
Humidity
90∼95%RH
Time
1000 hours.
Recovery : At least 2hrs of recovery under the standard condition after the test, followed by the measurement within 48 hrs.
NR30/40/50/60/80, NRV30, NRG40, NRH24/30, NRS50/60 Type :
The test samples shall be soldered to the test board by the reflow.
The test samples shall be placed in thermostatic oven set at specified temperature and humidity as shown in below table.
Temperature
60±2℃
Humidity
90∼95%RH
Time
500±24hour
14. Solderability
BRC1608, BRL2012, BRC2016, BRC2518,
BRFL2518, BRL2518, BRL3225 Type
At least 90% of surface of terminal electrode is covered by new solder.
NR30/40/50/60/80, NRV30, NRG40,
NRH24/30, NRS50/60 Type
NR10050 Type
【Test Method and Remarks】
BRC1608, BRL2012, BRC2016, BRC2518, BRFL2518, BRL2518, BRL3225 Type, NR30/40/50/60/80, NRV30, NRG40, NRH24/30, NRS50/60 Type, NR10050Type :
The test samples shall be dipped in flux, and then immersed in molten solder as shown in below table.
Flux : Methanol solution containing rosin 25%.
NR30/40/50/60/80, NRV30, NRG40, NRH24/30, NRS50/60 Type :
Solder Temperature
245±5℃
Time
5±1.0 sec.
BRC1608, BRL2012, BRC2016, BRC2518, BRFL2518, BRL2518, BRL3225 Type :
Solder Temperature
245±5℃
Time
5±0.5 sec.
※Immersion depth : All sides of mounting terminal shall be immersed.


Similar Part No. - NRS5012T100M

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
NRS5012T100MMGF TAIYO-YUDEN-NRS5012T100MMGF Datasheet
811Kb / 22P
   SMD POWER INDUCTORS(NR SERIES/NR SERIES H TYPE/S TYPE/V TYPE)
NRS5012T100MMGF TAIYO-YUDEN-NRS5012T100MMGF Datasheet
811Kb / 22P
   SMD POWER INDUCTORS(NR SERIES/NR SERIES H TYPE/S TYPE/V TYPE)
NRS5012T100MMGF TAIYO-YUDEN-NRS5012T100MMGF Datasheet
635Kb / 23P
   SMD POWER INDUCTORS(NR SERIES/NR SERIES H TYPE/S TYPE/V TYPE)
NRS5012T100MMGF TAIYO-YUDEN-NRS5012T100MMGF Datasheet
295Kb / 3P
   SMD Power Inductors (NR series S type)
NRS5012T100MMGF TAIYO-YUDEN-NRS5012T100MMGF Datasheet
372Kb / 3P
   Wire-wound Ferrite Power Inductors LSXB/LSXN/LSXP series for General Electronic Equipment
2021/8/4
More results

Similar Description - NRS5012T100M

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
MPLCH0740L1R0 KEMET-MPLCH0740L1R0 Datasheet
398Kb / 5P
   Large-Current Power Inductors MPLCH
logo
Panasonic Semiconductor
ELL6SH1R0M PANASONIC-ELL6SH1R0M Datasheet
96Kb / 3P
   Power Inductors / Wire Wound type Large current capability RoHS compliant
logo
Murata Manufacturing Co...
NFM21PC474R1C3D MURATA-NFM21PC474R1C3D Datasheet
50Kb / 2P
   Single Circuit Type for Large Current
LQH55DN4R7M03L MURATA-LQH55DN4R7M03L Datasheet
50Kb / 2P
   Chip Coils for Choke Large Current Type
NFM31PC276B0J3L MURATA-NFM31PC276B0J3L Datasheet
54Kb / 1P
   EMIFILr (Capacitor type) Single Circuit Type for Large Current
5141 MURATA-5141 Datasheet
49Kb / 2P
   Chip Coils for Choke Large Current Type
logo
Sumida Corporation
CDEP105 SUMIDA-CDEP105 Datasheet
253Kb / 1P
   POWER INDUCTORS (SMD Type)
CDEP134 SUMIDA-CDEP134 Datasheet
249Kb / 1P
   POWER INDUCTORS (SMD Type)
CDRH4D14 SUMIDA-CDRH4D14 Datasheet
118Kb / 2P
   POWER INDUCTORS
CDRH4D22 SUMIDA-CDRH4D22 Datasheet
238Kb / 1P
   POWER INDUCTORS (SMD Type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com