Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT2607 Datasheet(PDF) 1 Page - Princeton Technology Corp

Part # PT2607
Description  Remote Control Encoder IC
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2607 Datasheet(HTML) 1 Page - Princeton Technology Corp

  PT2607 Datasheet HTML 1Page - Princeton Technology Corp PT2607 Datasheet HTML 2Page - Princeton Technology Corp PT2607 Datasheet HTML 3Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Remote Control Encoder IC
Preliminary
PT2607
PT2607 pre v1.0
Page 1
Updated February 2000
Princeton Technology Corp.
Tel : 886-2-29162151
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
DESCRIPTION
PT2607 is a data-trigger type tri-state remote control encoder IC utilizing CMOS Technology. It en-
codes data and address pins into a serially encoded waveform suitable for RF modulation. PT2607
provides 12 address bits and 6 data bits. It may be paired with PT2604 and is housed in 20-pin, SO or
DIP Package. Pin assignments and application circuit are optimized for easy PCB Layout and cost
saving benefits.
FEATURES
• CMOS Technology
• Low Power Consumption
• Operating Voltage: 2.4 to 15 V
• Low Standby Current
• Three Words Transmission
• Built-in Oscillator
• Least External Components
• Available in 20-pin DIP or SO Package
• Easy to Use
APPLICATIONS
• Burglar Alarm System
• Car/Motorcycle Security System
• Home/Office Security System
• Smoke & Fire Alarm System
• Toy/Garage Door Remote Controller
• Cordless Telephone
• Object Finder
• Remote Switch
• Remote Control for Industrial Use
• Automation System


Similar Part No. - PT2607

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2607 PTC-PT2607 Datasheet
652Kb / 28P
   Remote Control Encoder IC
PT2607-B PTC-PT2607-B Datasheet
652Kb / 28P
   Remote Control Encoder IC
PT2607-C PTC-PT2607-C Datasheet
652Kb / 28P
   Remote Control Encoder IC
PT2607-S PTC-PT2607-S Datasheet
652Kb / 28P
   Remote Control Encoder IC
PT2607B-S PTC-PT2607B-S Datasheet
652Kb / 28P
   Remote Control Encoder IC
More results

Similar Description - PT2607

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2264 PTC-PT2264 Datasheet
260Kb / 18P
   Remote Control Encoder IC
PT2607 PTC-PT2607_10 Datasheet
652Kb / 28P
   Remote Control Encoder IC
PT2264 PTC-PT2264_06 Datasheet
380Kb / 19P
   Remote Control Encoder IC
logo
Silan Microelectronics ...
SC5262 SILAN-SC5262 Datasheet
168Kb / 10P
   REMOTE CONTROL ENCODER
logo
Princeton Technology Co...
PT2260 PTC-PT2260 Datasheet
118Kb / 2P
   REMOTE CONTROL ENCODER?
PT2261A PTC-PT2261A Datasheet
149Kb / 5P
   Remote Control Encoder?
PT2262 PTC-PT2262 Datasheet
355Kb / 7P
   Remote Control Encoder
PT2265 PTC-PT2265 Datasheet
163Kb / 3P
   Remote Control Encoder?
logo
Holtek Semiconductor In...
HT6026 HOLTEK-HT6026 Datasheet
361Kb / 7P
   Remote Control Encoder
logo
Princeton Technology Co...
PT2262 PTC-PT2262_08 Datasheet
462Kb / 20P
   Remote Control Encoder
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com