Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP3418 Datasheet(PDF) 7 Page - ON Semiconductor

Part # ADP3418
Description  Dual Bootstrapped, 12 V MOSFET Driver with Output Disable
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADP3418 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button ADP3418 Datasheet HTML 3Page - ON Semiconductor ADP3418 Datasheet HTML 4Page - ON Semiconductor ADP3418 Datasheet HTML 5Page - ON Semiconductor ADP3418 Datasheet HTML 6Page - ON Semiconductor ADP3418 Datasheet HTML 7Page - ON Semiconductor ADP3418 Datasheet HTML 8Page - ON Semiconductor ADP3418 Datasheet HTML 9Page - ON Semiconductor ADP3418 Datasheet HTML 10Page - ON Semiconductor ADP3418 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
ADP3418
Rev. 6 | Page 7 of 13 | www.onsemi.com
TYPICAL PERFORMANCE CHARACTERISTICS
2
3
1
DRVL
DRVH
IN
Figure 5. DRVH Rise and DRVL Fall Times
2
3
1
DRVL
DRVH
IN
Figure 6. DRVH Fall and DRVL Rise Times
JUNCTION TEMPERATURE (°C)
125
0
25
50
75
100
40
35
30
25
20
VCC = 12V
CLOAD = 3nF
DRVH
DRVL
Figure 7. DRVH and DRVL Rise Times vs. Junction Temperature
JUNCTION TEMPERATURE (°C)
125
0
25
50
75
100
26
24
22
20
18
16
DRVL
DRVH
VCC = 12V
CLOAD = 3nF
Figure 8. DRVH and DRVL Fall Times vs. Junction Temperature
LOAD CAPACITANCE (nF)
5
1
2
3
4
60
50
40
30
20
10
TA = 25°C
VCC = 12V
DRVH
DRVL
Figure 9. DRVH and DRVL Rise Times vs. Load Capacitance
LOAD CAPACITANCE (nF)
5
1
2
3
4
35
30
25
20
15
10
TA = 25°C
VCC = 12V
DRVL
DRVH
Figure 10. DRVH and DRVL Fall Times vs. Load Capacitance


Similar Part No. - ADP3418

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3418 AD-ADP3418 Datasheet
326Kb / 16P
   Dual Bootstrapped 12 V MOSFET Driver with Output Disable
REV. B
ADP3418KRZ-REEL1 AD-ADP3418KRZ-REEL1 Datasheet
326Kb / 16P
   Dual Bootstrapped 12 V MOSFET Driver with Output Disable
REV. B
ADP3418KRZ1 AD-ADP3418KRZ1 Datasheet
326Kb / 16P
   Dual Bootstrapped 12 V MOSFET Driver with Output Disable
REV. B
More results

Similar Description - ADP3418

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3418 ONSEMI-NCP3418 Datasheet
90Kb / 10P
   Dual Bootstrapped 12 V MOSFET Driver with Output Disable
May, 2004 ??Rev. 10
NCP3418 ONSEMI-NCP3418_06 Datasheet
110Kb / 9P
   Dual Bootstrapped 12 V MOSFET Driver with Output Disable
May, 2006 ??Rev. 12
logo
Analog Devices
ADP3650 AD-ADP3650 Datasheet
279Kb / 12P
   Dual, Bootstrapped, 12 V MOSFET Driver with Output Disable
REV. A
ADP3418 AD-ADP3418 Datasheet
326Kb / 16P
   Dual Bootstrapped 12 V MOSFET Driver with Output Disable
REV. B
logo
ON Semiconductor
ADP3121 ONSEMI-ADP3121 Datasheet
147Kb / 10P
   Dual Bootstrapped, 12 V MOSFET Driver with Output Disable
April, 2009 ??Rev. 0
logo
Analog Devices
ADP3120A AD-ADP3120A Datasheet
292Kb / 16P
   Dual Bootstrapped, 12 V MOSFET Driver with Output Disable
REV. 0
logo
ON Semiconductor
ADP3110A ONSEMI-ADP3110A Datasheet
132Kb / 8P
   Dual Bootstrapped, 12 V MOSFET Driver with Output Disable
August, 2008 ??Rev. 4
logo
Analog Devices
ADP3110 AD-ADP3110 Datasheet
245Kb / 12P
   Dual Bootstrapped, 12 V MOSFET Driver with Output Disable
REV. 0
logo
ON Semiconductor
NCP3418BDR2G ONSEMI-NCP3418BDR2G Datasheet
255Kb / 9P
   Dual Bootstrapped 12 V MOSFET Driver with Output Disable
April, 2007 -- Rev. 13
logo
Analog Devices
ADP3120 AD-ADP3120 Datasheet
272Kb / 16P
   Dual Bootstrapped 12 V MOSFET Driver with Output Disable
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com