Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP4100JCPZ-REEL Datasheet(PDF) 9 Page - ON Semiconductor

Part # ADP4100JCPZ-REEL
Description  Programmable Multi-Phase Synchronous Buck Converter
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADP4100JCPZ-REEL Datasheet(HTML) 9 Page - ON Semiconductor

Back Button ADP4100JCPZ-REEL Datasheet HTML 5Page - ON Semiconductor ADP4100JCPZ-REEL Datasheet HTML 6Page - ON Semiconductor ADP4100JCPZ-REEL Datasheet HTML 7Page - ON Semiconductor ADP4100JCPZ-REEL Datasheet HTML 8Page - ON Semiconductor ADP4100JCPZ-REEL Datasheet HTML 9Page - ON Semiconductor ADP4100JCPZ-REEL Datasheet HTML 10Page - ON Semiconductor ADP4100JCPZ-REEL Datasheet HTML 11Page - ON Semiconductor ADP4100JCPZ-REEL Datasheet HTML 12Page - ON Semiconductor ADP4100JCPZ-REEL Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
ADP4100
http://onsemi.com
9
TYPICAL CHARACTERISTICS
0
500
1000
1500
2000
2500
3000
13
20
30
43
50
68
75
82 130 180 270 395 430 500 680 850
RT (kW)
PWM1
Figure 3.
ADP4100 RT vs Frequency


Similar Part No. - ADP4100JCPZ-REEL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADP4000 ONSEMI-ADP4000 Datasheet
454Kb / 37P
   Programmable Multi-Phase Synchronous Buck Converter with PMBus
June, 2008 -- Rev. P0
ADP4000JCPZ-REEL ONSEMI-ADP4000JCPZ-REEL Datasheet
454Kb / 37P
   Programmable Multi-Phase Synchronous Buck Converter with PMBus
June, 2008 -- Rev. P0
ADP4000JCPZ-RL7 ONSEMI-ADP4000JCPZ-RL7 Datasheet
454Kb / 37P
   Programmable Multi-Phase Synchronous Buck Converter with PMBus
June, 2008 -- Rev. P0
logo
STMicroelectronics
ADP480120W3 STMICROELECTRONICS-ADP480120W3 Datasheet
8Mb / 15P
   Automotive-grade ACEPACK DRIVE power module, sixpack topology 1200 V, 1.9 m typ. SiC MOSFET gen.3 based
Rev 3 - October 2022
ADP480120W3-L STMICROELECTRONICS-ADP480120W3-L Datasheet
2Mb / 15P
   Automotive-grade ACEPACK DRIVE power module, sixpack topology 1200 V, 1.9 m typ. SiC MOSFET gen.3 based
August 2022 Rev 2
More results

Similar Description - ADP4100JCPZ-REEL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP81040 ONSEMI-NCP81040 Datasheet
237Kb / 28P
   Programmable Multi-Phase Synchronous Buck Converter
October, 2015 ??Rev. 1
NCP4200 ONSEMI-NCP4200_12 Datasheet
306Kb / 32P
   Programmable Multi-Phase Synchronous Buck Converter
July, 2012 ??Rev. 5
NCP4206 ONSEMI-NCP4206 Datasheet
312Kb / 32P
   Digital Programmable Multi-Phase Synchronous Buck Converter
September, 2013 ??Rev. 2
ADP4000 ONSEMI-ADP4000 Datasheet
454Kb / 37P
   Programmable Multi-Phase Synchronous Buck Converter with PMBus
June, 2008 -- Rev. P0
NCP4200 ONSEMI-NCP4200 Datasheet
313Kb / 32P
   Programmable Multi-Phase Synchronous Buck Converter with PMBus
September, 2009 ??Rev. 0
NCP4201MNR2G ONSEMI-NCP4201MNR2G Datasheet
313Kb / 32P
   Programmable Multi-Phase Synchronous Buck Converter with PMBus
September, 2009 ??Rev. 0
NCP4208 ONSEMI-NCP4208_13 Datasheet
303Kb / 30P
   Digital Programmable 8-Phase Synchronous Buck Converter
September, 2013 ??Rev. 5
ADP3207DJCPZ-RL ONSEMI-ADP3207DJCPZ-RL Datasheet
494Kb / 32P
   7-Bit Programmable, Multi-Phase Mobile, CPU Synchronous Buck
December, 2009 ??Rev. 0
NCP4208 ONSEMI-NCP4208 Datasheet
314Kb / 30P
   VR11.1 Programmable 8-Phase Synchronous Buck Converter with PMBus
August, 2009 ??Rev. 0
ADP3207C ONSEMI-ADP3207C Datasheet
531Kb / 32P
   7-Bit Programmable, Multi-Phase Mobile, CPU Synchronous Buck Controller
December, 2009 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com