Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADT7460 Datasheet(PDF) 5 Page - ON Semiconductor

Part # ADT7460
Description  dBCOOL Remote Thermal Monitor and Fan Controller
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7460 Datasheet(HTML) 5 Page - ON Semiconductor

  ADT7460 Datasheet HTML 1Page - ON Semiconductor ADT7460 Datasheet HTML 2Page - ON Semiconductor ADT7460 Datasheet HTML 3Page - ON Semiconductor ADT7460 Datasheet HTML 4Page - ON Semiconductor ADT7460 Datasheet HTML 5Page - ON Semiconductor ADT7460 Datasheet HTML 6Page - ON Semiconductor ADT7460 Datasheet HTML 7Page - ON Semiconductor ADT7460 Datasheet HTML 8Page - ON Semiconductor ADT7460 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 46 page
background image
ADT7460
http://onsemi.com
5
ELECTRICAL CHARACTERISTICS TA = TMIN to TMAX, VCC = VMIN to VMAX, unless otherwise noted.
Parameter (Note 1)
Unit
Max
Typ (Note 2)
Min
Test Conditions/Comments
DIGITAL INPUT LOGIC LEVELS (THERM)
Input High Voltage, VIH
1.7
V
Input Low Voltage, VIL
0.8
V
DIGITAL INPUT CURRENT
Input High Current, IIH
VIN = VCC
−1.0
mA
Input Low Current, IIL
VIN = 0
+1.0
mA
Input Capacitance, CIN
5.0
pF
SERIAL BUS TIMING (Note 4)
Clock Frequency, fSCLK
See Figure 2
400
kHz
Glitch Immunity, tSW
50
ns
Bus Free Time, tBUF
See Figure 2
1.3
ms
Start Setup Time, tSU;STA
See Figure 2
0.6
ms
Start Hold Time, tHD;STA
See Figure 2
0.6
ms
SCL Low Time, tLOW
See Figure 2
1.3
ms
SCL High Time, tHIGH
See Figure 2
0.6
ms
SCL, SDA Rise Time, tR
See Figure 2
300
ns
SCL, SDA Fall Time, tF
See Figure 2
300
ms
Data Setup Time, tSU;DAT
See Figure 2
100
ns
Detect Clock Low Timeout, tTIMEOUT
Can be optionally disabled
15
35
ms
1. All voltages are measured with respect to GND, unless otherwise specified. Logic inputs accept input high voltages up to VMAX even when
the device is operating below VMIN. Timing specifications are tested at logic levels of VIL = 0.8 V for a falling edge and at VIH = 2.0 V for a
rising edge.
2. Typicals are at TA = 25°C and represent the most likely parametric norm.
3. The delay is the time between the round robin finishing one set of measurements and starting the next.
4. Guaranteed by design; not production tested
Figure 2. Serial Bus Timing Diagram
SCL
SDA
PS
SP
tBUF
tHD; STA
tHD; DAT
tSU; DAT
tF
tR
tLOW
tSU; STA
tHIGH
tHD; STA
tSU; STO


Similar Part No. - ADT7460

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7460 AD-ADT7460 Datasheet
695Kb / 48P
   dB COOL Remote Thermal Controller and Fan Controller
REV. 0
logo
ON Semiconductor
ADT7460 ONSEMI-ADT7460 Datasheet
698Kb / 47P
   Remote Thermal Monitor and Fan Controller
September, 2013 ??Rev. 9
logo
Analog Devices
ADT7460ARQ AD-ADT7460ARQ Datasheet
695Kb / 48P
   dB COOL Remote Thermal Controller and Fan Controller
REV. 0
logo
ON Semiconductor
ADT7460ARQ-REEL ONSEMI-ADT7460ARQ-REEL Datasheet
698Kb / 47P
   Remote Thermal Monitor and Fan Controller
September, 2013 ??Rev. 9
ADT7460ARQZ-REEL ONSEMI-ADT7460ARQZ-REEL Datasheet
698Kb / 47P
   Remote Thermal Monitor and Fan Controller
September, 2013 ??Rev. 9
More results

Similar Description - ADT7460

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7467 AD-ADT7467 Datasheet
1Mb / 80P
   dBCool Remote Thermal Monitor and Fan Controller
REV. 0
logo
ON Semiconductor
ADT7475_1110 ONSEMI-ADT7475_1110 Datasheet
639Kb / 58P
   dbCOOL Remote Thermal Monitor and Fan Controller
October, 2011 ??Rev. 5
logo
Analog Devices
ADT7473 AD-ADT7473 Datasheet
1Mb / 76P
   dBCool Remote Thermal Monitor and Fan Controller
REV. A
logo
ON Semiconductor
ADT7475 ONSEMI-ADT7475 Datasheet
654Kb / 58P
   dBCOOL Remote Thermal Monitor and Fan Controller
June, 2009 ??Rev. 4
ADT7467 ONSEMI-ADT7467 Datasheet
938Kb / 77P
   dBCool Remote Thermal Monitor and Fan Controller
January 2008 ??Rev. 3
logo
Analog Devices
ADT7475 AD-ADT7475 Datasheet
1Mb / 68P
   dBCool Remote Thermal Monitor and Fan Controller
REV. A
logo
ON Semiconductor
ADT7473 ONSEMI-ADT7473 Datasheet
1Mb / 74P
   dBCOOL Remote Thermal Monitor and Fan Control
April, 2009 ??Rev. 6
ADT7473 ONSEMI-ADT7473_11 Datasheet
1Mb / 74P
   dbCOOL Remote Thermal Monitor and Fan Control
October, 2011 ??Rev. 7
logo
Analog Devices
ADT7490 AD-ADT7490_15 Datasheet
1Mb / 76P
   dBCool Remote Thermal Monitor and Fan Controller with PECI Interface
Rev. 0
ADT7490 AD-ADT7490 Datasheet
1Mb / 76P
   dBCool Remote Thermal Monitor and Fan Controller with PECI Interface
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com