Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADT7461 Datasheet(PDF) 5 Page - ON Semiconductor

Part # ADT7461
Description  짹1??Temperature Monitor with Series Resistance Cancellation
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7461 Datasheet(HTML) 5 Page - ON Semiconductor

  ADT7461 Datasheet HTML 1Page - ON Semiconductor ADT7461 Datasheet HTML 2Page - ON Semiconductor ADT7461 Datasheet HTML 3Page - ON Semiconductor ADT7461 Datasheet HTML 4Page - ON Semiconductor ADT7461 Datasheet HTML 5Page - ON Semiconductor ADT7461 Datasheet HTML 6Page - ON Semiconductor ADT7461 Datasheet HTML 7Page - ON Semiconductor ADT7461 Datasheet HTML 8Page - ON Semiconductor ADT7461 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
ADT7461
http://onsemi.com
5
TYPICAL CHARACTERISTICS
Figure 3. Temperature Error vs. Leakage Resistance
Figure 4. Temperature Error vs. Actual
Temperature Using 2N3906
Figure 5. Temperature Error vs. Differential Mode
Noise Frequency (With and Without R-C-R Filter
of 100 W–2.2 nF–100 W)
Figure 6. Temperature Error vs. Power Supply
Noise Frequency
Figure 7. Temperature Error vs. Capacitance
Between D+ and D−
Figure 8. Temperature Error vs. 100 mV
Differential Mode Noise Frequency (With and
Without R-C-R Filter of 100 W–2.2 nF–100 W)
4
0
100
200
300
FREQUENCY (MHz)
400
500
600
–2
–1
0
1
2
3
40mV NO FILTER
60mV NO FILTER
40mV WITH FILTER
60mV WITH FILTER
–3
–10
10
30
50
70
90
110
130
150
TEMPERATURE (°C)
–0.8
–0.7
–0.6
–0.5
–0.4
–0.3
–0.2
–0.1
0
60
0
20406080
LEAKAGE RESISTANCE (MΩ)
100
–80
–60
–40
–20
0
20
40
D+ TO GND
D+ TO VCC
20
020
FREQUENCY (MHz)
40
–15
–10
–5
0
5
10
15
250mV EXTERNAL
250mV INTERNAL
100mV EXTERNAL
100mV INTERNAL
0
0
5
10
15
20
CAPACITANCE (nF)
25
–70
–60
–50
–40
–30
–20
–10
180
160
140
120
100
0
100
200
300
FREQUENCY (MHz)
400
500
600
80
60
40
20
100mV NO FILTER
100mV WITH FILTER
−20
0


Similar Part No. - ADT7461

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7461 AD-ADT7461 Datasheet
854Kb / 24P
   짹1째C Temperature Monitor with Series Resistance Cancellation
REV. 0
logo
ON Semiconductor
ADT7461 ONSEMI-ADT7461 Datasheet
274Kb / 20P
   Temperature Monitor with Series Resistance Cancellation
March, 2014 ??Rev. 8
logo
Analog Devices
ADT7461A AD-ADT7461A Datasheet
554Kb / 24P
   짹1째C Temperature Monitor with Series Resistance Cancellation
REV. A
logo
ON Semiconductor
ADT7461A ONSEMI-ADT7461A Datasheet
282Kb / 19P
   짹1??Temperature Monitor with Series Resistance Cancellation
December, 2009 ??Rev. 6
ADT7461A ONSEMI-ADT7461A Datasheet
300Kb / 19P
   Temperature Monitor with Series Resistance Cancellation
April, 2013 ??Rev. 8
More results

Similar Description - ADT7461

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADT7461A ONSEMI-ADT7461A Datasheet
282Kb / 19P
   짹1??Temperature Monitor with Series Resistance Cancellation
December, 2009 ??Rev. 6
NCT1008 ONSEMI-NCT1008 Datasheet
287Kb / 20P
   짹1?C Temperature Monitor with Series Resistance Cancellation
August, 2010 ??Rev. 3
NCT72CMTR2G ONSEMI-NCT72CMTR2G Datasheet
331Kb / 20P
   Temperature Monitor with Series Resistance Cancellation
August, 2012 ??Rev. 4
NCT72 ONSEMI-NCT72_17 Datasheet
255Kb / 20P
   Temperature Monitor with Series Resistance Cancellation
June, 2017 ??Rev. 5
NCT214MT3R2G ONSEMI-NCT214MT3R2G Datasheet
322Kb / 19P
   Temperature Monitor with Series Resistance Cancellation
July, 2012 ??Rev. 1
ADT7461 ONSEMI-ADT7461_14 Datasheet
274Kb / 20P
   Temperature Monitor with Series Resistance Cancellation
March, 2014 ??Rev. 8
ADT7461A ONSEMI-ADT7461A_13 Datasheet
300Kb / 19P
   Temperature Monitor with Series Resistance Cancellation
April, 2013 ??Rev. 8
logo
Analog Devices
ADT7461 AD-ADT7461 Datasheet
854Kb / 24P
   짹1째C Temperature Monitor with Series Resistance Cancellation
REV. 0
ADT7461A AD-ADT7461A Datasheet
554Kb / 24P
   짹1째C Temperature Monitor with Series Resistance Cancellation
REV. A
logo
ON Semiconductor
NCT72 ONSEMI-NCT72 Datasheet
328Kb / 21P
   1C Temperature Monitor with Series Resistance Cancellation
August, 2012 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com