Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADT7462ACPZ-REEL Datasheet(PDF) 11 Page - ON Semiconductor

Part # ADT7462ACPZ-REEL
Description  Flexible Temperature, Voltage Monitor, and System Fan Controller
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7462ACPZ-REEL Datasheet(HTML) 11 Page - ON Semiconductor

Back Button ADT7462ACPZ-REEL Datasheet HTML 7Page - ON Semiconductor ADT7462ACPZ-REEL Datasheet HTML 8Page - ON Semiconductor ADT7462ACPZ-REEL Datasheet HTML 9Page - ON Semiconductor ADT7462ACPZ-REEL Datasheet HTML 10Page - ON Semiconductor ADT7462ACPZ-REEL Datasheet HTML 11Page - ON Semiconductor ADT7462ACPZ-REEL Datasheet HTML 12Page - ON Semiconductor ADT7462ACPZ-REEL Datasheet HTML 13Page - ON Semiconductor ADT7462ACPZ-REEL Datasheet HTML 14Page - ON Semiconductor ADT7462ACPZ-REEL Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 81 page
background image
ADT7462
http://onsemi.com
11
Configuration Option 2
Configuration Option 2 is used for thermal monitoring
and fan control for Processor 1 and Processor 2 in a dual
processor system. It can also monitor one set of VIDs, if
required. Features of Configuration Option 2 include the
following:
One local and three remote thermal channels
Up to four PWM drives and up to eight TACH inputs
(VID pins and TACHs/PWMs are muxed together)
Two THERM I/Os
Two VRD inputs
RESET I/O
Two VCCP voltage monitoring channels
Figure 20 shows the pin configuration when Configuration
Option 2 is chosen.
Figure 20. Configuration Option 2
PIN 1
INDICATOR
1
TACH1
2
TACH2
3
TACH3
4
TACH4
5
VCC
6
GND
7
TACH5
8
TACH6
24
VCCP2
23
VCCP1
22
TACH8
21
TACH7
20
D3–
19
D3+
18
D2–
17
D2+
ADT7462
TOP VIEW
(Not to Scale)
Table 3. Configuration Option 2
Pin
Function
Configuration Register
Bit Value
1
TACH1
Pin Configuration Reg 1
Bit 4 = 1
2
TACH2
Pin Configuration Reg 1
Bit 3 = 1
3
TACH3
Pin Configuration Reg 1
Bit 2 = 1
4
TACH4
Pin Configuration Reg 1
Bit 1 = 1
7
TACH5
Pin Configuration Reg 1
Bit 0 = 1
8
TACH6
Pin Configuration Reg 2
Bit 7 = 1
13
PWM4
Pin Configuration Reg 2
Bit 6 = 1
15
D1+
Pin Configuration Reg 1
Bit 6 = 1
16
D1−
Pin Configuration Reg 1
Bit 6 = 1
19
D3+
Pin Configuration Reg 1
Bit 5 = 1
20
D3−
Pin Configuration Reg 1
Bit 5 = 1
21
TACH7
Pin Configuration Reg 2
Bit 3 = 1
22
TACH8
Pin Configuration Reg 2
Bit 2 = 1
23
VCCP1
Pin Configuration Reg 2
Bits [1:0] = 00
24
VCCP2
Pin Configuration Reg 3
Bits [7:6] = 00
25
VR_HOT1
Pin Configuration Reg 3
Bits [5:4] = 1×
26
VR_HOT2
Pin Configuration Reg 3
Bits [3:2] = 1×
27
FAN2MAX
Pin Configuration Reg 3
Bit 1 = 0
28
THERM1
Pin Configuration Reg 4
Bits [7:6] = 1×
29
THERM2
Pin Configuration Reg 4
Bits [5:4] = 1×
31
PWM1
Pin Configuration Reg 4
Bit 3 = 1
32
PWM2
Pin Configuration Reg 4
Bit 2 = 1
†If VIDs are selected, these pins are configured as VIDs. To
enable VIDs, set Bit 7 of Pin Configuration Register 1 (0x10) = 1.


Similar Part No. - ADT7462ACPZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7462ACPZ-REEL AD-ADT7462ACPZ-REEL Datasheet
1Mb / 92P
   Flexible Temperature and Voltage Monitor and System Fan Controller
REV. 0
logo
ON Semiconductor
ADT7462ACPZ-REEL ONSEMI-ADT7462ACPZ-REEL Datasheet
630Kb / 82P
   Flexible Temperature, Voltage Monitor System Fan Controller
January, 2016 ??Rev. 5
logo
Analog Devices
ADT7462ACPZ-REEL7 AD-ADT7462ACPZ-REEL7 Datasheet
1Mb / 92P
   Flexible Temperature and Voltage Monitor and System Fan Controller
REV. 0
More results

Similar Description - ADT7462ACPZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7462 AD-ADT7462 Datasheet
1Mb / 92P
   Flexible Temperature and Voltage Monitor and System Fan Controller
REV. 0
logo
ON Semiconductor
ADT7462 ONSEMI-ADT7462_16 Datasheet
630Kb / 82P
   Flexible Temperature, Voltage Monitor System Fan Controller
January, 2016 ??Rev. 5
logo
Analog Devices
ADM1030 AD-ADM1030 Datasheet
278Kb / 28P
   Intelligent Temperature Monitor and PWM Fan Controller
REV. 0
logo
ON Semiconductor
ADM1030 ONSEMI-ADM1030 Datasheet
602Kb / 29P
   Intelligent Temperature Monitor and PWM Fan Controller
February 2008 - Rev. 2
logo
Texas Instruments
AMC6821SDBQG4 TI-AMC6821SDBQG4 Datasheet
1Mb / 56P
[Old version datasheet]   Intelligent Temperature Monitor and PWM Fan Controller
AMC6821 TI-AMC6821 Datasheet
1,023Kb / 54P
[Old version datasheet]   Intelligent Temperature Monitor and PWM Fan Controller
AMC6821-Q1 TI1-AMC6821-Q1 Datasheet
1Mb / 54P
[Old version datasheet]   INTELLIGENT TEMPERATURE MONITOR AND PWM FAN CONTROLLER
logo
ON Semiconductor
ADM1031 ONSEMI-ADM1031 Datasheet
305Kb / 30P
   Intelligent Temperature Monitor and Dual PWM Fan Controller
May, 2010 ??Rev. 4
logo
Analog Devices
ADM1031 AD-ADM1031 Datasheet
289Kb / 32P
   Intelligent Temperature Monitor and Dual PWM Fan Controller
REV. 0
logo
Texas Instruments
LMP92001 TI1-LMP92001 Datasheet
1Mb / 35P
[Old version datasheet]   Analog System Monitor and Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com