Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADT7467ARQZ-REEL Datasheet(PDF) 10 Page - ON Semiconductor

Part # ADT7467ARQZ-REEL
Description  dBCool Remote Thermal Monitor and Fan Controller
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7467ARQZ-REEL Datasheet(HTML) 10 Page - ON Semiconductor

Back Button ADT7467ARQZ-REEL Datasheet HTML 6Page - ON Semiconductor ADT7467ARQZ-REEL Datasheet HTML 7Page - ON Semiconductor ADT7467ARQZ-REEL Datasheet HTML 8Page - ON Semiconductor ADT7467ARQZ-REEL Datasheet HTML 9Page - ON Semiconductor ADT7467ARQZ-REEL Datasheet HTML 10Page - ON Semiconductor ADT7467ARQZ-REEL Datasheet HTML 11Page - ON Semiconductor ADT7467ARQZ-REEL Datasheet HTML 12Page - ON Semiconductor ADT7467ARQZ-REEL Datasheet HTML 13Page - ON Semiconductor ADT7467ARQZ-REEL Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 77 page
background image
ADT7467
Rev. 3 | Page 10 of 77 | www.onsemi.com
Configuration Register 5
Bit 0: If Bit 0 is set to 1, the ADT7467, in terms of temperature,
is backward compatible with the ADT7460. Measurements,
including TMIN calibration circuit and fan control, work in the
range −127°C to +127°C. In addition, care should be taken in
reprogramming the temperature limits (TMIN, operating point,
THERM) to their desired twos complement value, because the
power-on default for them is at Offset 64. The extended
temperature range is −64°C to 191°C. The default is 1, which is
in the −64°C to +191°C temperature range.
Bit 1 = 0 is the high frequency (22.5 kHz) fan drive signal.
Bit 1 = 1 switches the fan drive to low frequency PWM,
programmable between 10 Hz and 100 Hz, the same as the
ADT7460. The default is 0, or HF PWM.
Bit 2 sets the direction for the GPIO: 0 = input, 1 = output.
Bit 3 sets the GPIO polarity: 0 = active low, 1 = active high.
Setting the Functionality of Pin 9
Pin 9 on the ADT7467 has four possible functions: SMBALERT,
THERM, GPIO, and TACH4. The user chooses the required
functionality by setting Bit 0 and Bit 1 of Configuration Register 4
at Address 0x7D.
Table 4. Pin 9 Settings
Bit 1
Bit 0
Function
0
0
TACH4
0
1
THERM
1
0
SMBALERT
1
1
GPIO
RECOMMENDED IMPLEMENTATION
Configuring the ADT7467 as in Figure 15 allows the system
designer to use the following features:
Two PWM outputs for fan control of up to three fans (the
front and rear chassis fans are connected in parallel).
Three TACH fan speed measurement inputs.
VCC measured internally through Pin 3.
CPU temperature measured using the Remote 1
temperature channel.
Ambient temperature measured through the Remote 2
temperature channel.
Bidirectional THERM pin. This feature allows Intel
Pentium 4 PROCHOT monitoring and can function as an
overtemperature THERM output. Alternatively, it can be
programmed as an SMBALERT system interrupt output.
CPU FAN
CPU
ICH
TACH2
PWM3
TACH3
D1+
D1–
GND
ADT7467
SCL
SDA
D2+
D2–
TACH1
PWM1
AMBIENT
TEMPERATURE
SMBALERT
THERM
PROCHOT
FRONT
CHASSIS
FAN
REAR
CHASSIS
FAN
Figure 15. ADT7467 Configuration


Similar Part No. - ADT7467ARQZ-REEL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADT7467ARQZ-FEEL ONSEMI-ADT7467ARQZ-FEEL Datasheet
754Kb / 72P
   Remote Thermal Monitor and Fan Controller
May, 2012 ??Rev. 4
More results

Similar Description - ADT7467ARQZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7467 AD-ADT7467 Datasheet
1Mb / 80P
   dBCool Remote Thermal Monitor and Fan Controller
REV. 0
logo
ON Semiconductor
ADT7475_1110 ONSEMI-ADT7475_1110 Datasheet
639Kb / 58P
   dbCOOL Remote Thermal Monitor and Fan Controller
October, 2011 ??Rev. 5
logo
Analog Devices
ADT7473 AD-ADT7473 Datasheet
1Mb / 76P
   dBCool Remote Thermal Monitor and Fan Controller
REV. A
logo
ON Semiconductor
ADT7460 ONSEMI-ADT7460 Datasheet
645Kb / 46P
   dBCOOL Remote Thermal Monitor and Fan Controller
June, 2010 ??Rev. 5
ADT7475 ONSEMI-ADT7475 Datasheet
654Kb / 58P
   dBCOOL Remote Thermal Monitor and Fan Controller
June, 2009 ??Rev. 4
logo
Analog Devices
ADT7475 AD-ADT7475 Datasheet
1Mb / 68P
   dBCool Remote Thermal Monitor and Fan Controller
REV. A
logo
ON Semiconductor
ADT7473 ONSEMI-ADT7473 Datasheet
1Mb / 74P
   dBCOOL Remote Thermal Monitor and Fan Control
April, 2009 ??Rev. 6
ADT7473 ONSEMI-ADT7473_11 Datasheet
1Mb / 74P
   dbCOOL Remote Thermal Monitor and Fan Control
October, 2011 ??Rev. 7
logo
Analog Devices
ADT7490 AD-ADT7490_15 Datasheet
1Mb / 76P
   dBCool Remote Thermal Monitor and Fan Controller with PECI Interface
Rev. 0
ADT7490 AD-ADT7490 Datasheet
1Mb / 76P
   dBCool Remote Thermal Monitor and Fan Controller with PECI Interface
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com