Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

901X Datasheet(PDF) 1 Page - Tyco Electronics

Part # 901X
Description  WILMAR??Protective Relays - 900 Series
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

901X Datasheet(HTML) 1 Page - Tyco Electronics

  901X Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Function:
31
Tyco Electronics / www.tycoelectronics.com / Factory Direct Technical Support: 800-253-4560, ext. 2023 (U.S., Canada, Mexico) or 805-220-2020, ext. 2023 (International)
Phase sequence relays are designed to monitor
the correct phase rotation of a three phase
system. Several models are avilable from 50 Hz,
60 Hz, and 400 Hz with voltages up to 575 volts.
High shock relay output and reverse contacts are
also available.
Operation:
The relay remains de-energized when voltage in
the proper phase sequence (A, B, C) is applied,
the relay is energized when voltage with incorrect
sequence (A, C, B) is applied.
Phase Sequence Relays
PRODUCT SPECIFICATIONS
Sample Part No.
901X
Type:
900-3X = 120 VAC, 60 Hz, 3 phase,L-L
910X = 190-520 VAC, 60 Hz, 3 Phase, L-L
900-2X = 208-230, 50/60 Hz, 3 Phase
900X = 230 VAC, 60 Hz, 3 phase, L-L
901X = 460 VAC, 60 Hz, 3 phase,L-L
Mounting:
X = Flange
Blank - Stud
Consult factory for additional models and options
PART NUMBER SELECTION
PART NUMBER SELECTION
Part Number
Input Voltage ....................................
Output Contacts
Contact Ratings ................................
900 Series
See Part Number Selection
SPDT
5 amp resitive at 120 Vac or 28 Vdc
47
6 - 32 x 3/8 studs
4 places
2 3/4
3 5/32
2
1 /8
2
11 /16
WILMAR™ Protective Relays – 900 Series
Note: Dimensions in inches. Multiply values by 25.4 for dimensions in mm.


Similar Part No. - 901X

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
901 E-SWITCH-901 Datasheet
122Kb / 1P
   TACT SWITCHES SMT
logo
List of Unclassifed Man...
901 ETC2-901 Datasheet
202Kb / 1P
   NYLON TUBE SPACERS
901 ETC2-901 Datasheet
202Kb / 1P
   NYLON TUBE SPACERS
logo
Alpha Wire
901 ALPHAWIRE-901 Datasheet
160Kb / 3P
   M12?륚 Die Cast Passive I/O Box
logo
Glenair, Inc.
901-017NF25-1P1 GLENAIR-901-017NF25-1P1 Datasheet
231Kb / 1P
   Connector Assembly, Plug and Adapter
More results

Similar Description - 901X

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
WCD MACOM-WCD Datasheet
58Kb / 1P
   WILMAR Protective Relays
1001 MACOM-1001 Datasheet
50Kb / 1P
   WILMAR??Protective Relays - 1000 Series
1800 MACOM-1800 Datasheet
79Kb / 2P
   WILMAR??Protective Relays - 1800 Series
710X MACOM-710X Datasheet
83Kb / 1P
   WILMAR??Protective Relays - 700 Series
25-000 MACOM-25-000 Datasheet
63Kb / 1P
   WILMAR??Protective Relays - 25-000 Series
WC1G-120AC MACOM-WC1G-120AC Datasheet
84Kb / 1P
   WILMAR??Protective Relays ??WC1G Series - Grounded
20-000 MACOM-20-000 Datasheet
60Kb / 1P
   WILMAR??Protective Relays- 20-000 Series
250X MACOM-250X Datasheet
72Kb / 1P
   WILMAR??Protective Relays - 250 Series, Over/Undervoltage
D100X MACOM-D100X Datasheet
58Kb / 1P
   WILMAR??Protective Relays-D100X Series, Close Differential
WCT1-48DC-5-B MACOM-WCT1-48DC-5-B Datasheet
123Kb / 2P
   WILMAR??Protective Relays ??WC1 & WCT1 Series, Overcurrent
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com