Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D16OAS130RED Datasheet(PDF) 2 Page - E-SWITCH

Part # D16OAS130RED
Description  PUSHBUTTON SWITCHES - ILLUMINATED
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

D16OAS130RED Datasheet(HTML) 2 Page - E-SWITCH

  D16OAS130RED Datasheet HTML 1Page - E-SWITCH D16OAS130RED Datasheet HTML 2Page - E-SWITCH D16OAS130RED Datasheet HTML 3Page - E-SWITCH D16OAS130RED Datasheet HTML 4Page - E-SWITCH D16OAS130RED Datasheet HTML 5Page - E-SWITCH D16OAS130RED Datasheet HTML 6Page - E-SWITCH D16OAS130RED Datasheet HTML 7Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.e-switch.com
info@e-switch.com
91
T1
R
R1
S1
PANEL MOUNTING
PANEL MOUNTING
PANEL MOUNTING
PANEL MOUNTING
MUSHROOM
ROUND
SQUARE
RECTANGULAR
D16 (SOLDER LUG)
BOTTOM VIEW
SCHEMATIC
MOUNTING LENGTH
D16 (SOLDER LUG)
D16 (SOLDER LUG)
D16 (SOLDER LUG)
Mounting
Length (A)
SPDT
29.0 mm
DPDT
36.5 mm
3PDT
44.0 mm
4PDT
51.5 mm
PUSHBUTTON SWITCHES - ILLUMINATED
SERIES D16 SWITCHES


Similar Part No. - D16OAS130RED

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
D16-4148 MICROSEMI-D16-4148 Datasheet
67Kb / 1P
   Switching Diode Array
D16-4150 MICROSEMI-D16-4150 Datasheet
67Kb / 1P
   Switching Diode Array
logo
List of Unclassifed Man...
D16-LAR1-1AB ETC2-D16-LAR1-1AB Datasheet
166Kb / 4P
   Push Button Switches
D16-LAR1-2AB ETC2-D16-LAR1-2AB Datasheet
166Kb / 4P
   Push Button Switches
D16-LAS1-1AB ETC2-D16-LAS1-1AB Datasheet
166Kb / 4P
   Push Button Switches
More results

Similar Description - D16OAS130RED

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
13AL COPAL-13AL Datasheet
441Kb / 2P
   Illuminated Pushbutton Switches
13BL COPAL-13BL Datasheet
477Kb / 2P
   Illuminated Pushbutton Switches
logo
List of Unclassifed Man...
TP1251 ETC2-TP1251 Datasheet
279Kb / 2P
   ILLUMINATED PUSHBUTTON SWITCHES
logo
Copal Electronics
LP-SERIES COPAL-LP-SERIES Datasheet
774Kb / 14P
   Illuminated Pushbutton Switches
15EL COPAL-15EL Datasheet
274Kb / 2P
   Illuminated Pushbutton Switches
CFPB COPAL-CFPB Datasheet
479Kb / 3P
   Illuminated Pushbutton Switches
15GL COPAL-15GL Datasheet
488Kb / 2P
   Illuminated Pushbutton Switches
logo
E-SWITCH
LP2 E-SWITCH-LP2 Datasheet
190Kb / 3P
   PUSHBUTTON SWITCHES - ILLUMINATED
LP15 E-SWITCH-LP15 Datasheet
174Kb / 2P
   PUSHBUTTON SWITCHES - ILLUMINATED
logo
Copal Electronics
LP_SERIES COPAL-LP_SERIES Datasheet
774Kb / 14P
   Illuminated Pushbutton Switches
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com