Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADT7483AARQZ-R7 Datasheet(PDF) 5 Page - ON Semiconductor

Part # ADT7483AARQZ-R7
Description  Dual Channel Temperature Sensor and Over Temperature Alarm
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7483AARQZ-R7 Datasheet(HTML) 5 Page - ON Semiconductor

  ADT7483AARQZ-R7 Datasheet HTML 1Page - ON Semiconductor ADT7483AARQZ-R7 Datasheet HTML 2Page - ON Semiconductor ADT7483AARQZ-R7 Datasheet HTML 3Page - ON Semiconductor ADT7483AARQZ-R7 Datasheet HTML 4Page - ON Semiconductor ADT7483AARQZ-R7 Datasheet HTML 5Page - ON Semiconductor ADT7483AARQZ-R7 Datasheet HTML 6Page - ON Semiconductor ADT7483AARQZ-R7 Datasheet HTML 7Page - ON Semiconductor ADT7483AARQZ-R7 Datasheet HTML 8Page - ON Semiconductor ADT7483AARQZ-R7 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
ADT7483A
Rev. 1 | Page 5 of 24 | www.onsemi.com
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
Positive Supply Voltage (VDD) to GND
−0.3 V, +3.6 V
D+
−0.3 V to VDD + 0.3 V
D− to GND
−0.3 V to +0.6 V
SCLK, SDATA, ALERT, THERM
−0.3 V to +3.6 V
Input Current, SDATA, THERM
−1 mA, +50 mA
Input Current, D−
±1 mA
ESD Rating, All Pins (Human Body Model)
1,500 V
Maximum Junction Temperature (TJ MAX)
150°C
Storage Temperature Range
−65°C to +150°C
IR Reflow Peak Temperature
220°C
IR Reflow Peak Temperature Pb-Free
260°C
Lead Temperature (Soldering 10 sec)
300°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL CHARACTERISTICS
16-lead QSOP package:
θJA = 150°C/W
θJC = 38.8°C/W
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.


Similar Part No. - ADT7483AARQZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7483AARQZ-REEL AD-ADT7483AARQZ-REEL Datasheet
499Kb / 24P
   Dual Channel Temperature Sensor and Over Temperature Alarm
REV. 0
ADT7483AARQZ-REEL7 AD-ADT7483AARQZ-REEL7 Datasheet
499Kb / 24P
   Dual Channel Temperature Sensor and Over Temperature Alarm
REV. 0
logo
ON Semiconductor
ADT7483AARQZ-RL ONSEMI-ADT7483AARQZ-RL Datasheet
285Kb / 20P
   Dual Channel Temperature Sensor and Over Temperature Alarm
July, 2012 - Rev. 2
More results

Similar Description - ADT7483AARQZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7481 AD-ADT7481 Datasheet
498Kb / 24P
   Dual Channel Temperature Sensor and Over Temperature Alarm
REV. 0
ADT7483A AD-ADT7483A Datasheet
499Kb / 24P
   Dual Channel Temperature Sensor and Over Temperature Alarm
REV. 0
logo
ON Semiconductor
ADT7483A ONSEMI-ADT7483A_12 Datasheet
285Kb / 20P
   Dual Channel Temperature Sensor and Over Temperature Alarm
July, 2012 - Rev. 2
logo
Analog Devices
ADT7482 AD-ADT7482 Datasheet
543Kb / 24P
   Dual Channel Temperature Sensor and Overtemperature Alarm
REV. 0
logo
ON Semiconductor
ADT7481 ONSEMI-ADT7481 Datasheet
264Kb / 20P
   Dual Channel Temperature Sensor and Overtemperature Alarm
June, 2010 ??Rev. 5
ADT7482 ONSEMI-ADT7482 Datasheet
262Kb / 20P
   Dual Channel Temperature Sensor and Overtemperature Alarm
December, 2009 ??Rev. 3
ADT7481 ONSEMI-ADT7481_14 Datasheet
198Kb / 20P
   Dual Channel Temperature Sensor and Overtemperature Alarm
September, 2014 ??Rev. 8
logo
AVX Corporation
ND03 AVX-ND03 Datasheet
224Kb / 10P
   Alarm and temperature measurement application
logo
Maxim Integrated Produc...
MAX1619 MAXIM-MAX1619 Datasheet
304Kb / 20P
   Remote/Local Temperature Sensor with Dual- Alarm Outputs and SMBus Serial Interface
19-1483; Rev 0; 4/99
logo
Linear Technology
LTC2995 LINER-LTC2995 Datasheet
229Kb / 20P
   Temperature Sensor and Dual Voltage Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com