Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKP339X2 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # MKP339X2
Description  Interference Suppression Film Capacitors MKP Radial Potted Type
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP339X2 Datasheet(HTML) 3 Page - Vishay Siliconix

  MKP339X2_09 Datasheet HTML 1Page - Vishay Siliconix MKP339X2_09 Datasheet HTML 2Page - Vishay Siliconix MKP339X2_09 Datasheet HTML 3Page - Vishay Siliconix MKP339X2_09 Datasheet HTML 4Page - Vishay Siliconix MKP339X2_09 Datasheet HTML 5Page - Vishay Siliconix MKP339X2_09 Datasheet HTML 6Page - Vishay Siliconix MKP339X2_09 Datasheet HTML 7Page - Vishay Siliconix MKP339X2_09 Datasheet HTML 8Page - Vishay Siliconix MKP339X2_09 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
MKP 339 X2
Vishay BCcomponents
Interference Suppression Film Capacitors
MKP Radial Potted Type
www.vishay.com
For technical questions, contact: RFI@vishay.com
Document Number: 28138
306
Revision: 31-Aug-09
SPECIFIC REFERENCE DATA
Pitch: 7.5 mm; C-tol. = 20 %
Notes
(1) H = In-tape height; P0 = Sprocket hole distance; for detailed specifications refer to packaging information
(2) Weight for short lead product only
• SPQ = Standard Packing Quantity
DESCRIPTION
VALUE
Rated AC voltage (URac)
310 V
Permissible DC voltage (URdc)
630 V
Tangent of loss angle:
at 1 kHz
at 10 kHz
C
< 470 nF
≤ 10 x 10-4
≤ 20 x 10-4
470 nF
≤ C ≤ 1µF
≤ 20 x 10-4
≤ 70 x 10-4
C>1µF
≤ 30 x 10-4
-
Rated voltage pulse slope (dU/dt)R at 435 Vdc
Pitch = 7.5 mm
600 V/µs
Pitch = 10 mm
600 V/µs
Pitch = 15 mm and 7.5 mm (bent back)
400 V/µs
Pitch = 22.5 mm
150 V/µs
Pitch = 27.5 mm
100 V/µs
R between leads, for C
≤ 0.33 µF at 100 V; 1 min
> 15 000 M
Ω
RC between leads, for C > 0.33 µF at 100 V; 1 min
> 5000 s
R between leads and case; 100 V; 1 min
> 30 000 M
Ω
Withstanding (DC) voltage (cut off current 10 mA); rise time 100 V/s:
C
≤ 1 µF
2200 V; 1 min
C>1 µF
1800 V; 1 min
Withstanding (AC) voltage between leads and case
2120 V; 1 min
Max. application temperature for 0.001 µF
≤ C ≤ 0.47 µF
110 °C (125 °C for less than 1000 h)
Max. application temperature for C
> 0.47 µF
110 °C
C
(µF)
DIMENSIONS
w x h x l
(mm)
MASS
(g) (2)
CATALOG NUMBER BFC2 339 XXXXX AND PACKAGING
LOOSE IN BOX
AMMOPACK (1)
Short leads
Long leads
H = 18.5 mm
P0 = 12.7 mm
It = 3.5 mm
+ 1 mm/- 0.5 mm
It = 5.0 mm
± 1.0 mm
SPQ
It = 25.0 mm
± 2.0 mm
SPQ
SPQ
Pitch = 7.5 mm ± 0.4 mm; dt = 0.50 mm ± 0.05 mm
0.001
20102
22102
24102
28102
0.0015
20152
22152
24152
28152
0.0022
20222
22222
24222
28222
0.0033
20332
22332
24332
28332
0.0047
20472
22472
24472
28472
0.0068
4.0 x 9.0 x 10.0
0.4
20682
22682
1500
24682
1000
28682
1250
0.01
20103
22103
24103
28103
0.015
20153
22153
24153
28153
0.022
20223
22223
24223
28223
0.033
20333
22333
24333
28333
0.047
5.0 x 10.5 x 10.0
0.4
20473
22473
1000
24473
1250
28473
1000
0.068
6.0 x 11.5 x 10.0
0.8
20683
22683
750
24683
1000
28683
750


Similar Part No. - MKP339X2_09

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP339X2 VISHAY-MKP339X2_08 Datasheet
240Kb / 21P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 06-Oct-08
More results

Similar Description - MKP339X2_09

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP339X2 VISHAY-MKP339X2 Datasheet
191Kb / 18P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 13-May-13
BFC233610224 VISHAY-BFC233610224 Datasheet
148Kb / 11P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 06-Aug-12
MKP3384X2 VISHAY-MKP3384X2 Datasheet
464Kb / 8P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 01-Aug-07
BFC233620223 VISHAY-BFC233620223 Datasheet
221Kb / 17P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 08-Oct-08
BFC233820224 VISHAY-BFC233820224 Datasheet
225Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 16-Jul-09
MKP3382X2 VISHAY-MKP3382X2 Datasheet
293Kb / 8P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 21-Nov-05
MKP3381X1 VISHAY-MKP3381X1 Datasheet
132Kb / 5P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 07-Oct-03
BFC233922105 VISHAY-BFC233922105 Datasheet
194Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 13-May-13
BFC233620104 VISHAY-BFC233620104 Datasheet
185Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 18-Dec-12
F17102101000 VISHAY-F17102101000 Datasheet
136Kb / 11P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 12-Jun-13
BFC233820683 VISHAY-BFC233820683 Datasheet
225Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 04-Jul-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com