Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADT7488A Datasheet(PDF) 9 Page - ON Semiconductor

Part # ADT7488A
Description  SST Digital Temperature Sensor and Voltage Monitor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7488A Datasheet(HTML) 9 Page - ON Semiconductor

Back Button ADT7488A Datasheet HTML 4Page - ON Semiconductor ADT7488A Datasheet HTML 5Page - ON Semiconductor ADT7488A Datasheet HTML 6Page - ON Semiconductor ADT7488A Datasheet HTML 7Page - ON Semiconductor ADT7488A Datasheet HTML 8Page - ON Semiconductor ADT7488A Datasheet HTML 9Page - ON Semiconductor ADT7488A Datasheet HTML 10Page - ON Semiconductor ADT7488A Datasheet HTML 11Page - ON Semiconductor ADT7488A Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
ADT7488A
http://onsemi.com
9
voltage and therefore has adequate headroom to cope with
overvoltage. The full−scale voltage that can be recorded for
each channel is shown in Table 6.
Table 6. Maximum Reported Input Voltages
Voltage Channel
Full−Scale Voltage
VCC
4.0 V
2.5 V
4.0 V
VCCP
4.0 V
Input Circuitry
The internal structure for the analog inputs is shown in
Figure 14. The input circuit consists of an input protection
diode and an attenuator, plus a capacitor that forms a
first−order, low−pass filter to provide input immunity to
high frequency noise.
Figure 14. Internal Structure of Analog Inputs
35pF
30pF
30pF
MUX
68kΩ
71kΩ
3.3VIN
2.5VIN
VCCP
45kΩ
94kΩ
17.5kΩ
52.5kΩ
Voltage Measurement Command Codes
The voltage measurement command codes are detailed in
Table 7. Each voltage measurement has a read length of two
bytes in little endian format (LSB followed by MSB). All
voltages can be read together by addressing Command Code
0x12 with a read length of 0x06. The data is retrieved in the
order listed in Table 7.
Table 7. Voltage Measurement Command Code
Voltage Channel
Command Code
Returned Data
VCC
0x12
LSB, MSB
2.5 V
0x13
LSB, MSB
VCCP
0x14
LSB, MSB
Voltage Data Format
The returned voltage value is in twos complement, 16−bit,
binary format. The format is structured so that voltages in
the range of
±32 V can be reported. In this way, the reported
value represents the number of 1/1024 V in the actual
reading, allowing a resolution of approximately 1 mV.
Table 8. Analog−to−Digital Output vs. VIN
Voltage
Twos Complement
LSB
MSB
3.3
0000 1101
0011 0011
3.0
0000 1100
0000 0000
2.5
0000 1010
0000 0000
1.0
0000 0100
0000 0000
0
0000 0000
0000 0000
Temperature Measurement
The ADT7488A has three dedicated temperature
measurement channels: one for measuring the temperature
of an on−chip band gap temperature sensor, and two for
measuring the temperature of a remote diode, usually
located in the CPU or GPU.
The ADT7488A monitors one local and two remote
temperature channels. Monitoring of each of the channels is
done in a round−robin sequence. The monitoring sequence
is in the order shown in Table 9.
Table 9. Temperature Monitoring Sequence
Channel
Number
Measurement
Conversion
Time (ms)
0
Local temperature
12
1
Remote 1 temperature
38
2
Remote 2 temperature
38
Temperature Measurement Method
A simple method for measuring temperature is to exploit
the negative temperature coefficient of a diode by measuring
the base−emitter voltage (VBE) of a transistor operated at
constant current. Unfortunately, this technique requires
calibration to null the effect of the absolute value of VBE,
which varies from device to device.
The technique used in the ADT7488A measures the
change in VBE when the device is operated at three different
currents.
Figure 15 shows the input signal conditioning used to
measure the output of a remote temperature sensor. This
figure shows the remote sensor as a substrate transistor, which
is provided for temperature monitoring on some
microprocessors, but it could also be a discrete transistor. If
a discrete transistor is used, the collector is not grounded and
should be linked to the base. To prevent ground noise from
interfering with the measurement, the more negative terminal
of the sensor is not referenced to ground, but is biased above
ground by an internal diode at the D1− input. If the sensor is
operating in an extremely noisy environment, C1 can be
added as a noise filter. Its value should not exceed 1000 pF.
To measure
DVBE, the operating current through the
sensor is switched between three related currents. Figure 15
shows N1 x I and N2 x I as different multiples of the
current I. The currents through the temperature diode are
switched between I and N1 x I, giving
DVBE1, and then
between I and N2 x I, giving
DVBE2. The temperature can
then be calculated using the two
DVBE measurements. This
method can also cancel the effect of series resistance on the
temperature measurement. The resulting
DVBE waveforms
are passed through a 65 kHz low−pass filter to remove noise
and then through a chopper−stabilized amplifier to amplify
and rectify the waveform, producing a dc voltage
proportional to
DVBE. The ADC digitizes this voltage, and
a temperature measurement is produced. To reduce the
effects of noise, digital filtering is performed by averaging
the results of 16 measurement cycles for low conversion


Similar Part No. - ADT7488A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7488A AD-ADT7488A Datasheet
470Kb / 16P
   SST Digital Temperature Sensor and Voltage Monitor
REV. 0
ADT7488AARMZ-REEL AD-ADT7488AARMZ-REEL Datasheet
470Kb / 16P
   SST Digital Temperature Sensor and Voltage Monitor
REV. 0
ADT7488AARMZ-REEL7 AD-ADT7488AARMZ-REEL7 Datasheet
470Kb / 16P
   SST Digital Temperature Sensor and Voltage Monitor
REV. 0
More results

Similar Description - ADT7488A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7485A AD-ADT7485A Datasheet
404Kb / 16P
   SST Digital Temperature Sensor and Voltage Monitor
REV. 0
ADT7488A AD-ADT7488A Datasheet
470Kb / 16P
   SST Digital Temperature Sensor and Voltage Monitor
REV. 0
logo
ON Semiconductor
ADT7484A ONSEMI-ADT7484A Datasheet
360Kb / 14P
   Digital Temperature Sensor with SST Interface
December, 2009 ??Rev. 4
logo
Analog Devices
ADT7484A AD-ADT7484A Datasheet
413Kb / 16P
   Digital Temperature Sensor with SST Interface
REV. 0
logo
List of Unclassifed Man...
ASC7531A ETC2-ASC7531A Datasheet
308Kb / 18P
   LOW-VOLTAGE 1-WIRE DIGITAL TEMPERATURE SENSOR AND VOLTAGE MONITOR
logo
Linear Technology
LTC2995 LINER-LTC2995 Datasheet
229Kb / 20P
   Temperature Sensor and Dual Voltage Monitor
logo
SMSC Corporation
EMC1152 SMSC-EMC1152 Datasheet
322Kb / 3P
   SST Compliant Hardware Monitor with Two Temperature Channels and Five Voltage Channels
EMC1133 SMSC-EMC1133 Datasheet
211Kb / 3P
   SST Compliant Hardware Monitor with Three Temperature Channels and Three Voltage Channels
logo
NXP Semiconductors
NE1619 PHILIPS-NE1619 Datasheet
167Kb / 2P
   Temperature and voltage monitor
August 2008
logo
SMSC Corporation
EMC1102 SMSC-EMC1102 Datasheet
333Kb / 3P
   SST Compliant Hardware Monitor with Two Temperature Channels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com