Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADT7486AARMZ-RL Datasheet(PDF) 11 Page - ON Semiconductor

Part # ADT7486AARMZ-RL
Description  Digital Temperature Sensor with SST Interface
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7486AARMZ-RL Datasheet(HTML) 11 Page - ON Semiconductor

Back Button ADT7486AARMZ-RL Datasheet HTML 6Page - ON Semiconductor ADT7486AARMZ-RL Datasheet HTML 7Page - ON Semiconductor ADT7486AARMZ-RL Datasheet HTML 8Page - ON Semiconductor ADT7486AARMZ-RL Datasheet HTML 9Page - ON Semiconductor ADT7486AARMZ-RL Datasheet HTML 10Page - ON Semiconductor ADT7486AARMZ-RL Datasheet HTML 11Page - ON Semiconductor ADT7486AARMZ-RL Datasheet HTML 12Page - ON Semiconductor ADT7486AARMZ-RL Datasheet HTML 13Page - ON Semiconductor ADT7486AARMZ-RL Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
ADT7484A/ADT7486A
http://onsemi.com
11
Temperature Offset
As CPUs run faster, it is more difficult to avoid high
frequency clocks when running the D1+ and D1− tracks
around a system board. Even when the recommended layout
guidelines are followed, there may still be temperature
errors, attributed to noise being coupled on to the D1+ and
D1− lines. High frequency noise generally has the effect of
producing temperature measurements that are consistently
too high by a specific amount. The ADT7484A/
ADT87486A have a temperature offset command code of
0xe0 through which a desired offset can be set. By doing a
one−time calibration of the system, the offset caused by
system board noise can be calculated and nulled by
specifying it in the ADT7484A/ADT7486A. The offset is
automatically added to every temperature measurement.
The maximum offset is
±128°C with 0.25°C resolution. The
offset format is the same as the temperature data format;
16−bit, twos complement notation, as shown in Table 8. The
offset should be programmed in little endian format, that is,
LSB before MSB. The offset value is also returned in little
endian format when read.
Application Schematics
Figure 17. ADT7484A Typical Application Schematic
VCC
VCC
1
GND
2
D1+
3
D1–
4
SST
8
ADD0
7
RESERVED
6
ADD1
5
ADT7484A
2N3904 OR CPU
THERMAL DIODE
SST
Figure 18. ADT7486A Typical Application Schematic
VCC
1
2
3
4
VCC
GND
D1+
D1–
D2+
5
10
9
8
7
RESERVED
ADD1
D2–
6
ADT7486A
CPU
THERMAL
DIODE
2N3904
NPN
SST
SST
ADD0
ORDERING INFORMATION
Device Order Number*
Branding
Package Option
Package Type
Shipping
ADT7484AARZ-REEL
R−8
SOIC−8 NB
2500 Tape & Reel
ADT7484AARZ-RL7
R−8
SOIC−8 NB
1000 Tape & Reel
ADT7484AARMZ-RL
T20
RM−8
8-Lead MSOP
3000 Tape & Reel
ADT7484AARMZ-R7
T20
RM−8
8-Lead MSOP
1000 Tape & Reel
ADT7486AARMZ-RL
T22
RM−10
10-Lead MSOP
3000 Tape & Reel
ADT7486AARMZ-R7
T22
RM−10
10-Lead MSOP
1000 Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
*These are Pb−Free packages.


Similar Part No. - ADT7486AARMZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7486AARMZ-REEL AD-ADT7486AARMZ-REEL Datasheet
413Kb / 16P
   Digital Temperature Sensor with SST Interface
REV. 0
ADT7486AARMZ-REEL7 AD-ADT7486AARMZ-REEL7 Datasheet
413Kb / 16P
   Digital Temperature Sensor with SST Interface
REV. 0
More results

Similar Description - ADT7486AARMZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7484A AD-ADT7484A Datasheet
413Kb / 16P
   Digital Temperature Sensor with SST Interface
REV. 0
ADT7485A AD-ADT7485A Datasheet
404Kb / 16P
   SST Digital Temperature Sensor and Voltage Monitor
REV. 0
ADT7488A AD-ADT7488A Datasheet
470Kb / 16P
   SST Digital Temperature Sensor and Voltage Monitor
REV. 0
logo
ON Semiconductor
ADT7488A ONSEMI-ADT7488A Datasheet
344Kb / 12P
   SST Digital Temperature Sensor and Voltage Monitor
December, 2009 ??Rev. 4
logo
Texas Instruments
TMP101NA-250G4 TI-TMP101NA-250G4 Datasheet
819Kb / 19P
[Old version datasheet]   Digital Temperature Sensor with I2C Interface
logo
Microchip Technology
TC72 MICROCHIP-TC72_11 Datasheet
605Kb / 28P
   Digital Temperature Sensor with SPI Interface
05/02/11
logo
Texas Instruments
TMP100-EP TI1-TMP100-EP Datasheet
633Kb / 22P
[Old version datasheet]   DIGITAL TEMPERATURE SENSOR WITH I2C INTERFACE
TMP101-Q1 TI1-TMP101-Q1 Datasheet
312Kb / 19P
[Old version datasheet]   DIGITAL TEMPERATURE SENSOR WITH I2C INTERFACE
logo
Microchip Technology
TC72 MICROCHIP-TC72 Datasheet
417Kb / 24P
   Digital Temperature Sensor with SPI??Interface
2002
logo
Texas Instruments
TMP100 TI-TMP100 Datasheet
221Kb / 10P
[Old version datasheet]   Digital Temperature Sensor with I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com