Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

08053F104K4U4A Datasheet(PDF) 3 Page - AVX Corporation

Part # 08053F104K4U4A
Description  X8R/X8L Dielectric
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

08053F104K4U4A Datasheet(HTML) 3 Page - AVX Corporation

  08053F104K4U4A Datasheet HTML 1Page - AVX Corporation 08053F104K4U4A Datasheet HTML 2Page - AVX Corporation 08053F104K4U4A Datasheet HTML 3Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
16
X8R/X8L Dielectric
Specifications and Test Methods
Parameter/Test
X8R/X8L Specification Limits
Measuring Conditions
Operating Temperature Range
-55ºC to +150ºC
Temperature Cycle Chamber
Capacitance
Within specified tolerance
Freq.: 1.0 kHz ± 10%
Dissipation Factor
≤ 2.5% for ≥ 50V DC rating
Voltage: 1.0Vrms ± .2V
≤ 3.5% for 25V DC and 16V DC rating
Insulation Resistance
100,000MΩ or 1000MΩ - μF,
Charge device with rated voltage for
whichever is less
120 ± 5 secs @ room temp/humidity
Charge device with 300% of rated voltage for
Dielectric Strength
No breakdown or visual defects
1-5 seconds, w/charge and discharge current
limited to 50 mA (max)
Note: Charge device with 150% of rated
voltage for 500V devices.
Appearance
No defects
Deflection: 2mm
Capacitance
Test Time: 30 seconds
Resistance to
Variation
≤ ±12%
Flexure
Dissipation
Meets Initial Values (As Above)
Stresses
Factor
Insulation
≥ Initial Value x 0.3
Resistance
Solderability
≥ 95% of each terminal should be covered
Dip device in eutectic solder at 230 ± 5ºC
with fresh solder
for 5.0 ± 0.5 seconds
Appearance
No defects, <25% leaching of either end terminal
Capacitance
Variation
≤ ±7.5%
Dip device in eutectic solder at 260ºC for 60
Dissipation
Meets Initial Values (As Above)
seconds. Store at room temperature for 24 ± 2
Resistance to
Factor
hours before measuring electrical properties.
Solder Heat
Insulation
Meets Initial Values (As Above)
Resistance
Dielectric
Meets Initial Values (As Above)
Strength
Appearance
No visual defects
Step 1: -55ºC ± 2º
30 ± 3 minutes
Capacitance
Variation
≤ ±7.5%
Step 2: Room Temp
≤ 3 minutes
Dissipation
Meets Initial Values (As Above)
Step 3: +125ºC ± 2º
30 ± 3 minutes
Thermal
Factor
Shock
Insulation
Meets Initial Values (As Above)
Step 4: Room Temp
≤ 3 minutes
Resistance
Dielectric
Meets Initial Values (As Above)
Repeat for 5 cycles and measure after
Strength
24 ± 2 hours at room temperature
Appearance
No visual defects
Capacitance
Variation
≤ ±12.5%
Dissipation
≤ Initial Value x 2.0 (See Above)
Load Life
Factor
Insulation
≥ Initial Value x 0.3 (See Above)
Resistance
Dielectric
Meets Initial Values (As Above)
Strength
Appearance
No visual defects
Capacitance
Variation
≤ ±12.5%
Load
Dissipation
≤ Initial Value x 2.0 (See Above)
Humidity
Factor
Insulation
≥ Initial Value x 0.3 (See Above)
Resistance
Dielectric
Meets Initial Values (As Above)
Strength
Charge device with 1.5 rated voltage (≤ 10V) in
test chamber set at 150ºC ± 2ºC
for 1000 hours (+48, -0)
Remove from test chamber and stabilize
at room temperature for 24 ± 2 hours
before measuring.
Store in a test chamber set at 85ºC ± 2ºC/
85% ± 5% relative humidity for 1000 hours
(+48, -0) with rated voltage applied.
Remove from chamber and stabilize at
room temperature and humidity for
24 ± 2 hours before measuring.
1mm/sec
90 mm


Similar Part No. - 08053F104K4U4A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
08053F104K4U4A AVX-08053F104K4U4A Datasheet
183Kb / 2P
   X8R Dielectric General Specifications
logo
Kyocera Kinseki Corpota...
08053F104K4U4A KSS-08053F104K4U4A Datasheet
339Kb / 5P
   Automotive MLCC
Rev 1
More results

Similar Description - 08053F104K4U4A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
06035F473KAZ2A AVX-06035F473KAZ2A Datasheet
183Kb / 2P
   X8R Dielectric General Specifications
logo
Kemet Corporation
C1210C106J8NAC KEMET-C1210C106J8NAC Datasheet
461Kb / 4P
   Surface Mount Ceramic Chip Capacitors X8L Dielectric
C1210C184K3HAC KEMET-C1210C184K3HAC Datasheet
337Kb / 4P
   Surface Mount Ceramic Chip Capacitors Ultra Stable X8R Dielectric
C410C105K3N5TA7200 KEMET-C410C105K3N5TA7200 Datasheet
2Mb / 9P
   Aximax, 400 Series, Axial, Conformally Coated, X8L Dielectric, 25 - 50 VDC (Commercial & Automotive Grade)
C430C225K3N5TA9170 KEMET-C430C225K3N5TA9170 Datasheet
59Kb / 1P
   AxiMax 400 Auto X8L HT150C, Ceramic, 2.2 uF, 10%, 25 V, X8L, AxiMax, Automotive Grade
C1210C225K3N1CAUTO KEMET-C1210C225K3N1CAUTO Datasheet
75Kb / 1P
   KPS SMD Auto X8L HT150C, Ceramic, Commercial Grade, 2.2 uF, 10%, 25 V, 1210-1, X8L
C1210C475M3N2CAUTO KEMET-C1210C475M3N2CAUTO Datasheet
77Kb / 1P
   KPS SMD Auto X8L HT150C, Ceramic, Commercial Grade, 4.7 uF, 20%, 25 V, 1210-2, X8L
C410C104K5N5TA9170 KEMET-C410C104K5N5TA9170 Datasheet
59Kb / 1P
   AxiMax 400 Auto X8L HT150C, Ceramic, 0.1 uF, 10%, 50 V, X8L, AxiMax, Automotive Grade
C410C154K5N5TA9170 KEMET-C410C154K5N5TA9170 Datasheet
59Kb / 1P
   AxiMax 400 Auto X8L HT150C, Ceramic, 0.15 uF, 10%, 50 V, X8L, AxiMax, Automotive Grade
C430C474K5N5TA9170 KEMET-C430C474K5N5TA9170 Datasheet
59Kb / 1P
   AxiMax 400 Auto X8L HT150C, Ceramic, 0.47 uF, 10%, 50 V, X8L, AxiMax, Automotive Grade
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com