Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMIS30660CANH2G Datasheet(PDF) 9 Page - ON Semiconductor

Part # AMIS30660CANH2G
Description  High Speed CAN Transceiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AMIS30660CANH2G Datasheet(HTML) 9 Page - ON Semiconductor

Back Button AMIS30660CANH2G Datasheet HTML 2Page - ON Semiconductor AMIS30660CANH2G Datasheet HTML 3Page - ON Semiconductor AMIS30660CANH2G Datasheet HTML 4Page - ON Semiconductor AMIS30660CANH2G Datasheet HTML 5Page - ON Semiconductor AMIS30660CANH2G Datasheet HTML 6Page - ON Semiconductor AMIS30660CANH2G Datasheet HTML 7Page - ON Semiconductor AMIS30660CANH2G Datasheet HTML 8Page - ON Semiconductor AMIS30660CANH2G Datasheet HTML 9Page - ON Semiconductor AMIS30660CANH2G Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
AMIS−30660
http://onsemi.com
9
DEVICE ORDERING INFORMATION
Part Number
Description
Temperature Range
Package Type
Shipping
AMIS30660CANH2G
HS CAN Transc. (5 V) (Matte Sn)
−40°C − 125°C
SOIC−8
(Pb−Free)
96 Tube / Tray
AMIS30660CANH2RG
HS CAN Transc. (5 V) (Matte Sn)
−40°C − 125°C
SOIC−8
(Pb−Free)
3000 / Tape & Reel
AMIS30660CANH6G
HS CAN Transc. (5 V) (NiPdAu)
−40°C − 125°C
SOIC−8
(Pb−Free)
96 Tube / Tray
AMIS30660CANH6RG
HS CAN Transc. (5 V) (NiPdAu)
−40°C − 125°C
SOIC−8
(Pb−Free)
3000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - AMIS30660CANH2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AMIS30660CANH2G ONSEMI-AMIS30660CANH2G Datasheet
141Kb / 10P
   High Speed CAN Transceiver
August, 2012 ??Rev. 10
AMIS30660CANH2G ONSEMI-AMIS30660CANH2G Datasheet
141Kb / 10P
   High Speed CAN Transceiver
August, 2012 ??Rev. 10
More results

Similar Description - AMIS30660CANH2G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE7250GVIO INFINEON-TLE7250GVIO_15 Datasheet
1Mb / 23P
   High Speed CAN Transceiver
Rev. 1.1, 2014-05-07
TLE9250 INFINEON-TLE9250 Datasheet
1Mb / 28P
   High Speed CAN Transceiver
Rev. 1.0 2017-08-09
TLE8250GVIO INFINEON-TLE8250GVIO_16 Datasheet
946Kb / 26P
   High Speed CAN-Transceiver
Rev. 1.11 2016-12-29
TLE8250G INFINEON-TLE8250G Datasheet
1Mb / 23P
   High Speed CAN-Transceiver
Rev. 1.0, 2010-06-02
IFX1050G INFINEON-IFX1050G Datasheet
1Mb / 15P
   High Speed CAN-Transceiver
Rev. 1.0, 2009-05-14
TLE7250GVIO INFINEON-TLE7250GVIO Datasheet
1Mb / 23P
   High Speed CAN Transceiver
Rev. 1.0, 2012-03-14
logo
NXP Semiconductors
TJA1057 NXP-TJA1057 Datasheet
223Kb / 25P
   High-speed CAN transceiver
Rev. 6-24 August 2017
TJR1441 NXP-TJR1441 Datasheet
354Kb / 31P
   High-speed CAN transceiver
logo
Microchip Technology
MCP2551 MICROCHIP-MCP2551 Datasheet
364Kb / 20P
   High-Speed CAN Transceiver
2002
logo
Infineon Technologies A...
IFX1050GVIO INFINEON-IFX1050GVIO Datasheet
1Mb / 19P
   High Speed CAN-Transceiver
Rev. 1.0, 2011-04-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com