Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMIS30660CANH2RG Datasheet(PDF) 3 Page - ON Semiconductor

Part # AMIS30660CANH2RG
Description  High Speed CAN Transceiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AMIS30660CANH2RG Datasheet(HTML) 3 Page - ON Semiconductor

  AMIS30660CANH2RG Datasheet HTML 1Page - ON Semiconductor AMIS30660CANH2RG Datasheet HTML 2Page - ON Semiconductor AMIS30660CANH2RG Datasheet HTML 3Page - ON Semiconductor AMIS30660CANH2RG Datasheet HTML 4Page - ON Semiconductor AMIS30660CANH2RG Datasheet HTML 5Page - ON Semiconductor AMIS30660CANH2RG Datasheet HTML 6Page - ON Semiconductor AMIS30660CANH2RG Datasheet HTML 7Page - ON Semiconductor AMIS30660CANH2RG Datasheet HTML 8Page - ON Semiconductor AMIS30660CANH2RG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
AMIS−30660
http://onsemi.com
3
Table 3. ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
Supply Voltage
−0.3
+7
V
VCANH
DC Voltage at Pin CANH
0 < VCC < 5.25 V;
No Time Limit
−45
+45
V
VCANL
DC Voltage at Pin CANL
0 < VCC < 5.25 V;
No Time Limit
−45
+45
V
VTxD
DC Voltage at Pin TxD
−0.3
VCC + 0.3
V
VRxD
DC Voltage at Pin RxD
−0.3
VCC + 0.3
V
VS
DC Voltage at Pin S
−0.3
VCC + 0.3
V
Vref
DC Voltage at Pin VREF
−0.3
VCC + 0.3
V
Vtran(CANH)
Transient Voltage at Pin CANH
(Note 2)
−150
+150
V
Vtran(CANL)
Transient Voltage at Pin CANL
(Note 2)
−150
+150
V
Vesd
Electrostatic Discharge Voltage at All Pins
(Note 3)
(Note 5)
−4
−500
+4
+500
kV
V
Latchup
Static Latchup at All Pins
(Note 4)
100
mA
Tstg
Storage Temperature
−55
+155
°C
Tamb
Ambient Temperature
−40
+125
°C
TJunc
Maximum Tunction Temperature
−40
+150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
2. Applied transient waveforms in accordance with ISO 7637 part 3, test pulses 1, 2, 3a, and 3b (see Figure 4).
3. Standardized human body model ESD pulses in accordance to MIL883 method 3015.7.
4. Static latch−up immunity: static latch−up protection level when tested according to EIA/JESD78.
5. Standardized charged device model ESD pulses when tested according to EOS/ESD DS5.3−1993.
Table 4. THERMAL CHARACTERISTICS
Symbol
Parameter
Conditions
Value
Unit
Rth(vj−a)
Thermal Resistance from Junction−to−Ambient in SOIC−8
Package
In Free Air
150
K/W
Rth(vj−s)
Thermal resistance from Junction−to−Substrate of Bare Die
In Free Air
45
K/W
AMIS−
30660
CANH
CANL
GND
RxD
TxD
Vref
2
1
3
45
6
7
8
PC20040918.2
VCC
S
CAN
controller
VBAT
5V−reg
IN
OUT
47 nF
60 W
60 W
CAN
BUS
47 nF
60 W
60 W
VCC
GND
Figure 2. Application Diagram


Similar Part No. - AMIS30660CANH2RG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AMIS30660CANH2RG ONSEMI-AMIS30660CANH2RG Datasheet
141Kb / 10P
   High Speed CAN Transceiver
August, 2012 ??Rev. 10
AMIS30660CANH2RG ONSEMI-AMIS30660CANH2RG Datasheet
141Kb / 10P
   High Speed CAN Transceiver
August, 2012 ??Rev. 10
More results

Similar Description - AMIS30660CANH2RG

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE7250GVIO INFINEON-TLE7250GVIO_15 Datasheet
1Mb / 23P
   High Speed CAN Transceiver
Rev. 1.1, 2014-05-07
TLE9250 INFINEON-TLE9250 Datasheet
1Mb / 28P
   High Speed CAN Transceiver
Rev. 1.0 2017-08-09
TLE8250GVIO INFINEON-TLE8250GVIO_16 Datasheet
946Kb / 26P
   High Speed CAN-Transceiver
Rev. 1.11 2016-12-29
TLE8250G INFINEON-TLE8250G Datasheet
1Mb / 23P
   High Speed CAN-Transceiver
Rev. 1.0, 2010-06-02
IFX1050G INFINEON-IFX1050G Datasheet
1Mb / 15P
   High Speed CAN-Transceiver
Rev. 1.0, 2009-05-14
TLE7250GVIO INFINEON-TLE7250GVIO Datasheet
1Mb / 23P
   High Speed CAN Transceiver
Rev. 1.0, 2012-03-14
logo
NXP Semiconductors
TJA1057 NXP-TJA1057 Datasheet
223Kb / 25P
   High-speed CAN transceiver
Rev. 6-24 August 2017
TJR1441 NXP-TJR1441 Datasheet
354Kb / 31P
   High-speed CAN transceiver
logo
Microchip Technology
MCP2551 MICROCHIP-MCP2551 Datasheet
364Kb / 20P
   High-Speed CAN Transceiver
2002
logo
Infineon Technologies A...
IFX1050GVIO INFINEON-IFX1050GVIO Datasheet
1Mb / 19P
   High Speed CAN-Transceiver
Rev. 1.0, 2011-04-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com